Part Number Hot Search : 
CHDTA MC3328 HCT05 74LVT 2A250 SMCJ11 DS106C2 57V64
Product Description
Full Text Search
  dvc Datasheet PDF File

For dvc Found Datasheets File :: 688    Search Time::2.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD74322 AD74322AAR AD74322AARU AD74322DAR AD74322DARU

AD[Analog Devices]
Part No. AD74322 AD74322AAR AD74322AARU AD74322DAR AD74322DARU
OCR Text ...TIONS Digital Video Camcorders (dvc) Portable Audio Devices (Walkman etc) Audio Processing Voice Processing Conference Phones General Purpose Analog I/O GENERAL DESCRIPTION CDIN CDOUT CCLK CLATCH Low Cost, Low Power Stereo Audio Analog ...
Description Low Cost, Low Power Stereo Audio Analog Front End

File Size 114.14K  /  20 Page

View it Online

Download Datasheet





    ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 ADP3309ART-3 ADP3309ART-33 ADP3309ART-36

AD[Analog Devices]
Analog Devices, Inc.
Part No. ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 ADP3309ART-3 ADP3309ART-33 ADP3309ART-36
OCR Text ...T-23 SOT-23 Marking Code DNC dvc DWC DPC DRC DSC IN GND SD ADP3309 TOP VIEW (Not to Scale) NC = NO CONNECT OUT ERR/NC *SOT = Surface Mount. Contact the factory for the availability of other output voltage options. Othe...
Description anyCAP?/a> 100 mA Low Dropout Linear Regulator
anyCAP⑩ 100 mA Low Dropout Linear Regulator
anyCAP 100 mA Low Dropout Linear Regulator
anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器

File Size 120.13K  /  8 Page

View it Online

Download Datasheet

    BU2500FV BU2501FV

Rohm Co., Ltd.
Part No. BU2500FV BU2501FV
OCR Text ...d. Applications CD-R, CD-RW, dvc, Digital camera and industrial equipment Features 1) High-performance 8bit 12-channel D/A converter adopting the R-2R system. 2) Output of each channel incorporates a Rail to Rail output type buffer am...
Description 8bit 12-channel D/A converter 82通道D / A转换

File Size 46.73K  /  4 Page

View it Online

Download Datasheet

    CXA2581 CXA2581N

Sony Corporation
Part No. CXA2581 CXA2581N
OCR Text ... VCC CEI VC FEI 17 14 dvc CE TE 30 29 28 27 26 25 24 23 22 21 20 19 18 16 1 LD 2 PD 3 EQ_IN 4 AC_SUM 5 GND 6 A 7 B 8 C 9 D 10 E 11 F 12 SW 13 D...
Description IC,CD-PLAYER PROCESSOR/CONTROLLER,BIPOLAR,SSOP,30PIN,PLASTIC
RF Signal Processor for CD Players

File Size 295.55K  /  22 Page

View it Online

Download Datasheet

    NJM2274 NJM2274R

NJRC[New Japan Radio]
Part No. NJM2274 NJM2274R
OCR Text ...em , which are Digital Camera , dvc and other video amplifier system. NJM2274R s PACKAGE OUTLINE s FEATURES q Low Operating Voltage 2.8 to 5.5V q Internal Y/C MIX Circuit q Y-input : Clamp C-input : Bias q Operating Current 9.3mA typ. at...
Description LOW POWER VIDEO AMPLIFIER WITH Y-C MIXER

File Size 29.96K  /  4 Page

View it Online

Download Datasheet

    NJM3770A NJM3770AD3 NJM3770AE2 NJM3770AFM2

NJRC[New Japan Radio]
Part No. NJM3770A NJM3770AD3 NJM3770AE2 NJM3770AFM2
OCR Text ...MM = 36 V Note 3, 4. Ta = +25C, dvc/dt 50 mV/s. 2.0 -0.4 400 240 70 -20 27 30 48 1.9 1.7 2.7 3.5 170 415 250 80 0.5 0.8 1.3 1.5 1.1 1.3 31 40 65 2.3 2.1 3.2 2.5 0.8 20 430 265 90 0.8 1.3 1.6 1.8 1.3 1.6 100 35 mA mA W W W W s C...
Description STEPPER MOTOR DRIVER

File Size 172.95K  /  10 Page

View it Online

Download Datasheet

    NJM3771 NJM3771D2 NJM3771E3 NJM3771FM2

NJRC[New Japan Radio]
Part No. NJM3771 NJM3771D2 NJM3771E3 NJM3771FM2
OCR Text ... 318 mA. Notes 2, 3. Ta = +25C, dvc/dt 50 mV/s. Note 3. 38 1.4 1.6 50 1.6 1.8 1.5 mA W W s Turn-off delay Logic Inputs Logic HIGH input voltage Logic LOW input voltage Logic HIGH input current Logic LOW input current Reference ...
Description DUAL STEPPER MOTOR DRIVER

File Size 169.33K  /  9 Page

View it Online

Download Datasheet

    NJM3772 NJM3772D2 NJM3772FM2

NJRC[New Japan Radio]
Part No. NJM3772 NJM3772D2 NJM3772FM2
OCR Text ...m. Notes 2, 3, 4, 5. TA = +25C, dvc/dt 50 mV/s, IM = 100 mA. Note 3. - 60 1.8 1.8 160 1.4 75 2.1 2.2 2.0 mA W W C s td VIH VIL IIH IIL VCH VCH,diff IC RR IR VI = 2.4 V VI = 0.4 V RC = 1 kohm, VR = 2.50 V RC = 1 kohm ...
Description DUAL STEPPER MOTOR DRIVER

File Size 162.15K  /  9 Page

View it Online

Download Datasheet

    NJM3773 NJM3773D2 NJM3773E3 NJM3773FM2

NJRC[New Japan Radio]
Part No. NJM3773 NJM3773D2 NJM3773E3 NJM3773FM2
OCR Text ...0 mA. Notes 2, 3, 4. TA = +25C, dvc/dt 50 mV/s, IM = 100 mA. Note 3. (one channel on). - 55 7 2.0 1.7 160 1.1 70 10 2.3 2.0 2.0 mA mA W W C s Thermal shutdown junction temperature Turn-off delay td Logic Inputs Logic HIGH in...
Description DUAL STEPPER MOTOR DRIVER

File Size 169.70K  /  9 Page

View it Online

Download Datasheet

    NJM3774 NJM3774D2 NJM3774FM2

NJRC[New Japan Radio]
Part No. NJM3774 NJM3774D2 NJM3774FM2
OCR Text ...0 mA. Notes 2, 3, 4. TA = +25C, dvc/dt 50 mV/s. IM = 100 mA. Note 3. - 60 2.6 2.6 160 1.4 75 2.9 2.9 2.0 mA W W C s td VIH VIL IIH IIL VCH VCH,diff IC RR IR VI = 2.4 V VI = 0.4 V RC = 1 kohm, VR = 2.50 V RC = 1 kohm ...
Description DUAL STEPPER MOTOR DRIVER

File Size 161.51K  /  9 Page

View it Online

Download Datasheet

For dvc Found Datasheets File :: 688    Search Time::2.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dvc

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.67794895172119