Part Number Hot Search : 
LC7232 D4SBS6 74LCX54 CAT51 CED6426 APC77165 82562G SL431
Product Description
Full Text Search
  dvb-if Datasheet PDF File

For dvb-if Found Datasheets File :: 665    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM3033

Broadcom Corporation.
ETC
Electronic Theatre Controls, Inc.
Part No. BCM3033
OCR Text ...tion that supports all data (DVB/DAVIC/IEEE802.14), Annex B II/ SCTE/DOCSISTM/EuroDOCSIS/IEEE 802.14), and Annex C (Japan) FEC Encoding ...IF PA LPF BCM3033 QAM Modulator Pentium(R) PC CLOCK DATA BCM3210 MAC PCI Interface PC...
Description QAMLink® Universal Modulator
QAMLINK UNIVERSAL MODULATOR QAMLINK通用调制

File Size 134.59K  /  2 Page

View it Online

Download Datasheet





    BCM3125

Broadcom Corporation.
ETC
Part No. BCM3125
OCR Text ...CableTM, DOCSIS/EuroDOCSIS, and DVB/DAVIC supporting physical layer requirements including out-of-band downstream channels (in-band and out-...IF interface to signal A/D converter Variable symbol rate QPSK receiver Digital demodulator, Nyquis...
Description QAMLink® Universal Set-Top Box Transceiver
UNIVERSAL TRANSMISSION SOLUTION

File Size 142.28K  /  2 Page

View it Online

Download Datasheet

    BCM3250

ETC
Broadcom Corporation.
Electronic Theatre Controls, Inc.
Part No. BCM3250
OCR Text .../D converter * DigiCipher II(R)/DVB/DAVIC FEC decoder Upstream QPSK/16-QAM transmitter * 0 - 65 MHz direct RF output * Programmable Starvue ...IF. The desired channel is then subsampled by a 6-bit A/D converter at a rate that is more than four...
Description QAMLink® Set-Top Box Single-Chip Front End
QAMLINK ADVANCED SER-TOP BOX SINGLE-CHIP FRONT-END

File Size 148.09K  /  2 Page

View it Online

Download Datasheet

    BCM3300 BCM3300KTB

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM3300 BCM3300KTB
OCR Text ... pre-equalization for DOCSIS or DVB/DAVIC applications, filters and modulates the data stream and provides a direct 0 - 65 MHz analog output. The MAC includes baseline privacy encryption and decryption, transmission convergence sub-layer...
Description BCM3300 QAMLINK SINGLE CHIP DOCSIS CABLE MODEM

File Size 125.97K  /  2 Page

View it Online

Download Datasheet

    BCM3440

ETC
Part No. BCM3440
OCR Text ... to support the full 1-45 Mbaud DVB operating range with support for 950 to 2150 MHz input frequencies. The BCM3440 is based on a direct con...IF AGCs. The BCM3440 uses a single 16-MHz crystal that it shares with the BCM4500 for reduced system...
Description DIRECT CONVERSION SATELLITE TUNER

File Size 104.65K  /  2 Page

View it Online

Download Datasheet

    BCM7038

Broadcom
ETC
Part No. BCM7038
OCR Text ...ions. The BCM7038 has an MPEG-2 DVB compliant transport processor with advanced section filtering capability, a DVB descrambler, dual MPEG2 ...IF demodulator receives its input from a 12-bit A/D converter. The video decoder uses this same 12-b...
Description Dual High-Definition Digital Video System-on-Chip Solution for Cable, Satellite, and DTV
DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV

File Size 383.79K  /  2 Page

View it Online

Download Datasheet

    BCM7100

Broadcom
ETC
Part No. BCM7100
OCR Text .../video subsystem * MPEG2/DC2/DVB transport * MPEG2/DC2 video decoder * MUSICAM/Dolby AC-3 audio decoder * Studio-quality text and graphic...IF input and a 10-bit ADC, a QPSK out-of-band demodulator with universal FEC and 6-bit ADC, and a bu...
Description Single-Chip Cable Set-Top Box System
SINGLE CHIP CABLE SET TOP BOX SYSTEM

File Size 147.02K  /  2 Page

View it Online

Download Datasheet

    PBL386202 PBL38620-2 PBL386202QNS PBL386202QNT PBL386202SHT PBL386202SOS PBL386202SOT PBL38620-2QNS PBL38620-2QNT PBL386

http://
Ericsson Microelectronics
ERICSSON[Ericsson]
Part No. PBL386202 PBL38620-2 PBL386202QNS PBL386202QNT PBL386202SHT PBL386202SOS PBL386202SOT PBL38620-2QNS PBL38620-2QNT PBL38620-2SHT PBL38620-2SOS PBL38620-2SOT
OCR Text ...reliability. 2. With the diodes DVB and DVB2 included, see figure 12. 3. RF1 and RF2 20 is also required. Pulse is applied to TIP and RING...if flowing into a pin. Parameter Ref fig Conditions Min Typ Max Unit Two-wire port Overload leve...
Description Subscriber Line Interface Circuit

File Size 134.37K  /  16 Page

View it Online

Download Datasheet

For dvb-if Found Datasheets File :: 665    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dvb-if

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.74240899086