|
|
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
Part No. |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-33 AMS1117-50 AMS1117CD AMS1117CD-15 AMS1117CD-18 AMS1117CD-25 AMS1117CD-285 AMS1117CD-33 AMS1117CD-50 AMS1117-B18 AMS1117CD-B18 AMS1117-285 AMSB1117-15 AMSB1117-18 AMSB1117-285 AMSB1117-33 AMSB1117-50 AMSB1117CD-15 AMSB1117CD-25 AMSB1117CD-285 AMSB1117CD-33 AMSB1117CD-50 AMS1117-1.5 AMS1117-1.8 AMS1117-2.5 AMS1117-2.85 AMS1117-3.3 AMS1117-5.0 AMS1117CD-1.5 AMS1117CD-1.8 AMS1117CD-2.5 AMS1117CD-2.85
|
Description |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA low dropout voltage REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
File Size |
65.17K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|
Part No. |
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-9571101MUA OM2990 OM2990-12N2M OM2990-12NKM OM2990-12NMM OM2990-12NTM OM2990-12SMM OM2990-12STM OM2990-5.2N2M OM2990-5.2NKM OM2990-5.2NMM OM2990-5.2NTM OM2990-5.2SMM OM2990-5.2STM OM2990-5N2M OM2990-5NKM OM2990-5NMM OM2990-5NTM OM2990-5SMM OM2990-5STM OM2990N2M OM2990NKM OM2990NMM OM2990NTM OM2990SMM OM2990-XNK OM2990-XNM OM2990-XST OM2990-5.2N2 OM2990-5.2NM OM2990-5.2NT OM2990-5.2SM OM2990-5.2SR OM2990-5N2 OM2990-5NK OM2990-5NM OM2990-5NT OM2990-5.2SRM OM2990-15SM OM2990-5SM OM2990-5SR OM2990-12NT OM2990-15STM OM2990-12SM OM2990-12SRM OM2990-15NM OM2990-15SRM OM2990-12N2 OM2990-12NK OM2990-12NM OM2990-15N2 OM2990-15NK OM2990-15NT OM2990-15STMPBF OM2990-15NTM OM2990-15N2M
|
Description |
Three Terminal, Fixed voltage, low dropout Negative voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V dropout, CQCC20 SC70/µDFN, Single/dual low-voltage, low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed voltage low dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V dropout, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/dual low-voltage, low-Power µP Reset Circuits Three Terminal, Fixed voltage, low dropout Negative voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
File Size |
69.33K /
6 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|