Part Number Hot Search : 
AR2210 AD1674B RN2010 PT100 1N5529 215S5 M4317 SCI0402S
Product Description
Full Text Search
  drum Datasheet PDF File

For drum Found Datasheets File :: 600    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. AC117A-40-22 AF117A-30-21 AC117A-27-31 AC115A-01-14 AC117A-02-43 AC119A-80-14 AF119A-87-44 AC115A-05-33 AC115A-06-13 AC119A-88-33 AC115A-02-24 AF117A-23-34 AC119A-67-13 AC117A-29-12 AC115A-07-21 AC115A-07-33 AC116A-00-11 AF119A-42-13 AC117A-42-13 AC117A-23-21 AC119A-03-11 AF117A-68-31 AF119A-23-31 AC119A-33-23 AC117A-50-34 AF117A-27-32 AC119A-36-13 AF117A-06-22 AF115A-02-12 AF117A-36-34 AF119A-85-21 AF119A-75-33 AC119A-85-21 AC115A-04-13 AC115A-04-34 AC119A-43-43 AF119A-65-31 AC115A-08-21
OCR Text ...ver 1,000,000 switchings of the drum. description the aeroflex / weinschel models 115a through 119a are a series of broadband, step attenuators in a right-angle drive configuration, where the center conductor of the connector is perpendicu...
Description 0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.6 dB INSERTION LOSS-MAX
0 MHz - 18000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX
0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.3 dB INSERTION LOSS-MAX
0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.5 dB INSERTION LOSS-MAX
0 MHz - 18000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX
0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.4 dB INSERTION LOSS-MAX
0 MHz - 18000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 0.7 dB INSERTION LOSS-MAX

File Size 155.04K  /  3 Page

View it Online

Download Datasheet





   
Part No. SMCD131AK2 SMCD131AKLS2
OCR Text ...r alloy standard colors housing,drum,printing 2 = black 3 = white 2,2,3 other special features are available upon request including: factory or customer set stops (10 digit models) l.e.d. illumination (transparent wheel) red digi...
Description THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 1A, 40VDC, PANEL MOUNT

File Size 114.89K  /  3 Page

View it Online

Download Datasheet

    AN3389SB AN3479

PANASONIC[Panasonic Semiconductor]
Panasonic Corporation
Part No. AN3389SB AN3479
OCR Text ...(Pin25) EP/SP input "L" (Pin25) drum FF input "H" (Pin23) drum FF input "L" (Pin23) SYNC input "H" (Pin22) SYNC input "L" (Pin22) PB CONT input "H" (Pin21) PB CONT input "M" (Pin21) PB CONT input "L" (Pin21) drum FF output "H" (Pin24) drum ...
Description VCR SignalLuminance/ Chroma and Normal Audio Signals Processing IC
Recording/Playback Amplifier IC for 4-Head VCR
LJT 5C 5#16 PIN RECP

File Size 125.02K  /  11 Page

View it Online

Download Datasheet

    SD-130175-003 1301750016 5FLR

Molex Electronics Ltd.
Part No. SD-130175-003 1301750016 5FLR
OCR Text ...ter Cable Length Cable Movement drum Lock Material - Housing Material - Wheel Mounting Style Packaging Type Travel Distance Weight Range Wire/Cable Type 2.38mm (.094") 2.40m (7.87' ) Constant Ratchet On/Off None Steel Steel Hanging Individu...
Description Aero-Motive Heavy Duty Retractors, Weight Range 1-5 lbs with Ratchet Lock

File Size 397.81K  /  3 Page

View it Online

Download Datasheet

    BU38703 BU38603 BU38803 A5800904

Rohm
Part No. BU38703 BU38603 BU38803 A5800904
OCR Text ...the processing required for the drum, capstan, FV and PV completely in software, allowing a large reduction in the number of external components required. They also contain high-performance linear amplifiers, eliminating the need for interf...
Description System control servo
From old datasheet system

File Size 76.63K  /  7 Page

View it Online

Download Datasheet

    CXP87132 CXP87140

SONY[Sony Corporation]
Part No. CXP87132 CXP87140
OCR Text ...asure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip. Also the CXP87132/87140 provides power on reset function, sle...
Description CMOS 8-bit Single Chip Microcomputer

File Size 393.91K  /  32 Page

View it Online

Download Datasheet

   
Part No. BD6903EFV-E2 BD6904FP-E1
OCR Text ... voltage [v] -25 25 75 fig.2 drum output high-side saturation voltage 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 output curr ent [a] output low voltage [v] 75 25 -25 bd6903efv 0 2 4 6 8 10 01 234 5 vcc [...
Description DISK DRIVE MOTOR CONTROLLER, 1 A, PDSO20
DISK DRIVE MOTOR CONTROLLER, 0.8 A, PDSO25

File Size 1,063.59K  /  17 Page

View it Online

Download Datasheet

    CXP88132 CXP88140

SONY[Sony Corporation]
Part No. CXP88132 CXP88140
OCR Text ...asure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip. Also, CXP88132/88140 provides sleep/ stop function which enab...
Description CMOS 8-bit Single Chip Microcomputer

File Size 477.19K  /  25 Page

View it Online

Download Datasheet

    CXP88152 CXP88160

SONY[Sony Corporation]
Part No. CXP88152 CXP88160
OCR Text ...asure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip. Also, CXP88152/88160 provides sleep/stop function which enabl...
Description CMOS 8-bit Single Chip Microcomputer

File Size 480.32K  /  25 Page

View it Online

Download Datasheet

    CXP881P60

SONY[Sony Corporation]
Part No. CXP881P60
OCR Text ...sures signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, PROM, RAM and I/O port. They are integrated into a single chip. Also, CXP881P60 provides sleep/stop function which enables t...
Description CMOS 8-bit Single Chip Microcomputer

File Size 369.80K  /  25 Page

View it Online

Download Datasheet

For drum Found Datasheets File :: 600    Search Time::1.079ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of drum

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1012878417969