Part Number Hot Search : 
LPC1764 AO7410L APM9948 CZRW5229 VTX5783B TSSOP AD2710 T72V24
Product Description
Full Text Search
  do-213ab Datasheet PDF File

For do-213ab Found Datasheets File :: 234    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Vishay
Part No. DO-214BA DO-214XX
OCR Text ...l (R) (R) (R) (R) (R) TYPE DO-213AA (MiniMELF) do-213ab (MELF) DO-204AC (DO-15) DO-214BA (GF1) do-213ab (MELF) DO-204AL (DO-41) DO-204AL (DO-41) DO-204AC (DO-15) GP20 GP20 V(BR) RANGE (V) 50 - 400 50 - 400 800 - 1000 50 - 200 50 - ...
Description Ultrafast Recovery Rectifiers

File Size 107.76K  /  2 Page

View it Online

Download Datasheet





    Shenzhen Luguang Electronic Technology Co., Ltd
Shenzhen Luguang Electr...
Part No. do-213ab SMS120 SMS130
OCR Text ...train relief ? case:jedec do-213ab,molded plastic over 1 111passi v ated chip ? low power loss,high effciency ? plastic package has underwriters laborator 111 flammability classification 94v-0 typical thermal resitance (no...
Description Surface Mount Schottky Barrier Rectifiers

File Size 200.02K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. do-213ab GL41B GL41A GL41D GL41G
OCR Text ...nded construction case: jedec do-213ab,molded plastic polarity: color band denotes cathode weight: 0.0046 ounces, 0.116 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single p...
Description Surface Mount Rectifiers

File Size 285.88K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. do-213ab
OCR Text ...0. 1 4. 9 0 . 2 2. 6 0 . 1 5 d1 do-213ab dimensions in millimeters fig. 1? ?~ fig. 1 ? derating curve for output rectifier current fig. 2 ? ?? fig. 2 ? maximum non ? repetitive peak forward ...
Description Fast Soft-Recovery Controlled Avalanche Rectifiers

File Size 181.57K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. do-213ab
OCR Text ...0.1 0.5 0.1 4.9 0.2 2.6 0.15 d1 do-213ab dimensions in millimeters http://www.luguang.cn mail:lge@luguang.cn rating and characteristic curves (sm5391 thru sm5399) sm5391-sm5399 rectifier specialists http:/...
Description Rectifier Specialists

File Size 314.22K  /  2 Page

View it Online

Download Datasheet

    Vishay Beyschlag
VISHAY SEMICONDUCTORS
Part No. GL41YHE3/97 BYM10-600-E3/96
OCR Text ...ication. mechanical data case: do-213ab, molded epoxy over glass body molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte...
Description 1 A, 1600 V, SILICON, SIGNAL DIODE, do-213ab ROHS COMPLIANT, PLASTIC PACKAGE-2
1 A, 600 V, SILICON, SIGNAL DIODE, do-213ab

File Size 86.86K  /  5 Page

View it Online

Download Datasheet

    TGL41-10 TGL41-100 TGL41-100A TGL41-10A TGL41-110 TGL41-12A TGL41-13A TGL41-15 TGL41-150 TGL41-160A TGL41-16A TGL41-18 T

MICROSEMI CORP-SCOTTSDALE
SEMIKRON
Microsemi, Corp.
MICROSEMI[Microsemi Corporation]
Part No. TGL41-10 TGL41-100 TGL41-100A TGL41-10A TGL41-110 TGL41-12A TGL41-13A TGL41-15 TGL41-150 TGL41-160A TGL41-16A TGL41-18 TGL41-180 TGL41-180A TGL41-200 TGL41-20A TGL41-27 TGL41-30 TGL41-33A TGL41-36 TGL41-56 TGL41-56CA TGL41-62A TGL41-68 TGL41-68A TGL41-75A TGL41-82A TGL41-9.1A TGL41-91 TGL41-200A TGL41-100C TGL41-11 TGL41-100CA TGL41-51 TGL41-51CA TGL41-56A TGL41-10C TGL41-91CA TGL41-10CA TGL41-110A TGL41-110C TGL41-110CA TGL41-11A TGL41-11C TGL41-11CA TGL41-12 TGL41-120 TGL41-120A TGL41-120C TGL41-120CA TGL41-12C TGL41-12CA TGL41-13 TGL41-130 TGL41-130A TGL41-130C TGL41-130CA TGL41-13C TGL41-13CA TGL41-150A TGL41-150C TGL41-150CA TGL41-15A TGL41-15C TGL41-15CA TGL41-16 TGL41-160 TGL41-160C TGL41-160CA TGL41-16C TGL41-170 TGL41-170A TGL41-170C TGL41-170CA TGL41-180C TGL41-180CA TGL41-18A TGL41-18C TGL41-18CA TGL41-20 TGL41-200C TGL41-200CA TGL41-20C TGL41-20CA TGL41-22 TGL41-22A TGL41-22C TGL41-22CA TGL41-24 TGL41-24A TGL41-24C TGL41-24CA TGL41-27A TGL41-27C TGL41-27CA TGL41-30A TGL41-30C TGL41-30CA TGL41-33 TGL41-33C TGL41-33CA TGL41-36A TGL41-36C TGL41-36CA TGL41-39 TGL41-39A TGL41-39CA TGL41-43 TGL41-43A TGL41-43C TGL41-43CA TGL41-47 TGL41-47A TGL41-47C TGL41-47CA TGL41-51A TGL41
OCR Text ...r (PPP) in the industry for the do-213ab size MELF package. These PPP levels offer protection from switching transients, induced RF, secondary lightning, as well as ESD or EFT where these devices are also compliant to IEC61000-4-2 and IEC61...
Description 350 Watt 5V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000
USB TO PS2 FLASHABLE USER CABLE
Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar Power TO220 PNP 2A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
TVS Single Line Low Capacitance 5V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
5 Line Transient Voltage Suppressor Array; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
500 Watt Transient Voltage Suppressor 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
500 Watt Transient Voltage Suppressor 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar Power TO220 NPN 8A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
6 SERVSWITCH DT-SERIES CPU CABLE 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar T0220 NPN 4A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar Power TO220 PNP 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
500 W Transient Voltage Suppressor 12 V MiniMOSORB Unidirectional; Package: Axial Lead 7.60x3.60mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar Power TO220 NPN 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, do-213ab
Bipolar Power TO220 PNP 5A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50
Bipolar Power TO220 NPN 5A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50
USB TO PS2 NONFLASHABLE USER CABLE
Adjustable 2.5-36V /-1% Tolerance 1-100mA Shunt Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000
CAT 6 BLADE SERVER PATCH CABLE 10 WHT
DB9 TO 6-PIN MINI-DIN ADAPTER, FF
DB9 TO 6-PIN MINI-DIN ADAPTER MM
CAT 6 BLADE SERVER PATCH CABLE 7 WHT
Bipolar Power TO220 NPN 1A 250V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50
CAT5E PATCH CORD 100MHZ 5 FOOT BLACK
Bipolar Power TO218 NPN 10A 100V; Package: SOT-93 (T0-218) 4 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 30
350 Watt 24V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000
200W Transient Voltage Suppressor 51V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000
5 Line Transient Voltage Suppressor Array; Package: TSOP-6; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000
200W Transient Voltage Suppressor 7.0V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000
200W Transient Voltage Suppressor 17V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000
Internally Compensated Dual Low Noise Operational Amplifier - Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
CAT5E PATCH CORD 6 FOOT BLACK
Pulse Width Modulator Control Circuit; Package: SO-16 WB; No of Pins: 16; Container: Tube; Qty per Container: 47
High Output Current 5-40V Dual Channel Operational Amplifier - Pb-free; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25
Universal Motor Controller; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 1
High Output Current 5-40V Dual Channel Operational Amplifier for Applications with Inductive Loading - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50
Bipolar Power TO220 PNP 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50
Bipolar Power TO220 NPN 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50
From old datasheet system

File Size 185.44K  /  4 Page

View it Online

Download Datasheet

    BYM13-40-E3/96 BYM13-40-E3/97 GL41-40-E3/97 SGL41-40-E3/96 BYM13-30-HE3/96 BYM13-60-HE3/96 BYM13-30-HE3/97

Vishay Beyschlag
Seme LAB
Part No. BYM13-40-E3/96 BYM13-40-E3/97 GL41-40-E3/97 SGL41-40-E3/96 BYM13-30-HE3/96 BYM13-60-HE3/96 BYM13-30-HE3/97
OCR Text ...STD-020C, LF max peak of 250 C do-213ab * Solder Dip 260 C, 40 seconds * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc convert...
Description 1 A, 60 V, SILICON, SIGNAL DIODE, do-213ab ROHS COMPLIANT, PLASTIC, MELF-2
1 A, 30 V, SILICON, SIGNAL DIODE, do-213ab ROHS COMPLIANT, PLASTIC, MELF-2
Surface Mount Schottky Barrier Rectifier

File Size 78.87K  /  4 Page

View it Online

Download Datasheet

    GL41G GL41A GL41B GL41D

TAITRON Components Incorporated
Part No. GL41G GL41A GL41B GL41D
OCR Text ...ounting Position: Weight: JEDEC do-213ab molded plastic Plated terminals, solderable per MIL-STD-750, Method 2026 Any 0.005 Ounce,0.15 gram MELF (do-213ab) Maximum Ratings & Electrical Characteristics (Tamb = 25C unless otherwise spec...
Description 1.0A Surface Mount Glass Passivated Rectifier

File Size 241.90K  /  6 Page

View it Online

Download Datasheet

    EGL41D-E3_96 EGL41D-E3_97 BYM12-100 BYM12-150 BYM12-200 BYM12-300 BYM12-400 BYM12-50 EGL41B EGL41DHE3_96 EGL41DHE3_97 EG

Vishay Siliconix
Part No. EGL41D-E3_96 EGL41D-E3_97 BYM12-100 BYM12-150 BYM12-200 BYM12-300 BYM12-400 BYM12-50 EGL41B EGL41DHE3_96 EGL41DHE3_97 EGL41DHE3/96 EGL41DHE3/97 EGL41D-E3/96 EGL41A EGL41C EGL41D-E3/97 EGL41E EGL41F EGL41G
OCR Text ...mbly to Patent No. 3,930,306 do-213ab (GL41) MECHANICAL DATA Case: do-213ab, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix f...
Description Surface Mount Glass Passivated Ultrafast Rectifier

File Size 105.15K  /  4 Page

View it Online

Download Datasheet

For do-213ab Found Datasheets File :: 234    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of do-213ab

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.9275918006897