Part Number Hot Search : 
MT1210 AT17F16 NCP699S 2N427 CT245 AD724 NM60N BCD07
Product Description
Full Text Search
  do-200 Datasheet PDF File

For do-200 Found Datasheets File :: 58103    Search Time::1.954ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MITEQ INC
Part No. DLP--200-FREQ-3-20P-DO
OCR Text ...larm dual output unit (do) wn-177678c 11/19/2007 outline d r a wings dlp series sma female 1.075 1.35 4-40 x 0.20 deep mounting holes ( typ. 3 places ) d connec t o r pinouts pin function 1 +voltage 2vco ? voltage 3alar...
Description CRO, 200 MHz - 3200 MHz

File Size 96.03K  /  3 Page

View it Online

Download Datasheet





    SBYV27-200-E3_54 SBYV27-200-E3_73 SBYV27-5007 SBYV27-200-E3/54 SBYV27-200-E3/73

Vishay Siliconix
Part No. SBYV27-200-E3_54 SBYV27-200-E3_73 SBYV27-5007 SBYV27-200-E3/54 SBYV27-200-E3/73
OCR Text ... High forward surge capability DO-204AC (DO-15) * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/E...200 V 50 A 15 ns 0.88 V 150 C MAXIMUM RATINGS (TA = 25 C unless otherwise noted) PARAMETER Maxim...
Description Soft Recovery Ultrafast Plastic Rectifier

File Size 93.67K  /  4 Page

View it Online

Download Datasheet

    200-25254-102

List of Unclassifed Manufacturers
Part No. 200-25254-102
OCR Text ... cat d3 per section 4.0 of rtca/do-160g maximum working load ? 465 lbf (207 dan) operational shock ? 6g 11ms ? sine shock pulse (3 shocks in all 6 directions) crash safety impulse ? 15g 11ms ? sine shock pulse (1 shock in all 6 direct...
Description Advanced Thumbscrew Hold-Down

File Size 615.57K  /  2 Page

View it Online

Download Datasheet

    MB88151APNF-G-200-JNE1 MB88151APNF-G-200-JNEFE1 MB88151APNF-G-200-JNERE1 MB88151APNF-G-201-JNE1 MB88151APNF-G-201-JNEFE1

Fujitsu Component Limited.
Part No. MB88151APNF-G-200-JNE1 MB88151APNF-G-200-JNEFE1 MB88151APNF-G-200-JNERE1 MB88151APNF-G-201-JNE1 MB88151APNF-G-201-JNEFE1 MB88151APNF-G-201-JNERE1 MB88151APNF-G-100-JNERE1 MB88151APNF-G-101-JNERE1 MB88151APNF-G-400-JNERE1 MB88151APNF-G-401-JNERE1 MB88151APNF-G-500-JNERE1 MB88151APNF-G-501-JNERE1 MB88151APNF-G-800-JNERE1 MB88151APNF-G-801-JNERE1 MB88151APNF-G-100-JNE1 MB88151APNF-G-100-JNEFE1 MB88151APNF-G-101-JNE1 MB88151APNF-G-101-JNEFE1 MB88151A-500 MB88151A-501 MB88151APNF-G-401-JNEFE1 MB88151APNF-G-801-JNEFE1 MB88151APNF-G-801-JNE1 MB88151APNF-G-800-JNEFE1 MB88151APNF-G-800-JNE1 MB88151APNF-G-400-JNE1 MB88151APNF-G-401-JNE1 MB88151APNF-G-400-JNEFE1 MB88151APNF-G-500-JNEFE1 MB88151APNF-G-500-JNE1 MB88151A-800 MB88151A-801 MB88151A-400 MB88151APNF-G-501-JNE1 MB88151APNF-G-501-JNEFE1 MB88151A-100 MB88151A-200 MB88151A-201
OCR Text ...um rating. Handling unused pins Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or pull-...200/400/500/800) ENS Modulation L H No modulation Modulation Note : Spectrum does not spread when...
Description Spread Spectrum Clock Generator

File Size 337.60K  /  22 Page

View it Online

Download Datasheet

    STMicroelectronics N.V.
ST Microelectronics
Part No. BYW100-200 BYW100-200RL
OCR Text ...r users conditions. s s s s DO-15 BYW100-200 DESCRIPTION Low voltage drop and rectifier suited for switching mode base drive and transistor circuits. ABSOLUTE RATINGS (limiting values) Symbol VRRM IFRM IF(AV) IFSM Tstg Tj TL Param...
Description Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE

File Size 38.24K  /  5 Page

View it Online

Download Datasheet

    STMicro
Part No. BYW98-200 3390
OCR Text ... = 0.5 tp = 10ms Sinusoidal DO-201AD (Plastic) Value 200 110 3 70 - 65 to + 150 150 230 Unit V A A A C C C * On infinite heatsink with 10mm lead length. July 1999 - Ed: 4C 1/5 BYW98-200 THERMAL RESISTANCE Symbol Rth (...
Description HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
From old datasheet system

File Size 50.39K  /  5 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. ZGL41-200-E3/75
OCR Text ...cations. mechanical data case: do-213ab (gl41) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per...200 v p d 1.0 w i r 1.0 a t j max. 150 c maximum ratings (t a = 25 c unless otherwise noted) par...
Description 200 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB

File Size 81.94K  /  4 Page

View it Online

Download Datasheet

    D161-200 D161-200X

Naina Semiconductor ltd.
Part No. D161-200 D161-200X
OCR Text ...n normal and reverse polarity do- 205aa (do c, unless otherwise noted) values units maximum avg. forward current @ t e = 200 a maximum peak forward voltage drop 1.4 v rep) 4000 a 11000 a rep) for 5 to 92500 a 2 sec ...
Description Standard Recovery Diodes (Stud and Flat Base Type)

File Size 101.55K  /  2 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. BY229-200-E3
OCR Text ...ounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) pulse...200 by229- 400 by229- 600 by229- 800 unit maximum instantaneous forward voltage at 20 a (4) ...
Description 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC
DIODE 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC, LEAD FREE, PLASTIC PACKAGE-2, Rectifier Diode

File Size 161.54K  /  5 Page

View it Online

Download Datasheet

    BY229B-200 BY229X-200 BY229X-400 BY229B-800-E3/81 BY229-800 BY229B-400 BY229B-600 BY229X-600 BY229X-800 BY229-200 BY229-

Vishay Siliconix
Vishay Beyschlag
Part No. BY229B-200 BY229X-200 BY229X-400 BY229B-800-E3/81 BY229-800 BY229B-400 BY229B-600 BY229X-600 BY229X-800 BY229-200 BY229-400 BY229-600
OCR Text ...experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not de...
Description Fast Switching Plastic Rectifier
8 A, 800 V, SILICON, RECTIFIER DIODE, TO-263AB ROHS COMPLIANT, PLASTIC PACKAGE-3

File Size 129.75K  /  5 Page

View it Online

Download Datasheet

For do-200 Found Datasheets File :: 58103    Search Time::1.954ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of do-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.673015832901