|
|
|
MILL-MAX MFG CORP
|
Part No. |
9225-0-15-80-10-27-10-0
|
OCR Text |
... to our knowledge, our products do not contain the substances described on the echa svhc list. testing is not performed for materials and substances that were not intentionally added. no warranty, liability of indemnification is expressed o... |
Description |
BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
File Size |
124.82K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
SAMTEC INC
|
Part No. |
FSI-105-10-STL-D FSI-140-06-LM-D-M FSI-140-06-S-D-E FSI-110-10-SM-D-E
|
OCR Text |
...te tin on tail (use c-133-xx-s) do not scale from this print fsi-1xx-xx-xxx-d-x-xx-xx no. of positions body height row specification alignme...10 body: use fsi-xx-10-d-xx-x) threaded: -10, -20, -25, -30, -40, -50 non-threaded: -05 thru -50 ... |
Description |
5 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT 40 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT 10 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
File Size |
535.44K /
3 Page |
View
it Online |
Download Datasheet |
|
|
|
MICROSEMI CORP-SCOTTSDALE SEMIKRON Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
Part No. |
TGL41-10 TGL41-100 TGL41-100A TGL41-10A TGL41-110 TGL41-12A TGL41-13A TGL41-15 TGL41-150 TGL41-160A TGL41-16A TGL41-18 TGL41-180 TGL41-180A TGL41-200 TGL41-20A TGL41-27 TGL41-30 TGL41-33A TGL41-36 TGL41-56 TGL41-56CA TGL41-62A TGL41-68 TGL41-68A TGL41-75A TGL41-82A TGL41-9.1A TGL41-91 TGL41-200A TGL41-100C TGL41-11 TGL41-100CA TGL41-51 TGL41-51CA TGL41-56A TGL41-10C TGL41-91CA TGL41-10CA TGL41-110A TGL41-110C TGL41-110CA TGL41-11A TGL41-11C TGL41-11CA TGL41-12 TGL41-120 TGL41-120A TGL41-120C TGL41-120CA TGL41-12C TGL41-12CA TGL41-13 TGL41-130 TGL41-130A TGL41-130C TGL41-130CA TGL41-13C TGL41-13CA TGL41-150A TGL41-150C TGL41-150CA TGL41-15A TGL41-15C TGL41-15CA TGL41-16 TGL41-160 TGL41-160C TGL41-160CA TGL41-16C TGL41-170 TGL41-170A TGL41-170C TGL41-170CA TGL41-180C TGL41-180CA TGL41-18A TGL41-18C TGL41-18CA TGL41-20 TGL41-200C TGL41-200CA TGL41-20C TGL41-20CA TGL41-22 TGL41-22A TGL41-22C TGL41-22CA TGL41-24 TGL41-24A TGL41-24C TGL41-24CA TGL41-27A TGL41-27C TGL41-27CA TGL41-30A TGL41-30C TGL41-30CA TGL41-33 TGL41-33C TGL41-33CA TGL41-36A TGL41-36C TGL41-36CA TGL41-39 TGL41-39A TGL41-39CA TGL41-43 TGL41-43A TGL41-43C TGL41-43CA TGL41-47 TGL41-47A TGL41-47C TGL41-47CA TGL41-51A TGL41
|
OCR Text |
...r (PPP) in the industry for the DO-213AB size MELF package. These PPP levels offer protection from switching transients, induced RF, seconda...10/1000 s waveform see Table 1 (Note 1) Steady-State Power Dissipation, P (AV) - 3.0W (Note 2, 4) Op... |
Description |
350 Watt 5V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 USB TO PS2 FLASHABLE USER CABLE Adjustable 2.5-36V /- 1% Tolerance 1-100mA Shunt Regulator - PB Free; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 2A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB TVS Single Line Low Capacitance 5V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 5 Line Transient Voltage Suppressor Array; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 Watt Transient Voltage Suppressor 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 Watt Transient Voltage Suppressor 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 NPN 8A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 6 SERVSWITCH DT-SERIES CPU CABLE 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar T0220 NPN 4A 100V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 500 W Transient Voltage Suppressor 12 V MiniMOSORB Unidirectional; Package: Axial Lead 7.60x3.60mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 NPN 3A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Bipolar Power TO220 PNP 5A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Bipolar Power TO220 NPN 5A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 USB TO PS2 NONFLASHABLE USER CABLE Adjustable 2.5-36V /-1% Tolerance 1-100mA Shunt Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 CAT 6 BLADE SERVER PATCH CABLE 10 WHT DB9 TO 6-PIN MINI-DIN ADAPTER, FF DB9 TO 6-PIN MINI-DIN ADAPTER MM CAT 6 BLADE SERVER PATCH CABLE 7 WHT Bipolar Power TO220 NPN 1A 250V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 CAT5E PATCH CORD 100MHZ 5 FOOT BLACK Bipolar Power TO218 NPN 10A 100V; Package: SOT-93 (T0-218) 4 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 30 350 Watt 24V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 51V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 5 Line Transient Voltage Suppressor Array; Package: TSOP-6; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 7.0V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 200W Transient Voltage Suppressor 17V SOD-123FL Unidirectional; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 Internally Compensated Dual Low Noise Operational Amplifier - Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 CAT5E PATCH CORD 6 FOOT BLACK Pulse Width Modulator Control Circuit; Package: SO-16 WB; No of Pins: 16; Container: Tube; Qty per Container: 47 High Output Current 5-40V Dual Channel Operational Amplifier - Pb-free; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Universal Motor Controller; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 1 High Output Current 5-40V Dual Channel Operational Amplifier for Applications with Inductive Loading - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 Bipolar Power TO220 PNP 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Bipolar Power TO220 NPN 2A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 From old datasheet system
|
File Size |
185.44K /
4 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|