Part Number Hot Search : 
78RB12T CY30700 2SK2788 SB120 BP60070 RL157G PMBS3904 MG200
Product Description
Full Text Search
  dn2540 Datasheet PDF File

For dn2540 Found Datasheets File :: 11    Search Time::4.875ms    
Page :: | <1> | 2 |   

    SUTEX[Supertex, Inc]
SUTEX[Supertex Inc]
Part No. dn2540 dn2540N3 dn2540N5 dn2540N8 DN2535N5 DN2535 DN2535N3
OCR Text dn2540 N-Channel Depletion-Mode Vertical DMOS FETs Ordering Information BVDSX / BVDGX 350V 400V * Same as SOT-89. RDS(ON) (max) 25 25 IDSS (min) 150mA 150mA Order Number / Package TO-92 DN2535N3 dn2540N3 TO-220 DN2535N5 dn2540N5 TO-243AA*...
Description N-Channel Depletion-Mode Vertical DMOS FETs

File Size 82.98K  /  4 Page

View it Online

Download Datasheet





    DN2540N3-G DN2540N5-G DN2540N8-G DN254007

Supertex, Inc
Part No. dn2540N3-G dn2540N5-G dn2540N8-G dn254007
OCR Text dn2540 N-Channel Depletion-Mode Vertical DMOS FETs Features High input impedance Low input capacitance Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage General Description The Su...
Description N-Channel Depletion-Mode Vertical DMOS FETs

File Size 811.23K  /  8 Page

View it Online

Download Datasheet

    Supertex Inc
Part No. 2N2535N5 2N2535N3 2N2540N3 2N2540N5 2N2540N8 DN2535N3
OCR Text ...on the supertex website. dn2535 dn2540 advanced dmos technology not recommended for new designs. for products in to-92 (n3) package and to-243aa (n8) package, please use dn3535 or dn3545 instead. these low threshold depletion-mode (normally...
Description 350V N-channel depletion - Mode vertical DMOS FET
400V N-channel depletion - Mode vertical DMOS FET
N-Channel Depletion-Mode Vertical DMOS FETs

File Size 86.50K  /  4 Page

View it Online

Download Datasheet

    SUPERTEX INC
Part No. dn2540N3P003
OCR Text dn2540 features high input impedance low input capacitance fast switching speeds low on resistance free from secondary breakdown low input and output leakage applications normally-on switches solid state relays converters linear ampli? ers...
Description 120 mA, 400 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92

File Size 542.67K  /  6 Page

View it Online

Download Datasheet

    EVAL-AD421EB

Analog Devices
Part No. EVAL-AD421EB
OCR Text ...ng with the AD421, are a DN2535/dn2540, an N-Channel depletion mode FET which is used as part of the regulator loop to regulate the supply for the board from the externally supplied loop voltage applied between the loop(+) and loop (-) inpu...
Description Evaluation Board for Loop Powered 4-20mA DAC

File Size 220.35K  /  7 Page

View it Online

Download Datasheet

    Supertex, Inc.
Part No. dn2540N8-G dn2540N3-G dn2540N5-G
OCR Text dn2540 features high input impedance low input capacitance fast switching speeds low on resistance free from secondary breakdown low input and output leakage applications normally-on switches solid state relays converters linear ampli? ers...
Description N-Channel Depletion-Mode Vertical DMOS FETs

File Size 812.37K  /  8 Page

View it Online

Download Datasheet

    LR64507 LR645N8-G LR645N3-G LR645N5-G LR645N8 LR645LG-G

Supertex, Inc.
Part No. LR64507 LR645N8-G LR645N3-G LR645N5-G LR645N8 LR645LG-G
OCR Text ...rtex 400V depletion-mode MOSFET dn2540. The maximum operating input voltage will be limited by the drainto-source breakdown voltage of the external MOSFET, but cannot exceed the 450V rating of the LR645. The output voltage can be adjusted f...
Description High Input Voltage SMPS Start-up / Linear Regulator

File Size 804.77K  /  9 Page

View it Online

Download Datasheet

    LR645 LR645LG LR645N3 LR645N5 LR645ND LR645N8

Supertex Inc
SUTEX[Supertex, Inc]
Part No. LR645 LR645LG LR645N3 LR645N5 LR645ND LR645N8
OCR Text ...rtex 400V depletion-mode MOSFET dn2540. The maximum operating input voltage will be limited by the drain-to-source breakdown voltage of the external MOSFET, but cannot exceed the 450V rating of LR6. The output voltage can be adjusted from 8...
Description From old datasheet system
High Input Voltage SMPS Start-up / Linear Regulator

File Size 319.59K  /  4 Page

View it Online

Download Datasheet

For dn2540 Found Datasheets File :: 11    Search Time::4.875ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dn2540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1976180076599