Part Number Hot Search : 
H11D2300 BD790 GLLM317 K2610 DM9161 HT27C512 D780076 DWR2G
Product Description
Full Text Search
  distances Datasheet PDF File

For distances Found Datasheets File :: 2016    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RHOPOINT[RHOPOINT COMPONENTS]
List of Unclassifed Man...
Part No. D5452M D5000M D5111M D5112M D5121M D5122M D5131M D5132M D5141M D5142M D5151M D5152M D5251M D5252M D5311M D5312M D5321M D5322M D5331M D5332M D5341M D5342M D5451M
OCR Text ...te at high data rates over long distances. RS485 receivers can handle common mode voltages from -7 to +12V without loss of data, making them ideal for transmission over great distances. Since an RS-485 system cannot transmit and receive at ...
Description    Modbus RTU or DGH ASCII communications protocol
FOUR CHANNEL SENSOR TO COMPUTER INTERFACE MODULES

File Size 48.68K  /  4 Page

View it Online

Download Datasheet





    ASTEC[Astec America, Inc]
Part No. LPX-40
OCR Text ...n safety creepage and clearance distances. Ensure base is firmly connected to supply earth via the earth stud marked . When using this enclosure, ensure that relevant safety standards (e.g., EN60950) are complied with, in respect to creepag...
Description Cover Enclosure Kit

File Size 144.52K  /  1 Page

View it Online

Download Datasheet

    IBM Microeletronics
Part No. IBM42P21LNYAA10
OCR Text ...is- sion over optical fibers at distances up to 550m at 1.0625gb/s and 300m at 2.125gb/s. a 50/125 m m multimode optical fiber, terminated with an industry standard lc connector, is the preferred medium. (a 62.5/125 m m multimode fiber can ...
Description 1x Fibre Channel Small Form Factor Hot-Pluggable Transceiver(1x?????氦???灏??寮??甯????????)

File Size 187.86K  /  34 Page

View it Online

Download Datasheet

    TRIQUINT[TriQuint Semiconductor]
Part No. TQ9303
OCR Text ...cations. Fibre Channel supports distances up to 10 Km at baud rates of 132.8125 Mbaud to 1.0625 Gbaud. Coax and STP (Shielded Twisted Pair) are used at lower data rates and shorter distances, while fiber-optic cables are used for higher dat...
Description Fibre Channel Encoder/Decoder

File Size 348.88K  /  25 Page

View it Online

Download Datasheet

    ZETEX[Zetex Semiconductors]
Part No. ZMX40MT8TC ZMX40M ZMX40MT8TA
OCR Text ...ne tool applications to resolve distances down to 30m. By comparing the two outputs and adding some hysteresis, a large-geometry magnetic tape reader (for example for a magnetic tape ruler) can be made. By combining both bridge outputs a cu...
Description DUAL MAGNETIC FIELD SENSOR

File Size 454.16K  /  8 Page

View it Online

Download Datasheet

    E2K-C25MY1 E2K-C25MY2 E2-KC25MF1 E2K-C25ME1 E2K-C25ME2 E2K-C25MF2

Omron Electronics LLC
Part No. E2K-C25MY1 E2K-C25MY2 E2-KC25MF1 E2K-C25ME1 E2K-C25ME2 E2K-C25MF2
OCR Text ...ual Accessories * The set distances are sensing distances applicable to standard sensing objects. Refer to Engineering Data for sensing distances applicable to other types of objects. E2K-C E-75 Characteristic data (typical) ...
Description Long-distance capacitive proximity sensor

File Size 119.47K  /  6 Page

View it Online

Download Datasheet

    OPB720B-06Z OPB720B-12Z OPB720B-30VZ OPB720A-06Z OPB720B

OPTEK Technologies
Optek Technology
Part No. OPB720B-06Z OPB720B-12Z OPB720B-30VZ OPB720A-06Z OPB720B
OCR Text ...e standard reflective switching distances -06Z for typically 6" (152 mm), -12Z for typically 12" (305 mm) and -30VZ for typically 30" (762 mm). The power supply voltage range of the OPB720A series is 10 to 30 volts while the power supply vo...
Description Long Distance Reflective Switch

File Size 302.49K  /  5 Page

View it Online

Download Datasheet

    TXM-433-LR RXM-433-LR RXM-418-LR TXM-315-LR RXM-315-LR TXM-418-LR

List of Unclassifed Manufacturers
ETC
Part No. TXM-433-LR RXM-433-LR RXM-418-LR TXM-315-LR RXM-315-LR TXM-418-LR
OCR Text ... at rates of up to 10,000bps at distances of up to 3,000 feet. Applications operating over shorter distances or at lower data rates will also benefit from increased link reliability and superior noise immunity. The transmitter's synthesized...
Description LR SERIES TRANSMITTER MODULE

File Size 369.70K  /  11 Page

View it Online

Download Datasheet

    TRM-315-LT TRM-433-LT TRM-418-LT

List of Unclassifed Manufacturers
ETC
Part No. TRM-315-LT TRM-433-LT TRM-418-LT
OCR Text ...t rates of up to 10,000bps over distances of up to 3,000 feet. Applications operating over shorter distances or at Figure 1: Package Dimensions lower data rates will also benefit from increased link reliability and superior noise immunity. ...
Description LT SERIES TRANSCEIVER MODULE DATA

File Size 820.00K  /  13 Page

View it Online

Download Datasheet

For distances Found Datasheets File :: 2016    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of distances

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.70787787437439