Part Number Hot Search : 
75237 74LVC245 TS158R 4069UBP FTSO5130 BFU610F ARD22U ED302T03
Product Description
Full Text Search
  direction-detection Datasheet PDF File

For direction-detection Found Datasheets File :: 4254    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    http://
Part No. SMA6843MP09
OCR Text ... per tube (pins aligned along x direction) rubber plug each end 130 185 610 z y packing specification leadform 2451 dimensions in millimeters maximum 14 tubes in y direction maximum 4 tubes in z direction maximum pieces per carton: 18 p...
Description High Voltage 3-Phase Motor Driver

File Size 317.68K  /  13 Page

View it Online

Download Datasheet





    IDT
Part No. IDT79RC32H434-266BCI IDT79RC32H434-300BC
OCR Text ...ral Bus BDIRN O External Buffer Direction. Controls the direction of the external data bus buffer for the memory and peripheral bus. I f t he RC32434 memory and peripheral bus is connected to the A side of a transceiver, such as an IDT74FCT...
Description Integrated Communications Processor

File Size 368.15K  /  52 Page

View it Online

Download Datasheet

    TLE4953C

Infineon Technologies AG
Part No. TLE4953C
OCR Text ...ximum value of the differential direction limit added storage temperature info provided by application notes: storage of products supply b...detection of ro tation direction ? dynamic self-calibration principle & high sensitivity ? adaptive ...
Description Differential Two-Wire Hall Effect Sensor IC

File Size 775.90K  /  20 Page

View it Online

Download Datasheet

    SHARP ELECTRONICS CORP
Part No. GP2Y0D02YK
OCR Text ... s 2 , 6.0 ms 3 times / x, y, z direction n = 6, c = 0 v ariable frequency v ibration 10-to-55-to-10 hz i n 1 minute amplitude: 1.5 mm 2 ...detection distance l = 8 00 100 mm distance to reflective object l (mm) 0 100 200 300 400 500 600 7...
Description POSITION, LINEAR SENSOR-DIFFUSE, 700-900mm, 0.60-4.70V, RECTANGULAR, SURFACE MOUNT

File Size 238.17K  /  9 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. RC32434-266BC RC32434-266BCI RC32434-300BC RC32434-300BCI RC32434-400BCI RC32434-350BC RC32434-350BCI
OCR Text ...ral Bus BDIRN O External Buffer Direction. Controls the direction of the external data bus buffer for the memory and peripheral bus. If the RC32434 memory and peripheral bus is connected to the A side of a transceiver, such as an IDT74FCT24...
Description IDT TInterprise Integrated Communications Processor IDT公司TInterprise集成通信处理

File Size 443.92K  /  53 Page

View it Online

Download Datasheet

    PCA2003U/10AA

NXP Semiconductors
Part No. PCA2003U/10AA
OCR Text ...t a short pulse in the opposite direction (0.98 ms, modulated with the maximum duty cycle) to give the motor a defined position, followed by...detection phase, is programmed separately. Therefore, it is possible to program a larger energy gap ...
Description 32 kHz watch circuit with programmable adaptive motor pulse and pulse period

File Size 98.82K  /  21 Page

View it Online

Download Datasheet

    Sanyo Electric Co.,Ltd.
Part No. LC877424A LC877432A
OCR Text ...rts * Input / output ports Data direction programmable for each bit individually: 26 (P1n, P30 to P35, P70 to P73, P8n) Data direction progr...detection (MIC signals etc) * Counts pulses with the level which is greater than a preset value * 2 ...
Description 8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip

File Size 344.15K  /  22 Page

View it Online

Download Datasheet

    NEC Corp.
Part No. UPD168111MA-6A5
OCR Text ...nto ch1 and ch2 in the positive direction when it flows from OUT1A to OUT1B, and in the negative direction when it flows from OUT1B to OUT1A (the values shown above are ideal values and do not indicate the actual values). 6 Data Sheet...
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

File Size 239.89K  /  39 Page

View it Online

Download Datasheet

    SANYO[Sanyo Semicon Device]
Part No. LC876696A LC8766B2A LC8766C8A
OCR Text ...Ports - Input/output ports Data direction programmable for each bit individually : 20 (P1n, P70 to P73, P8n) - 15V withstand input/output po...detection (MIC signals etc) - Counts pulses with width greater than a preset value - 2 bit counter (...
Description 8-Bit Single Chip Microcontroller
CMOS IC

File Size 679.35K  /  23 Page

View it Online

Download Datasheet

For direction-detection Found Datasheets File :: 4254    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of direction-detection

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0333650112152