Part Number Hot Search : 
DS751 TFA37 20040 F0512 GMA1505 20040 20040 2N7002KG
Product Description
Full Text Search
  dimmer Datasheet PDF File

For dimmer Found Datasheets File :: 769    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Q67106-A8315 SLB0587G SLB0587 Q67100-A8310

SIEMENS[Siemens Semiconductor Group]
Part No. Q67106-A8315 SLB0587G SLB0587 Q67100-A8310
OCR Text dimmer IC for Halogen Lamps Preliminary Data Features q q q q q q q q SLB 0587 CMOS IC Phase control for resistive and inductive loads Sensor operation - no machanically moved switching elements Operation possible from several exte...
Description From old datasheet system
dimmer IC for Halogen Lamps

File Size 865.47K  /  22 Page

View it Online

Download Datasheet





    UPD75216 UPD75216A UPD75216ACW UPD75216AGF

NEC[NEC]
Part No. UPD75216 UPD75216A UPD75216ACW UPD75216AGF
OCR Text ... No. of digits : 9 to 16 digits dimmer function : 8 levels On-chip pull-down resistor by mask option capability Key scan interrupt generation * * * * Timer/pulse generator : 14-bit PWM output enabled Watch timer : Buzzer output enabled Time...
Description 4-BIT SINGLE-CHIP MICROCOMPUTER

File Size 516.32K  /  72 Page

View it Online

Download Datasheet

    CXP82300

SONY[Sony Corporation]
Part No. CXP82300
OCR Text ...e 1 to 16-digit dynamic display dimmer function High voltage drive output (40V) On-chip pull-down resistor (Mask option) Hardware key scan function (Maximum 16 x 8 key matrix compatible) -- Remote control reception circuit 8-bit pulse measu...
Description CMOS 8-bit Single Chip Microcomputer

File Size 116.93K  /  5 Page

View it Online

Download Datasheet

    CXP82316 CXP82320 CXP82324

SONY[Sony Corporation]
Part No. CXP82316 CXP82320 CXP82324
OCR Text ... 1 to 16 digits dynamic display dimmer function High voltage tolerant output (40V) On-chip pull-down resistor (Mask option) -- Remote control receiver circuit On-chip noise elimination circuit On-chip 6 stage FIFO 8-bit pulse measurement co...
Description CMOS 8-bit Single Chip Microcomputer

File Size 322.79K  /  20 Page

View it Online

Download Datasheet

    CXP823P24

SONY[Sony Corporation]
Part No. CXP823P24
OCR Text ...s 1 to 16 digit dynamic display dimmer function High voltage tolerance output (40V) Built-in pull-down resistor -- Remote control receiver Built-in noise suppressor circuit Built-in 8-bit pulse counter and 6-stage FIFO * Interrupts 14 facto...
Description CMOS 8-bit Single Chip Microcomputer

File Size 324.50K  /  20 Page

View it Online

Download Datasheet

    M35500 M35500AFP M35500BGP E35500 M35500ADP

Mitsubishi Electric Sem...
Mitsubishi Electric Corporation
MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. M35500 M35500AFP M35500BGP E35500 M35500ADP
OCR Text ....................... build-in * dimmer switch ............................................ 4 levels A-D converter ................................................... 8-bit ! 6 channels * Absolute accuracy ......................................
Description FLD(VFD) CONTROLLER
From old datasheet system

File Size 163.59K  /  16 Page

View it Online

Download Datasheet

    HV9906DB4

Supertex Inc
SUTEX[Supertex, Inc]
Supertex Inc
Supertex, Inc.
Part No. HV9906DB4
OCR Text ...DC, AGND Leave DC, AGND open if dimmer control is not required. Connect DC and AGND with an adjustable Resistor Radj can change the output current. The output current is: Iout = R1 + R 6 + R8 - R 7 //( R11 + Radj ) R 7 //( R11 + Radj ...
Description Off-Line Current Source Controller 脱线电流源控制器

File Size 215.93K  /  3 Page

View it Online

Download Datasheet

    U6081B

TEMIC[TEMIC Semiconductors]
Part No. U6081B
OCR Text ...igh filament cold currents, the dimmer is switched off at duty cycles of approximately < 10% or is switched on only at duty cycles of approximately > 13% (hysteresis). It is possible to further restrict the duty cycle with the resistors R1 ...
Description PWM Power Control with Low Duty Cycle Switch Off

File Size 119.35K  /  8 Page

View it Online

Download Datasheet

    U6084B-FP U6084B

TEMIC[TEMIC Semiconductors]
Part No. U6084B-FP U6084B
OCR Text ...r Pin 2, Enable/Disable The dimmer can be switched on or off with pin 2 independently of the set duty cycle. V2 Approx. >0.7 V or open < 0.7 V or connected to Pin 1 Function Disable Enable C4 I osc With VBatt = 12 V, C4 = 470 pF and ...
Description PWM Power Control with Automatic Duty Cycle Reduction

File Size 139.35K  /  8 Page

View it Online

Download Datasheet

    U6084B U6084B-FP

ATMEL[ATMEL Corporation]
Part No. U6084B U6084B-FP
OCR Text ...oper switch-off conditions. The dimmer can be switched on or off, with pin 2, independently of the set duty cycle. Table 1. Pin 2 Function V2 Approximately > 0.7 V or open < 0.7 V or connected to pin 1 Function Disable Enable Pin 2 - En...
Description PWM Power Control with Automatic Duty-cycle Reduction

File Size 179.34K  /  10 Page

View it Online

Download Datasheet

For dimmer Found Datasheets File :: 769    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dimmer

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.6417639255524