Part Number Hot Search : 
2SA473 90010 MAX5020 2000D LM7824 AD7506 MAX5020 AD7506
Product Description
Full Text Search
  die-2 Datasheet PDF File

For die-2 Found Datasheets File :: 44629    Search Time::4.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MACOM[Tyco Electronics]
Part No. MA4BN1840-2
OCR Text ... allows for manual or automatic die attach via 80Au/20Sn or Sn62/Pb36/Ag2 solders or electrically conductive silver epoxy. Applications The MA4BN1840-2 millimeter frequency bias network is suitable for D.C. biasing PIN Diode control cir...
Description Monolithic HMIC Integrated Dual Bias Network 18 - 40 GHz

File Size 174.51K  /  8 Page

View it Online

Download Datasheet





    C527EZ290-SXX00-2 CXXXEZ290-SXX00-2 C460EZ290-SXX00-2 C470EZ290-SXX00-2 C470EZ290-0202-2 C470EZ290-0203-2 C470EZ290-0204

Cree, Inc
Marktech Corporate
Part No. C527EZ290-SXX00-2 CXXXEZ290-SXX00-2 C460EZ290-SXX00-2 C470EZ290-SXX00-2 C470EZ290-0202-2 C470EZ290-0203-2 C470EZ290-0204-2 C470EZ290-0206-2 C470EZ290-0207-2 C470EZ290-0201-2 C470EZ290-0205-2 C470EZ290-0208-2 C527EZ290-0203-2 C460EZ290-0205-2 C460EZ290-0206-2 C527EZ290-0206-2 C527EZ290-0204-2 C527EZ290-0205-2 C527EZ290-0201-2 C527EZ290-0202-2 C527EZ290-0209-2 C527EZ290-S0800-2
OCR Text ... conductive-epoxy or eutectic die attach ? low forward voltage - 3.2 v typical at 20 ma applications ? lcd backlighting C mobile appliances C monitors ? led video displays ? audio product display lighting ? automotive cr...
Description EZBright LED RF Performance Lambertian Radiation
Cree EZ290 Gen II LEDs

File Size 309.29K  /  5 Page

View it Online

Download Datasheet

    C450EZ1400-S80000-2 C460EZ1400-S80000-2 C450EZ1400-0219-2 C460EZ1400-0219-2 C460EZ1400-0205-2 C450EZ1400-0205-2 C450EZ14

Cree, Inc
Marktech Corporate
Part No. C450EZ1400-S80000-2 C460EZ1400-S80000-2 C450EZ1400-0219-2 C460EZ1400-0219-2 C460EZ1400-0205-2 C450EZ1400-0205-2 C450EZ1400-0206-2 C460EZ1400-0206-2 C450EZ1400-0207-2 C460EZ1400-0207-2 C450EZ1400-0208-2 C460EZ1400-0208-2 C460EZ1400-0209-2 C450EZ1400-0209-2
OCR Text .... additionally, these leds are die-attachable with conductive epoxy, solder paste or solder preforms, as well as the fux eutectic method. ...2 cpr3ek rev. - cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919....
Description EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux
Cree EZ1400 Gen II LEDs

File Size 186.29K  /  5 Page

View it Online

Download Datasheet

    C450EZ600-0202-2 C460EZ600-0203-2 C460EZ600-0204-2 C450EZ600-0205-2 C460EZ600-0206-2 C527EZ600-0013-2 C527EZ600-0014-2 C

Cree, Inc
Marktech Corporate
Part No. C450EZ600-0202-2 C460EZ600-0203-2 C460EZ600-0204-2 C450EZ600-0205-2 C460EZ600-0206-2 C527EZ600-0013-2 C527EZ600-0014-2 C450EZ600-0201-2 C450EZ600-0204-2 C450EZ600-0207-2 C460EZ600-0207-2 C527EZ600-0006-2 C527EZ600-0007-2 C527EZ600-0009-2 C527EZ600-0010-2 C527EZ600-0011-2 C527EZ600-0015-2 C527EZ600-0017-2 C527EZ600-0018-2 C460EZ600-0201-2 C450EZ600-0203-2 C450EZ600-0206-2 C450EZ600-0208-2 C527EZ600-0005-2 C527EZ600-0012-2 C527EZ600-0016-2 C527EZ600-0019-2 C460EZ600-0202-2 C460EZ600-0205-2 C450EZ600-SXX00-2 C527EZ600-SXX00-2 C460EZ600-SXX00-2 C527EZ600-0008-2 CXXXEZ600-SXX000-2 C450EZ600-S20000-2 C460EZ600-S20000-2
OCR Text ...ionally, these leds are die attachable with conductive epoxy, solder paste or solder preforms, as well as ...2 chip diagram top view bottom view ezbright led chip 580 x 580 m 2 t = 170 m backside metallizati...
Description EZBright Power Chip LED RF Performance 527 nm - 60 mW min
Cree EZ600 Gen II LED

File Size 182.77K  /  5 Page

View it Online

Download Datasheet

    CXXXEZ1000-SXX000-2 C450EZ1000-0219-2 C460EZ1000-0219-2 C527EZ1000-0201-2 C527EZ1000-0202-2 C527EZ1000-0205-2 C527EZ1000

Cree, Inc
Marktech Corporate
Part No. CXXXEZ1000-SXX000-2 C450EZ1000-0219-2 C460EZ1000-0219-2 C527EZ1000-0201-2 C527EZ1000-0202-2 C527EZ1000-0205-2 C527EZ1000-0203-2 C527EZ1000-0204-2 C460EZ1000-0201-2 C460EZ1000-0203-2 C460EZ1000-0204-2 C460EZ1000-0206-2 C450EZ1000-0206-2 C527EZ1000-0206-2 C460EZ1000-0207-2 C460EZ1000-0202-2 C460EZ1000-0205-2 C450EZ1000-0205-2 C450EZ1000-0207-2 C450EZ1000-0223-2 C460EZ1000-0223-2 C460EZ1000-0209-2 C450EZ1000-0209-2 C460EZ1000-S36000-2 C450EZ1000-0216-2 C527EZ1000-0207-2 C527EZ1000-0208-2 C527EZ1000-0209-2 C527EZ1000-0210-2 C527EZ1000-0211-2 C527EZ1000-0212-2 C527EZ1000-0214-2 C527EZ1000-0215-2 C527EZ1000-0213-2
OCR Text ...itionally, these leds are die-attachable with conductive epoxy, solder paste or solder preforms, as well as the fux ...2 gold bond pads (2) 150 x 150 m 2 cathodes (-) t = 170 m anode (+) 3 m ausn backside metaliz...
Description EZBright LED Technology Low Forward Voltage
Cree EZ1000 Gen II LEDs

File Size 272.62K  /  5 Page

View it Online

Download Datasheet

    C450EZ900-0303-2 C470EZ900-0302-2 C460EZ900-0302-2 C450EZ900-0302-2 C460EZ900-0301-2 C450EZ900-0301-2 C470EZ900-0301-2 C

Cree, Inc
Marktech Corporate
Part No. C450EZ900-0303-2 C470EZ900-0302-2 C460EZ900-0302-2 C450EZ900-0302-2 C460EZ900-0301-2 C450EZ900-0301-2 C470EZ900-0301-2 C470EZ900-0312-2 C450EZ900-0312-2 C460EZ900-0312-2 C470EZ900-0304-2 C450EZ900-0306-2 C470EZ900-0308-2 C470EZ900-0305-2 C460EZ900-0305-2 C470EZ900-0307-2 C450EZ900-0309-2 C460EZ900-0310-2 C470EZ900-0303-2 C460EZ900-0304-2 C470EZ900-0306-2 C450EZ900-0305-2 C450EZ900-0307-2 C460EZ900-0307-2 C460EZ900-0308-2 C460EZ900-0309-2 C470EZ900-0310-2 C450EZ900-0310-2 CXXXEZ900-SXX000-2 C450EZ900-S34000-2
OCR Text ...itionally, these leds are die-attachable with conductive epoxy, solder paste or solder preforms, as well as the fux ...2 chip diagram dat a sheet: cpr3dx rev. b top view bottom view die cross section ezbright led 880 ...
Description EZBright LED Technology Lambertian Radiation
Cree EZ900 Gen II LEDs
   EZBright LED Technology Lambertian Radiation

File Size 283.95K  /  6 Page

View it Online

Download Datasheet

    1274232-2

Tyco Electronics
Part No. 1274232-2
OCR Text ...ight Action Hand Tools Crimping Die Assembly 1338120--1 Crimping Die Assembly 1338650--1 Coaxial Snap--Lock Cable Plug Connectors Handling o...2. Limitations Connector assemblies are designed to operate in a temperature range of --40_ to 85_C...
Description Coaxial Snap-Lock ( Auto ); CONTACT,FEMALE,RG62U ( AMP )

File Size 254.50K  /  12 Page

View it Online

Download Datasheet

    MLX90808LUF-2 MLX90808

Melexis Microelectronic Sys...
Melexis Microelectronic Systems
Part No. MLX90808LUF-2 MLX90808
OCR Text ...hip Signal Conditioning (single die solution) Different pressure ranges available Application Examples Automotive applications (MAP, T-M...2 Description 3 to 7 Bar Pressure Span 1 Functional Diagram 2 General Description The MLX9080...
Description Absolute Integrated Pressure Sensor

File Size 161.95K  /  8 Page

View it Online

Download Datasheet

For die-2 Found Datasheets File :: 44629    Search Time::4.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of die-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7662670612335