Part Number Hot Search : 
A2701V RN9737 PTAM2 MOS7W 55C3V3 MJF18204 A2701V P211HB
Product Description
Full Text Search
  deuterium Datasheet PDF File

For deuterium Found Datasheets File :: 30    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 |   

    L6301 L6565 L7307 L2D2 L6302 L6303 L6304 L6305 L6306 L6307 L6308 L6309 L6310 L6311 L6311-50 L6312 L6312-50 L6566 L6999 L

Hamamatsu Photonics K.K.
HAMAMATSU[Hamamatsu Corporation]
Part No. L6301 L6565 L7307 L2D2 L6302 L6303 L6304 L6305 L6306 L6307 L6308 L6309 L6310 L6311 L6311-50 L6312 L6312-50 L6566 L6999 L6999-50 L7174 L7292 L7293 L7295 L7296 L7296-50 L7298 L7306
OCR Text deuterium LAMPS L2D2 The best light source is supported by the best electrode technology. PATENTS L2D2 Lamps (deuterium Lamps ) LONG LIFE : 4000 HOURS 4 times longer guaranteed life I Life Characteristics The L2-4000 series ...
Description The best light source is supported by the best electrode technology 最好的光源是支持最好的电极技
XTAL CER SMT 6X3.5 2PAD

File Size 1,116.84K  /  7 Page

View it Online

Download Datasheet





    L1835 L18.5

Hamamatsu Photonics
Hamamatsu Corporation
Part No. L1835 L18.5
OCR Text deuterium LAMPS L1314, L1835 High Intensity, 150 W Type, Vacuum UV (from 115 nm) Light Source - L1835 The L1314 and L1835 are water-cooled 150 W deuterium lamps that deliver a radiant intensity 3 to 4 times higher than standard 30 W de...
Description WATER-COOLED TYPE deuterium LAMPS

File Size 110.01K  /  2 Page

View it Online

Download Datasheet

    C7860 M7628

Hamamatsu Photonics K.K.
HAMAMATSU[Hamamatsu Corporation]
Part No. C7860 M7628
OCR Text deuterium LAMP RELATED PRODUCTS POWER SUPPLY C7860/OEM POWER SUPPLY M7628 FEATURES s Compact s High Cost Performance s Designed based on EN/UL standard (M7628) The C7860 designed based on EN standard only. s Constant Current Power...
Description deuterium LAMP RELATED PRODUCTS 氘灯相关产品

File Size 89.66K  /  4 Page

View it Online

Download Datasheet

    L7820-02

Hamamatsu Corporation
Part No. L7820-02
OCR Text deuterium Lamp) Easy to reproduce highly stable light!! Left: Lamp Housing Right: Power Supply TLSOF0151 L7820, L7820-02 Left: Lamp Housing Right: Power Supply TLSOF0159 These light sources deliver the extremely high leve...
Description Light level control of light source Sensitivity control of optical sensor

File Size 507.83K  /  4 Page

View it Online

Download Datasheet

    L10671D L10671W

Hamamatsu Corporation
Part No. L10671D L10671W
OCR Text ... using a S2D2 (Stable and Small deuterium) lamp. The L10671 is the light source that offers high radiant power and high stability despite its compact size. Besides being compact and easy to carry, the L10671 operates on a low voltage. These...
Description COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE

File Size 219.79K  /  2 Page

View it Online

Download Datasheet

    L10290

Hamamatsu Corporation
Part No. L10290
OCR Text ...nm to 1100 nm 1 High Brightness deuterium Lamp Built-in Lamp 9 W Tungsten Halogen Lamp 2 Output Fluctuation (Typ.) 0.004 % p-p (Equivalent to 2 x 10-5 A.U.) Stability Drift (Max.) 0.3 %/h 100 V to 240 V (100 V/200 V Auto Switching) Input Vo...
Description HIGH POWER UV-VIS FIBER LIGHT SOURCE

File Size 138.05K  /  2 Page

View it Online

Download Datasheet

    Hamamatsu Photonics
HAMAMATSU[Hamamatsu Corporation]
Part No. L7894 L6999-51 L7893 L7893-02 L7893-04 L7893-06 L7893-08
OCR Text ...93 incorporates a highly stable deuterium lamp and a Tungsten lamp into a single compact housing with an optical fiber light guide. The combination of these two lamps covers a wide spectral range from 200 nm to 1100 nm, yet offers highly st...
Description UV-VIS FIBER LIGHT SOURCE

File Size 200.81K  /  2 Page

View it Online

Download Datasheet

    Hamamatsu Photonics
HAMAMATSU[Hamamatsu Corporation]
Part No. L7820
OCR Text deuterium Light Source L7820 is a logo mark for an accreditation system based on Japanese Measurement Law. Our Planning & Engineering Division is accredited in accordance with ISO/IEC Guide 25: 1990 in the field of photometry calibration....
Description Calibrated deuterium Light Source

File Size 61.38K  /  2 Page

View it Online

Download Datasheet

    CX1622

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. CX1622
OCR Text deuterium Thyratron The data to be read in conjunction with the Hydrogen Thyratron Preamble. ABRIDGED DATA deuterium-filled, flange mounted tetrode thyratron featuring high peak current, high rate of rise of current, low jitter and low...
Description deuterium Thyratron

File Size 75.75K  /  4 Page

View it Online

Download Datasheet

For deuterium Found Datasheets File :: 30    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of deuterium

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77446722984314