Part Number Hot Search : 
R48D05 29VF0 MM1ZB68H E39CA 7CV447 AK9822 A100B PJ722
Product Description
Full Text Search
  demodulators Datasheet PDF File

For demodulators Found Datasheets File :: 499    Search Time::1.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CN-0245 ADF4350

Analog Devices
Part No. CN-0245 ADF4350
OCR Text ... and adl5387 wideband i/ q demodulators . in this circuit, the adf4350 provides the high frequency , low phase noise local oscillator ( lo ) signal to the wideband i/ q demodulator. this circuit configuration of fers quite...
Description Wideband LO PLL Synthesizer with Simple Interface to Quadrature demodulators
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature demodulators

File Size 290.96K  /  5 Page

View it Online

Download Datasheet





    RF9957PCBA RF9957 RFMICRODEVICESINC.-RF9957PCBA

RFMD[RF Micro Devices]
Part No. RF9957PCBA RF9957 RFMICRODEVICESINC.-RF9957PCBA
OCR Text ... 0.0688 0.0532 7 QUADRATURE demodulators 0.2440 0.2284 8MAX 0MIN 0.050 0.016 0.0098 0.0075 Optimum Technology Matching(R) Applied u Package Style: SSOP-24 Si BJT Si Bi-CMOS GaAs HBT SiGe HBT GaAs MESFET Si CMO...
Description    CDMA/FM RECEIVE AGC AND DEMODULATOR

File Size 168.28K  /  10 Page

View it Online

Download Datasheet

    Zarlink Semiconductor
Part No. ZL10320
OCR Text ...rol. ? dual on-chip dvb-t cofdm demodulators with forward error correction. ?ide interface ? mpeg-2 audio & video decoder ? powerpc 405 tm cpu core with 16k/16k cache, memory manager and virtual memory system ? dual sdram controller ? 6 ...
Description (ZL10320 / ZL10321) Digital Television PVR-on-a-Chip Processor

File Size 274.64K  /  9 Page

View it Online

Download Datasheet

    STIH239

STMicroelectronics
Part No. STIH239
OCR Text ... stb processo r with integrated demodulators and low power standby controller data brief features st40 applications cpu with 256 kb l2 cache 32-bit lmi supporting ddr2/ddr3 decoding of h264, mpeg 2, vc-1 and avs hd video streams decod...
Description Dual HD satellite STB processor with integrated demodulators and low power standby controller

File Size 74.53K  /  4 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV0056A/Z
OCR Text demodulators pll demodulation with 5-10mhz frequency synthesis programmable fm demodulator bandwidth accomodating fm deviations from 30khz till 400khz programmable 50/75s, j17 or no deemphasis wegener panda system two auxiliary aud...
Description SATELLITE SOUND AND VIDEO PROCESSOR

File Size 263.50K  /  34 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV0056AF
OCR Text demodulators . pll demodulation with 5-10mhz fre- quency synthesis . programmable fm demodulator bandwidth accomodating fm devia- tions from 30khz till 400khz . programmable 50/75 m s, j17 or no de- emphasis . wegener panda system . two...
Description SATELLITE SOUND AND VIDEO PROCESSOR

File Size 425.45K  /  27 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STV0042A/Z
OCR Text demodulators n pll demodulation with 5-10 mhz frequency synthesis n programmable fm demodulator bandwidth accommodating fm deviations between 30 and 400 khz n programmable 50/75 s or no de-emphasis n dynamic noise reduction (anrs) n one ...
Description ANALOG SATELLITE SOUND AND VIDEO PROCESSOR

File Size 549.70K  /  37 Page

View it Online

Download Datasheet

    AD61009

Analog Devices
Part No. AD61009
OCR Text ...a mixer, IF amplifiers, I and Q demodulators, a phase-locked quadrature oscillator, and a biasing system with external power-down. The AD61009's low noise, high intercept mixer is a doublybalanced Gilbert cell type. It has a nominal -15 dBm...
Description
File Size 258.83K  /  24 Page

View it Online

Download Datasheet

For demodulators Found Datasheets File :: 499    Search Time::1.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of demodulators

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5694739818573