|
|
|
|
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|
Part No. |
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC165B SC160M FB150D4 SC165E SC165M SC129B SC260C2 SC260C3 SC265B3 SC260B3 SC265C3 SC129C SC129M FB100D8 FB300D8 BCR50A8 FB300D4 BCR150B16 FB150D12 BCR300B24 BCR70B12 BCR150B24 BCR50A4
|
Description |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
File Size |
456.43K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
Vishay Sprague
|
Part No. |
150D823X0035A2T 150D823X0020A2T 150D823X0035A2B 150D474X9035A2T060
|
Description |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 0.082 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 0.082 uF, THROUGH HOLE MOUNT, AXIAL LEADED 150D Solid-Electrolyte TANTALEX® Capacitors, Hermetically-Sealed, Axial-Lead
|
File Size |
118.92K /
12 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|