Part Number Hot Search : 
TFS433L 1045252 AHCU0 TC74LC 1504045X 00309 66012 1240M1
Product Description
Full Text Search
  dc- Datasheet PDF File

For dc- Found Datasheets File :: 310582    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NTQ123-DC

Emerson Network Power
Part No. NTQ123-DC
OCR Text DC Series 70 - 125 Watts Total Power: Input Voltage: # of Outputs: 70-120 Watts 36 - 72 VAC Quad Rev. 08.15.07 NTQ123-DC Series 1 of 3 RoHS Electrical Specifications Special Features * -48 VDC input * Remote sense on outputs on...
Description -48 VDC input

File Size 138.20K  /  3 Page

View it Online

Download Datasheet





    2522A-SF-DC-SA 2522B-SF-DC-SA 2522C-SF-DC-SA 2522A-SF-AC-SA 2522B-SF-AC-SA 2522C-SF-AC-SA

Emcore Corporation
Part No. 2522A-SF-dc-SA 2522B-SF-dc-SA 2522C-SF-dc-SA 2522A-SF-AC-SA 2522B-SF-AC-SA 2522C-SF-AC-SA
OCR Text ...Arrays Schematic AC Coupled DC Coupled 2 1 EW Delay Lines 2 1 RF Out 50 ohm RF Out 50 ohm For DC coupled version, do not connect RF output to a DC voltage greater than the photodiode's bias voltage. Copyright (c)...
Description Microwave Packaged Photodiode

File Size 91.27K  /  3 Page

View it Online

Download Datasheet

    PONA2114-1-DC-EC-PA PONA2114-1-AC-EC-PA PONA2114-1-AC-SC-PA PONA2114-1-AC-GC-PA PONA-2114-1-AC-SC-PA PONA2114-1-AC-FC-PA

Emcore Corporation
Part No. PONA2114-1-dc-EC-PA PONA2114-1-AC-EC-PA PONA2114-1-AC-SC-PA PONA2114-1-AC-GC-PA PONA-2114-1-AC-SC-PA PONA2114-1-AC-FC-PA PONA2114-1-AC-TC-PA PONA2114-1-dc-TC-PA
OCR Text ...265 vac 50/60 hz -36 to -60 v dc standard optional optical connectors sc/apc; sc/upc; fc/apc; fc/upc; e2000/apc user specified dimensions in inches 19.0?w x 14.76 ?d x 1.72?h 19? rack-mounted, 1u pona 2114 pa series edf a ...
Description Full Functionality 1 RU EDFA (pre-Amp)

File Size 469.85K  /  3 Page

View it Online

Download Datasheet

    DC-518 DC-511 DC-512 DC-533 DC-538 DC-521 DC-522 DC-523 DC-531 DC-532 DC-519 DC-513 DC500

Intronics Power, Inc.
http://
Part No. dc-518 dc-511 dc-512 dc-533 dc-538 dc-521 dc-522 dc-523 dc-531 dc-532 dc-519 dc-513 DC500
OCR Text DC 500 SERIES 1.5 WATT SINGLE & DUAL OUTPUT dc-DC CONVERTERS FEATURES * DIP and SMD Package Options * Fully Regulated * Low Output Ripple and Noise * High Reliability * Input/Output Isolation MODEL NUMBER INPUT VOLTAGE OUTPUT VOLTAGE OUTP...
Description 1.5 WATT SINGLE & DUAL OUTPUT dc-DC CONVERTERS

File Size 117.86K  /  1 Page

View it Online

Download Datasheet

    DC-221-1 DC-209-1 DC-213-1 DC-218-1 DC-219-1 DC-228-1 DC-212-1 DC200 DC-211-1 DC-202-1 DC-201-1 DC-203-1 DC-206-1 DC-208

Intronics Power, Inc.
Part No. dc-221-1 dc-209-1 dc-213-1 dc-218-1 dc-219-1 dc-228-1 dc-212-1 DC200 dc-211-1 dc-202-1 dc-201-1 dc-203-1 dc-206-1 dc-208-1 dc-216-1 dc-223-1 dc-229-1
OCR Text DC 200 SERIES 1 and 2 WATT DUAL OUTPUT DC - DC CONVERTERS 5 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 100mA 42mA 33mA 100mA 42mA 33mA 100mA 42mA 33mA 84mA 67mA 84mA 67mA 84mA 67mA 1 WATT 68%...
Description 1 and 2 WATT DUAL OUTPUT dc-DC CONVERTERS

File Size 260.69K  /  1 Page

View it Online

Download Datasheet

    DC-608 DC-614 DC-613 DC-612 DC-611 DC-621 DC-622 DC-623 DC-624 DC-627 DC-628 DC-631 DC-632 DC-633 DC-634 DC-601 DC-607 D

Intronics Power, Inc.
http://
Part No. dc-608 dc-614 dc-613 dc-612 dc-611 dc-621 dc-622 dc-623 dc-624 dc-627 dc-628 dc-631 dc-632 dc-633 dc-634 dc-601 dc-607 dc-618 dc-603 dc-604 dc-617 dc-629 dc-602 dc-609 dc-619 DC600
OCR Text DC 600 SERIES 3.0 WATT SINGLE & DUAL OUTPUT dc-DC CONVERTERS FEATURES * DIP and SMD Package Options * Fully Regulated * Low Output Ripple and Noise MODEL NUMBER INPUT VOLTAGE OUTPUT VOLTAGE OUTPUT CURRENT * High Reliability * Input/Out...
Description 3.0 WATT SINGLE & DUAL OUTPUT dc-DC CONVERTERS

File Size 110.07K  /  1 Page

View it Online

Download Datasheet

    BEL FUSE INC
Part No. 0553-0106-DC 0553-0053-PC 0553-0023-DC 0553-2006-IC
OCR Text ...e without notice. 06.99 tm9911 dc-1 high frequency magnetics data coupling transformers ? minimum interwinding breakdown voltage of 2000 vrms electrical specifications at 25 c r e b m u n t r a p s n r u t o i t a r % 5 y r a m i r p e c ...
Description DATACOM TRANSFORMER FOR GENERAL PURPOSE APPLICATION(S)

File Size 29.43K  /  2 Page

View it Online

Download Datasheet

    Samsung Electronic
Part No. K3N6C3000E-DC
OCR Text DC 32M-Bit (4Mx8) CMOS MASK ROM FEATURES * 4,194,304x8 bit organization * Fast access time 100ns(Max.) : CL=50pF 120ns(Max.) : CL=100pF * Supply voltage : single +5V * Current consumption Operating : 50mA(Max.) Standby : 50A(Max.) * Full...
Description 32M-Bit (4Mx8) CMOS MASK ROM Data Sheet

File Size 45.32K  /  3 Page

View it Online

Download Datasheet

    Samsung Electronic
Part No. K3N6C4000E-DC
OCR Text DC 32M-Bit (2Mx16) CMOS MASK ROM FEATURES * 2,097,152x16 bit organization * Fast access time 100ns(Max.) : CL=50pF 120ns(Max.) : CL=100pF * Supply voltage : single +5V * Current consumption Operating : 50mA(Max.) Standby : 50A(Max.) * Fu...
Description 32M-Bit (2Mx16) CMOS MASK ROM Data Sheet

File Size 45.35K  /  3 Page

View it Online

Download Datasheet

    PIP3224-DC

Philips Semiconductors
Part No. PIP3224-DC
OCR Text DC Dual channel high-side TOPFETTM Rev. 01 -- 20 February 2004 Product data 1. Product profile 1.1 Description Monolithic temperature and overload protected dual high-side power switch based on TOPFETTM Trench technology in a 7-pin s...
Description LOGIC LEVEL TOPFET

File Size 120.15K  /  16 Page

View it Online

Download Datasheet

For dc- Found Datasheets File :: 310582    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dc-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2953641414642