Part Number Hot Search : 
MB84V WL54240 6407A MAXC0 12864A LMBT3904 R1800 0M1080A0
Product Description
Full Text Search
  db37 Datasheet PDF File

For db37 Found Datasheets File :: 40    Search Time::2.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    PCIE-836A PCIE-836C

List of Unclassifed Manufacturers
ETC
Part No. PCIE-836A PCIE-836C
OCR Text ... Pin Assignments PCIe-836A/C - db37 (M) External The table below shows the pin assignments for the db37(M) connector found on the PCIe-836A/C. This is also compatible with the PCI-836A/C; PCI-36C and ISA PC-36C. Pin 1 2 3 4 5 6 7 8 9 10 1...
Description Digital Input/Output Boards - 24/40 Channel

File Size 255.53K  /  6 Page

View it Online

Download Datasheet





    PCI-1612AU-9 PCI-1612AU PCI-1612B-9 PCI-1612CU-9 PCI-1612BU-9 PCI-1612A PCI-1612A-9 PCI-1612B PCI-1612BU PCI-1612CU

Advantech Co., Ltd.
Part No. PCI-1612AU-9 PCI-1612AU PCI-1612B-9 PCI-1612CU-9 PCI-1612BU-9 PCI-1612A PCI-1612A-9 PCI-1612B PCI-1612BU PCI-1612CU
OCR Text ...AU, 1612CU) CE, FCC class A 1 x db37-F 185 x 100 mm (7.3" x 3.9") Typical Max +12 V: 60 mA +12 V: 80 mA +5 V: 270 mA +5 V: 338 mA Protection ESD Protection EFT Protection Isolation Protection 8 kV 2,500 VDC (PCI-1612B/1612BU/1612CU o...
Description 4-port RS-232/422/485 PCI Communication Cards

File Size 535.46K  /  1 Page

View it Online

Download Datasheet

    PCL-849A-9 PCL-858 PCL-858A PCL-858B PCL-849L PCL-849L-9 PCL-849B PCL-846 PCL-849-9 PCL-849B-9 PCL-846A PCL-846B PCL-856

Advantech Co., Ltd.
Part No. PCL-849A-9 PCL-858 PCL-858A PCL-858B PCL-849L PCL-849L-9 PCL-849B PCL-846 PCL-849-9 PCL-849B-9 PCL-846A PCL-846B PCL-856
OCR Text ...s Power Consumption ISA CE 1 x db37-F (PCL-846, PCL-849) 1 x DB62-F (PCL-858) 185 x 100 mm (7.3" x 3.9") PCL-846: +5 V @ 970 mA typical, 1.2 A max. PCL-849: +5 V @ 250 mA typical, 500 mA max. 12 V @ 70 mA typical, 120 mA max. PCL-858: +5 V...
Description    4-port High-speed RS-422/485 Communication Card

File Size 52.75K  /  1 Page

View it Online

Download Datasheet

    PCL-836 PCLD-880 PCL-10137-1

Advantech Co., Ltd.
Part No. PCL-836 PCLD-880 PCL-10137-1
OCR Text ..., 16-bit Counter/Timer ISA Card db37 Cable, 1 m db37 Cable, 2 m db37 Cable, 3 m db37 DIN-rail Wiring Board Wiring Board w/ Two 20-pin Flat Cables & Adapter Digital Output Channels Compatibility Output Voltage Output Capability Pi...
Description 6-ch, 16-bit Counter/Timer ISA Card

File Size 556.17K  /  1 Page

View it Online

Download Datasheet

    PCL-839

Advantech Co., Ltd.
Part No. PCL-839
OCR Text ...ondensing (refer to IEC 68-2-3) db37 for limit switches and pulse output; 20-pin flat cable for general DIO 185 x 100 mm (7.3" x 3.9") Dimensions (L x H) Output Driving Capability Output Polarity Limit Switches Ordering Informa...
Description 3-axis Stepping Motor Control Card

File Size 68.23K  /  1 Page

View it Online

Download Datasheet

    PCLD-8115 PCLD-880 PCL-818HD PCL-818L PCL-818HG PCL-10137-1

Advantech Co., Ltd.
Part No. PCLD-8115 PCLD-880 PCL-818HD PCL-818L PCL-818HG PCL-10137-1
OCR Text ...115 wiring terminal board and a db37 cable assembly. The PCLD-8115 accommodates onboard passive signal conditioning components (resistors and capacitors), allowing you to easily implement a low-pass filter, a voltage attenuator or a 4 ~ 20 ...
Description 100 kS/s, 12-bit, 16-ch ISA Multifunction Card

File Size 581.83K  /  2 Page

View it Online

Download Datasheet

    PCLD-880 ADAM-3937 PCL-10137-1 PCL-10137-2

Advantech Co., Ltd.
Part No. PCLD-880 ADAM-3937 PCL-10137-1 PCL-10137-2
OCR Text ...type relay output channels Male db37 matching connector included Output status readback Retained relay output values when hot system reset High-voltage isolation on input channels (3,750 VDC) High ESD protection (2,000 VDC) High over-voltag...
Description 8-ch Relay and 8-ch Isolated Digital Input PCI Card

File Size 529.59K  /  1 Page

View it Online

Download Datasheet

    PCI-1611U PCI-1611U-9

Advantech Co., Ltd.
Part No. PCI-1611U PCI-1611U-9
OCR Text ...e, fcc class a connectors 1 x db37-f dimensions 185 x 100 mm (7.3" x 3.9") power consumption 600 ma @ 5 v communications communication 16pci954 controller data bits 5, 6, 7, 8 data signals rs-422: tx+, tx-, rx+, rx-, rts+, rt...
Description 4-port RS-422/485 Universal PCI Communication Card with Isolation & EFT Surge Protection

File Size 62.43K  /  1 Page

View it Online

Download Datasheet

    PCLD-789D PCL-10120-1 PCL-10137-1

Advantech Co., Ltd.
Part No. PCLD-789D PCL-10120-1 PCL-10137-1
OCR Text ...g input channels. PCLD-789D has db37 and 20-pin flat cable connectors and lets your PCL-818L or PCL-818HD access up to 128 channels without using an additional digital output cable to select channels. The PCLD-789D uses a high-grade instrum...
Description Amplifier and Multiplexer Board

File Size 528.08K  /  1 Page

View it Online

Download Datasheet

    Advantech
Part No. PCL-818HD PCL-818HG
OCR Text ... 40 ma max. i/o connector 1 x db37 female 2 x 20-pin box header dimensions (l x h) 155 x 100 mm (6.1" x 3.9") operating temperature 0 ~ 50 c (32 ~ 122 f) storage temperature -20 ~ 65 c (-4 ~ 149 f) operating humidity 5 ~ 95% rh,...
Description 100 kS/s 12-bit 16-ch ISA Multifunction Card

File Size 603.25K  /  2 Page

View it Online

Download Datasheet

For db37 Found Datasheets File :: 40    Search Time::2.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of db37

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1065440177917