Part Number Hot Search : 
MM3S0520 0200CT CP150 F71883 RT6N430C 15DAF1 100CL NTX2N67
Product Description
Full Text Search
  CTKC1008-390K Datasheet PDF File

For CTKC1008-390K Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BayLinear
Part No. B8390K6-4.1 B8390K6-4.0 B8390K6-4.2 B8390K6-4.3 B8390K6-4.4 B8390K6-4.5 B8390K6-4.6 B8390K6-4.7 B8390K6-4.8 B8390K6-4.9 B8390K6-2.7 B8390K6-2.4 B8390K6-2.6 B8390K6-2.8 B8390K6-2.9 B8390K6-3.0 B8390K6-3.1 B8390K6-3.2 B8390K6-3.3 B8390K6-3.4 B8390K6-3.5 B8390K6-3.6 B8390K6-3.7 B8390K6-3.8 B8390K6-3.9
Description 4.1V surface mount RF PIN switch diode
4.0V surface mount RF PIN switch diode
4.2V surface mount RF PIN switch diode
4.3V surface mount RF PIN switch diode
4.4V surface mount RF PIN switch diode
4.5V surface mount RF PIN switch diode
4.6V surface mount RF PIN switch diode
4.7V surface mount RF PIN switch diode
4.8V surface mount RF PIN switch diode
4.9V surface mount RF PIN switch diode
2.7V surface mount RF PIN switch diode
2.4V surface mount RF PIN switch diode
2.6V surface mount RF PIN switch diode
2.8V surface mount RF PIN switch diode
2.9V surface mount RF PIN switch diode
3.0V surface mount RF PIN switch diode
3.1V surface mount RF PIN switch diode
3.2V surface mount RF PIN switch diode
3.3V surface mount RF PIN switch diode
3.4V surface mount RF PIN switch diode
3.5V surface mount RF PIN switch diode
3.6V surface mount RF PIN switch diode
3.7V surface mount RF PIN switch diode
3.8V surface mount RF PIN switch diode
3.9V surface mount RF PIN switch diode

File Size 207.17K  /  6 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





   
Part No. LD4-1R0K LD4-3R9K LD4-390K LD4-121K LD4-271K
Description 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR

File Size 16.89K  /  1 Page

View it Online

Download Datasheet

    Bourns, Inc.
BOURNS INC
Part No. 1140-680K 1140-471K 1140-561K 1140-390K 1140-5R6M
Description CHOKE RF RADIAL 68UH 10% 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
Leaded Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:No
Leaded Choke; Series:1140; Inductance:560uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.125ohm; Leaded Process Compatible:No
Leaded Choke; Series:1140; Inductance:39uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:21A; DC Resistance Max:0.012ohm; Leaded Process Compatible:No
1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR

File Size 101.96K  /  1 Page

View it Online

Download Datasheet

   
Part No. SP0412-2R7J-7 SP0412-390K-7 SP0412-1R8J-7
Description 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR
1 ELEMENT, 1.8 uH, GENERAL PURPOSE INDUCTOR

File Size 54.84K  /  1 Page

View it Online

Download Datasheet

    ROHM[Rohm]
Part No. BB6390KU
Description Control IC for CD-R/RW, DVD+R/RW, DVD-RAM drive

File Size 173.11K  /  6 Page

View it Online

Download Datasheet

    Allied Components Inter...
Part No. SMP3013-392K-RC SMP3013-391K-RC SMP3013-390K-RC
Description Surface Mount Power Chip Inductor

File Size 1,194.88K  /  1 Page

View it Online

Download Datasheet

    1010-150K 1010-120K 1010-180K 1010-390K 1010-821K 1010-271K 1010-181K 1010-122K

API DELEVAN
Part No. 1010-150K 1010-120K 1010-180K 1010-390K 1010-821K 1010-271K 1010-181K 1010-122K
Description 1 ELEMENT, 0.015 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.012 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.018 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.039 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD

File Size 132.36K  /  1 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. M54HC390K
Description RAD HARD DUAL DECADE COUNTER

File Size 286.38K  /  13 Page

View it Online

Download Datasheet

    LC897390K

SANYO[Sanyo Semicon Device]
Sanyo Electric Co.,Ltd.
Part No. LC897390K
Description DVD±R/RW Drive Signal-Processing IC Developed
DVD【R/RW Drive Signal-Processing IC Developed
DVDR/RW Drive Signal-Processing IC Developed

File Size 218.81K  /  4 Page

View it Online

Download Datasheet

    6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-RC 6000-680K-RC 6000-6R8M-RC 6000-393K-RC 6000-273K-RC 6000-470K-RC

NorComp
Bourns Electronic Solutions
BOURNS INC
Part No. 6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-RC 6000-680K-RC 6000-6R8M-RC 6000-393K-RC 6000-273K-RC 6000-470K-RC
Description Unshielded Surface Mount Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
Radial Lead RF Chokes
RF Choke; Series:6000; Inductance:68uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:4.9MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.36A; DC Resistance Max:0.21ohm
RF Choke; Series:6000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:20; Self Resonant Frequency:29MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.1A; DC Resistance Max:0.035ohm
RF Choke; Series:6000; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:6.5MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.77A; DC Resistance Max:0.16ohm

File Size 614.10K  /  1 Page

View it Online

Download Datasheet

For CTKC1008-390K Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of CTKC1008-390K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65235090255737