Part Number Hot Search : 
B15E0 CP0603 C16LF722 Z4A160 24M07 60P03SW 10027 KDR521T
Product Description
Full Text Search
  CTA51BC306VDC1.6S Datasheet PDF File

For CTA51BC306VDC1.6S Found Datasheets File :: 1+       Page :: | <1> |   

    CTA51AS3024VDC1.6E CTA51AS3024VDC1.6S CTA51AS3024VDC1.9E CTA51AS3024VDC1.9S CTA51BS3024VDC1.6E CTA51BS3024VDC1.6S CTA51B

CIT Relay & Switch
ETC
Electronic Theatre Controls, Inc.
Part No. CTA51AS3024VDC1.6E CTA51AS3024VDC1.6S CTA51AS3024VDC1.9E CTA51AS3024VDC1.9S CTA51BS3024VDC1.6E CTA51BS3024VDC1.6S CTA51BS3024VDC1.9E CTA51BS3024VDC1.9S CTA51CS3024VDC1.6E CTA51CS3024VDC1.6S CTA51CS3024VDC1.9E CTA51CS3024VDC1.9S CTA51CO4024VDC1.6E CTA51CO4024VDC1.6S CTA51CO4024VDC1.9E CTA51CO4024VDC1.9S CTA51CS306VDC1.6E CTA51CS306VDC1.6S CTA51CS306VDC1.9E CTA51CS306VDC1.9S CTA51BC306VDC1.6E CTA51BC306VDC1.6S CTA51BC306VDC1.9E CTA51BC306VDC1.9S CTA51CC306VDC1.6E CTA51CC306VDC1.9E CTA51CC306VDC1.6S CTA51CC306VDC1.9S CTA51BC3012VDC1.6E CTA51BC3012VDC1.9E CTA51BC3012VDC1.6S CTA51BC3012VDC1.9S CTA51BC3018VDC1.6E CTA51BC3018VDC1.6S CTA51BC3018VDC1.9E CTA51BC3018VDC1.9S CTA51AC1524VDC1.6E CTA51AC1524VDC1.6S CTA51AC1524VDC1.9E CTA51AC1524VDC1.9S CTA51AO1512VDC1.6E CTA51AO1512VDC1.6S CTA51AO1512VDC1.9E CTA51AO1512VDC1.9S CTA51AO1518VDC1.6E CTA51AO1518VDC1.6S CTA51AO1518VDC1.9E CTA51AO1518VDC1.9S CTA51BO1512VDC1.6E CTA51BO1512VDC1.6S CTA51BO1512VDC1.9E CTA51BO1512VDC1.9S CTA51BO1518VDC1.6E CTA51BO1518VDC1.6S CTA51BO1518VDC1.9E CTA51BO1518VDC1.9S CTA51CO1512VDC1.6E CTA51CO1512VDC1.6S CTA51CO1512VDC1.9E CTA51CO1512VDC1.9S CTA51CO1518VDC1.6E CTA51CO1518VDC1.6S CTA51CO1518VDC1.9S CTA51CO1518VDC1
Description Dual Inverter Buffer/Driver with Open-Drain Output 6-SC70 -40 to 85
POLARIZED DIP SINGLE SIDE STABLE RELAY
Dual 2-Input NAND Gate with Schmitt-Trigger Inputs 8-DSBGA -40 to 85
Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-DSBGA -40 to 85
Dual Buffer/Driver With 3-State Outputs 8-DSBGA -40 to 85
Dual Inverter 6-SC70 -40 to 85
Dual Inverter 6-SOT-23 -40 to 85
Dual Positive-Edge-Triggered D-Type Flip-Flop 8-SM8 -40 to 85
Dual Schmitt-Trigger Buffer 6-DSBGA -40 to 85
Dual Buffer/Driver With 3-State Outputs 8-SM8 -40 to 85
Dual Bus Buffer Gate With 3-State Outputs 8-DSBGA -40 to 85
Dual Schmitt-Trigger Buffer 6-SC70 -40 to 85
Variable Frequency Drive Cable; Number of Conductors:4; Conductor Size AWG:10; No. Strands x Strand Size:105 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Features:Bonded-Pair; Augmented Category 6, CMR Rated; Jacket Color:Blue RoHS Compliant: Yes
Variable Frequency Drive Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Dual 2-Input Positive-NOR Gate 8-SM8 -40 to 85
Circular Connector; No. of Contacts:37; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
Circular Connector; No. of Contacts:18; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
Single 2-Line to 1-Line Data Selector/Multiplexer 8-SM8 -40 to 85
Dual Inverter Buffer/Driver with Open-Drain Output 6-DSBGA -40 to 85
Enhanced Product Dual Inverter Gate 6-SC70 -55 to 125
Variable Frequency Drive Cable; Number of Conductors:3; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Bonded-Pair; Augmented Category 6, CMP (Plenum) Rated; Jacket Color:Blue RoHS Compliant: Yes
Dual Inverter Buffer/Driver with Open-Drain Output 6-SOT-23 -40 to 85
Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Features:Bonded-Pair; Augmented Category 6, CMR Rated; Jacket Color:White RoHS Compliant: Yes
Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Bonded-Pair; Augmented Category 6, CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes
Dual Inverter 6-SOT -40 to 85
Dual Schmitt-Trigger Buffer 6-SOT-23 -40 to 85
CIT RELAY 创新科技署署长继电器
LJT 19C 19#20 SKT RECP 创新科技署署长继电器
POLARIZED DIP BISTABLE (LATCHING) RELAY 创新科技署署长继电器
5 AMP SUBMINIATURE POWER RELAY 创新科技署署长继电器
Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-SM8 -40 to 85 创新科技署署长继电器
Dual Analog Switch 8-US8 -40 to 85 创新科技署署长继电器
Single 2-Line to 1-Line Data Selector/Multiplexer 8-US8 -40 to 85 创新科技署署长继电器
Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-US8 -40 to 85 创新科技署署长继电器
Dual Positive-Edge-Triggered D-Type Flip-Flop 8-US8 -40 to 85 创新科技署署长继电器
Circular Connector; No. of Contacts:19; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 创新科技署署长继电器
Dual Buffer/Driver With 3-State Outputs 8-US8 -40 to 85 创新科技署署长继电器
Variable Frequency Drive (VFD) Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Shielding Coverage:1% RoHS Compliant: Yes 创新科技署署长继电器
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 创新科技署署长继电器
Dual Bus Buffer Gate with 3-State Outputs 8-US8 -40 to 85 创新科技署署长继电器
Variable Frequency Drive (VFD) Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Shielding Coverage:1% RoHS Compliant: Yes 创新科技署署长继电器
Dual 2-Input NAND Gate with Schmitt-Trigger Inputs 8-SM8 -40 to 85 创新科技署署长继电器
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY 创新科技署署长继电器
Dual 2-Input NAND Gate with Schmitt-Trigger Inputs 8-US8 -40 to 85 创新科技署署长继电器
Dual Inverter 6-DSBGA -40 to 85 创新科技署署长继电器

File Size 171.90K  /  2 Page

View it Online

Download Datasheet

For CTA51BC306VDC1.6S Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of CTA51BC306VDC1.6S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43789982795715