Part Number Hot Search : 
G5U1118 WL102B 225NY 15M75 LTC31 001SMB LCE17A 1N6303
Product Description
Full Text Search
  crystal-oscillators Datasheet PDF File

For crystal-oscillators Found Datasheets File :: 5312    Search Time::4.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...own in Figure 4 Either a quartz crystal or ceramic resonator may be used More detailed information concerning the use of the on-chip oscillator is available in Application Note AP-155 ``Oscillators for Microcontrollers '' To drive the devic...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...own in Figure 4 Either a quartz crystal or ceramic resonator may be used More detailed information concerning the use of the on-chip oscillator is available in Application Note AP-155 ``Oscillators for Microcontrollers '' Order No 230659 To...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    HD404314H HD404314S HD404316H HD404316S HD404318 HD404318H HD404318S HD4074318H HD4074318S HS4318ESH01H HS4318ESS01H

HITACHI[Hitachi Semiconductor]
Part No. HD404314H HD404314S HD404316H HD404316S HD404318 HD404318H HD404318S HD4074318H HD4074318S HS4318ESH01H HS4318ESS01H
OCR Text ...uilt-in oscillators Ceramic or crystal oscillator External clock drive is also possible HD404318 Series * Seven interrupt sources Two by external sources Three by timers One each by the A/D converter and serial interface * Two low-...
Description 4-bit HMCS400-series microcomputer

File Size 298.75K  /  66 Page

View it Online

Download Datasheet

    HD4043312 HD4043312FS HD4043312S HD404334 HD404334FS HD404334S HD404336 HD404336FS HD404336S HD404338 HD404338FS HD40433

HITACHI[Hitachi Semiconductor]
Part No. HD4043312 HD4043312FS HD4043312S HD404334 HD404334FS HD404334S HD404336 HD404336FS HD404336S HD404338 HD404338FS HD404338S HD404339 HD404339FS HD404339S HD4074339 HD4074339FS HD4074339S HS4339ESS01H HS4339ESF01H
OCR Text ...uilt-in oscillators Ceramic or crystal oscillator External clock drive is also possible Subclock: 32.768-kHz crystal oscillator HD404339 Series * Seven interrupt sources Two by external sources Three by timers One each by the A/D ...
Description 4-bit HMCS400-Series microcomputer with large-capacity memory

File Size 320.13K  /  78 Page

View it Online

Download Datasheet

    HD404354 HD404354H HD404354S HD404356 HD404356H HD404356S HD404358 HD404358H HD404358S HD407A4359 HD407A4359H HD407A4359

HITACHI[Hitachi Semiconductor]
Part No. HD404354 HD404354H HD404354S HD404356 HD404356H HD404356S HD404358 HD404358H HD404358S HD407A4359 HD407A4359H HD407A4359S HD40A4354 HD40A4354H HD40A4354S HD40A4356 HD40A4356H HD40A4356S HD40A4358 HD40A4358H HD40A4358S
OCR Text ...illators Ceramic oscillator or crystal External clock drive is also possible * Seven interrupt sources Two by external sources Three by ...oscillators continue to operate, but the clocks related to instruction execution stop. Therefore, th...
Description 4-bit HMCS400-Series microcomputer

File Size 393.29K  /  100 Page

View it Online

Download Datasheet

    LM319H LT119A LT119AH LT119AJ LT319A LT319AH LT319AJ LT319AN LM119H LT0119A LM119 LM319 LM319J LM119J LM319N

LINER[Linear Technology]
Linear Technology, Corp.
Part No. LM319H LT119A LT119AH LT119AJ LT319A LT319AH LT319AJ LT319AN LM119H LT0119A LM119 LM319 LM319J LM119J LM319N
OCR Text ...9/319 TA3 Voltage Controlled Crystal Oscillator With 100PPM Trim Range AT CUT 18pF, 100kHz 5V 10k 10k LT119/319 TA4 - 1/2 LT319A + 1/2 LT319A + 2 39k 20k 9 - 3k 20k 2k 5V LT119/319 TA5 5 LT119A/LT319A L...
Description    Dual Comparator
From old datasheet system
Dual Comparator DUAL COMPARATOR, 4000 uV OFFSET-MAX, 80 ns RESPONSE TIME, MBCY10

File Size 237.95K  /  8 Page

View it Online

Download Datasheet

    M80C51FB M80C51

Intel Corporation
Part No. M80C51FB M80C51
OCR Text ...own in Figure 3 Either a quartz crystal or ceramic resonator may be used More detailed information concerning the use of the on-chip oscillator is available in Application Note AP-155 ``Oscillators for Microcontrollers '' To drive the devic...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 173.68K  /  12 Page

View it Online

Download Datasheet

    MC68040 MC68EC040 MC68360UMAD

MOTOROLA[Motorola Inc]
MOTOROLA[Motorola, Inc]
Part No. MC68040 MC68EC040 MC68360UMAD
OCR Text ...Module 1. Added Information On Crystal Operation. On page 6-13 the following sections should be added: Freescale Semiconductor, Inc... ...Oscillators are more costly than crystal circuits but are not subject to the same sensitivity as cry...
Description Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1

File Size 158.90K  /  28 Page

View it Online

Download Datasheet

    MC74HCU04AD MC74HCU04ADR2 MC74HCU04ADT MC74HCU04ADTR2 MC74HCU04AN MC74HCU04A MC74HCU04A-D

ONSEMI[ON Semiconductor]
Part No. MC74HCU04AD MC74HCU04ADR2 MC74HCU04ADT MC74HCU04ADTR2 MC74HCU04AN MC74HCU04A MC74HCU04A-D
OCR Text ...HCU04A TYPICAL APPLICATIONS Crystal Oscillator R2 Stable RC Oscillator 1/6 HCU04A 1/6 HCU04A 1/6 HCU04A Vout R2 > > R1 C1 < C2 1/6 HCU04A R1 R2 C R1 C1 Vout C2 Schmitt Trigger High Input Impedance Single-Stage ...
Description Hex Unbuffered Inverter 六角缓冲逆变

File Size 159.13K  /  8 Page

View it Online

Download Datasheet

    MC74HCU04A ON1535 MC74HCU04ADT MC74HCU04AN MC74HCU04AD

Motorola Mobility Holdings, Inc.
MOTOROLA[Motorola, Inc]
Part No. MC74HCU04A ON1535 MC74HCU04ADT MC74HCU04AN MC74HCU04AD
OCR Text ...HCU04A TYPICAL APPLICATIONS Crystal Oscillator R2 Stable RC Oscillator 1/6 HCU04 1/6 HCU04 1/6 HCU04 Vout 1/6 HCU04 R2 > > R1 C1 < C2 R1 R2 C R1 C1 Vout C2 Schmitt Trigger High Input Impedance Single-Stage Ampl...
Description Hex Unbuffered Inverter 六角缓冲逆变
From old datasheet system

File Size 133.30K  /  7 Page

View it Online

Download Datasheet

For crystal-oscillators Found Datasheets File :: 5312    Search Time::4.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of crystal-oscillators

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4018847942352