Part Number Hot Search : 
P6SMB91 12050 KB357NT Y5DU56 MUR890 MBR5200D MC74HC1 00JTR
Product Description
Full Text Search
  creepage Datasheet PDF File

For creepage Found Datasheets File :: 5156    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PS2581L2 PS2581L2-A PS2581L1 PS2581L1-A PS2581L2-E3 PS2581L2-E4

California Eastern Labs
Part No. PS2581L2 PS2581L2-A PS2581L1 PS2581L1-A PS2581L2-E3 PS2581L2-E4
OCR Text creepage TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER -NEPOC DESCRIPTION The PS2581L1, PS2581L2 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon phototransistor in a plastic DIP (Dual In-line Pac...
Description LONG creepage TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER

File Size 238.67K  /  11 Page

View it Online

Download Datasheet





    SFH6286-3T

Vishay Siliconix
Part No. SFH6286-3T
OCR Text ...le with 2.54 mm lead spacing. ? creepage and clearance distances of > 8 mm are achieved with option 6. this version complies with iec 60950 (din vde 0805) for reinforced insulation to an operation voltage of 400 v rms or dc. features ? ...
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current

File Size 186.15K  /  7 Page

View it Online

Download Datasheet

    SFH6286-2T

Vishay Siliconix
Part No. SFH6286-2T
OCR Text ...able with 2.54 mm lead spacing. creepage and clearance distances of > 8 mm are achieved with option 6. this version complies with iec 60950 (din vde 0805) for reinforced insulation to an operation voltage of 400 v rms or dc. features ? hig...
Description Optocoupler, Phototransistor Output, AC Input, Low Input Current

File Size 221.91K  /  7 Page

View it Online

Download Datasheet

    XE5620 XE5620-ITR

XECOM
ETC[ETC]
Part No. XE5620 XE5620-ITR
OCR Text ...rrent. UL60950 requires minimum creepage and clearances distances be maintained between the Tip and Ring traces and all other circuits. Clearance is the shortest distance between conductive circuits; creepage is the distance between conduct...
Description 56 Kbps surface-mountable integrated sealed-hybrid modem.

File Size 236.49K  /  18 Page

View it Online

Download Datasheet

    TCDT1100 TCDT1100G TCDT1101 TCDT1101G TCDT1103 TCDT1103G TCDT1102G TCDT1102

Vishay Intertechnology,Inc.
Vishay Intertechnology, Inc.
Vishay Telefunken
VISAY[Vishay Siliconix]
Part No. TCDT1100 TCDT1100G TCDT1101 TCDT1101G TCDT1103 TCDT1103G TCDT1102G TCDT1102
OCR Text ...unken Features Approvals: D creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 275 D Thickness through insulation 0.75 mm D BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Ce...
Description Optocoupler with Phototransistor Output 与光电晶体管光电耦合器输
From old datasheet system

File Size 138.69K  /  8 Page

View it Online

Download Datasheet

    ACPL-W314-500E

AVAGO TECHNOLOGIES LIMITED
Part No. ACPL-W314-500E
OCR Text ...6 package ? package clearance/creepage at 8mm (acpl-w314) ? safety approval: ul1577 recognized with 3750 vrms for 1 minute for acpl-p314 and 5000 vrms for 1 minute for acpl- w314. csa approved. iec/en/din en 60747-5-2 approved v ior...
Description ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler

File Size 208.57K  /  14 Page

View it Online

Download Datasheet

    Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
Part No. K815P K845P K825P
OCR Text ...sions of K815P in mm weight: creepage distance: air path: y y ca. 0.25 g 6 mm 6 mm after mounting on PC board 96 12231 Dimensions of K825P in mm weight: creepage distance: air path: y y ca. 0.5 g 6 mm 6 mm afte...
Description Optocoupler with Photodarlington Output
From old datasheet system

File Size 171.62K  /  9 Page

View it Online

Download Datasheet

    B25838K4225K001 B25838L8475K004 B25838 B25838K4475K009 B25838K6105K001 B25838K6225K001 B25838K6475K009 B25838K8105K001 B

EPCOS[EPCOS]
Part No. B25838K4225K001 B25838L8475K004 B25838 B25838K4475K009 B25838K6105K001 B25838K6225K001 B25838K6475K009 B25838K8105K001 B25838K8225K001 B25838L4106K004 B25838L4156K004 B25838L4226K004 B25838L4336K004 B25838L4476K004 B25838L6106K004 B25838L6126K004 B25838L6156K004 B25838L6226K004 B25838L6336K004 B25838L6685K004 B25838L8106K004 B25838L8126K004 B25838L8156K004 B25838L8186K004 B25838L8226K004
OCR Text ... d -1,2 I -4 d1 -0,4 I1 min creepage distance k 64.2 115 60.2 78 20 64.2 194 60.2 150 20 79.2 194 75.2 150 20 89.3 194 85.2 150 20 Max. torque terminals*) 7 Nm Clearance 13 13 13 13 d +0,5 -0,2 40 50 I +1 -2 95 95 l1 max l...
Description MKV AC Capacitors Damping

File Size 119.62K  /  8 Page

View it Online

Download Datasheet

    HCPL-0721 HCPL-0720 HCPL-7720 HCPL-7721

Agilent (Hewlett-Packard)
Agilent(Hewlett-Packard)
Part No. HCPL-0721 HCPL-0720 HCPL-7720 HCPL-7721
OCR Text ...nce) Minimum External Tracking (creepage) Minimum Internal Plastic Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) Isolation Group Symbol L(I01) L(I02) 772X 7.1 7.4 0.08 Value 072X 4.9 4.8 0.08 Units mm mm mm Condi...
Description HCPL-7721 · 40 ns Propagation Delay, CMOS Optocouplers
HCPL-7720 · 40 ns Propagation Delay, CMOS Optocouplers
HCPL-0721 · 40 ns Propagation Delay, CMOS Optocouplers
HCPL-0720 · 40 ns Propagation Delay, CMOS Optocouplers
40 ns Propagation Delay CMOS Optocoupler

File Size 434.00K  /  18 Page

View it Online

Download Datasheet

    PS9687L2-A PS9687L2-E3-A PS9687L2 PS9687L2-E3 PS9687L2-E4 PS9687L2-E4-A PS9687L1-A PS9687L1-V PS9687L1-V-A PS9687L2-V-E4

California Eastern Laboratories
CEL[California Eastern Labs]
Part No. PS9687L2-A PS9687L2-E3-A PS9687L2 PS9687L2-E3 PS9687L2-E4 PS9687L2-E4-A PS9687L1-A PS9687L1-V PS9687L1-V-A PS9687L2-V-E4-A PS9687L1 PS9687L2-V PS9687L2-V-A PS9687L2-V-E3 PS9687L2-V-E3-A PS9687L2-V-E4
OCR Text creepage DISTANCE OF 8 mm Series- DESCRIPTION The PS9687L1 and PS9687L2 are optically coupled isolators containing a GaAlAs LED on the input side and a photo diode and a signal processing circuit on the output side on one chip. The PS9...
Description HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR creepage DISTANCE OF 8 mm

File Size 249.39K  /  12 Page

View it Online

Download Datasheet

For creepage Found Datasheets File :: 5156    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of creepage

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6834230422974