Part Number Hot Search : 
RF300 P2950CZ LN453YP 87C51FA KBL200 LA633908 STV0056A AN942
Product Description
Full Text Search
  configurations. Datasheet PDF File

For configurations. Found Datasheets File :: 34517    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8605
OCR Text ...1 , version 1.1 flexible port configurations the pex8605 flexible architecture supports a number of port configurations as required by the target applications as shown in figure 1 below. figure 1. port configurations ...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 271.10K  /  3 Page

View it Online

Download Datasheet





    POSITRONIC INDUSTRIES INC
Part No. GF1M1FADS4L
OCR Text ... solder and straight press-fit configurations : multiple variants in both standard and high densities qualifications : mil-dtl-24308, goddard space flight 311p, mil-c-39029, ip65, ip67 contact sizes: 0, 8, 12, 16, 20 and 22 current...
Description 2 CONTACT(S), FEMALE AND MALE, POWER CONNECTOR, SOLDER

File Size 1,401.98K  /  5 Page

View it Online

Download Datasheet

    AT45DQ161 AT45DQ161-MHD-Y AT45DQ161-MHF-Y AT45DQ161-CCUD-T AT45DQ161-MHF-T AT45DQ161-MHD-T

List of Unclassifed Manufacturers
Part No. AT45DQ161 AT45DQ161-MHD-Y AT45DQ161-MHF-Y AT45DQ161-CCUD-T AT45DQ161-MHF-T AT45DQ161-MHD-T
OCR Text ...e cycles are self-timed. 1. pin configurations and pinouts figure 1-1. pinouts note: 1. the metal pad on the bottom of the udfn package is not internally connected to a voltage potential. this pad can be a ?no connect? or connected to gnd. ...
Description 16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum

File Size 2,514.67K  /  82 Page

View it Online

Download Datasheet

    AT45DQ161-MHD-T AT45DQ161-MHF-Y AT45DQ161-MHF-T AT45DQ161-CCUD-T AT45DQ161-MHD-Y AT45DQ161-SSHD-B AT45DQ161-SHD-B AT45DQ

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. AT45DQ161-MHD-T AT45DQ161-MHF-Y AT45DQ161-MHF-T AT45DQ161-CCUD-T AT45DQ161-MHD-Y AT45DQ161-SSHD-B AT45DQ161-SHD-B AT45DQ161-SSHD-T
OCR Text ...e cycles are self-timed. 1. pin configurations and pinouts figure 1-1. pinouts note: 1. the metal pad on the bottom of the udfn package is not internally connected to a voltage potential. this pad can be a ?no connect? or connected to gnd. ...
Description 16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

File Size 2,508.92K  /  81 Page

View it Online

Download Datasheet

    SJS991000 SJS862100 SJS861100 SJS861700 SJS862200 SJS861800 SJS862400 SJS450400 SJS450300 SJS450350 SJS450100 SJS257000

Amphenol Corporation
Part No. SJS991000 SJS862100 SJS861100 SJS861700 SJS862200 SJS861800 SJS862400 SJS450400 SJS450300 SJS450350 SJS450100 SJS257000 SJS883000
OCR Text ...ilable in the 12-pin and 25-pin configurations. features benefts molded plastic locking ring with anti-rotation (panel mounting) security in high vibration & shock environments solder wash standoff feet & two-thread cutting screws holes (p...
Description Luminus MP Series
   Luminus MP Series

File Size 553.68K  /  3 Page

View it Online

Download Datasheet

    PA0801NL PA0803NL PA0802 PA0801NLT PA0805NL PA0807 PA0809NL PA0804NL PA0806NL PA0808NL

Pulse A Technitrol Company
Pulse A Technitrol Comp...
Part No. PA0801NL PA0803NL PA0802 PA0801NLT PA0805NL PA0807 PA0809NL PA0804NL PA0806NL PA0808NL
OCR Text ...the next page for other winding configurations that can be made available. 2. to determine if the transformer is suitable for your application, it is necessary to ensure that the temperature rise of the component (ambient plus temperature...
Description HIGH FREQUENCY PLANAR TRANSFORMERS PA08XXNL Series (up to 140W)

File Size 252.23K  /  3 Page

View it Online

Download Datasheet

    INTEGRATED SILICON SOLUTION INC
Part No. IS42SM32400E-75EBLI
OCR Text ...1 a9 a8 a7 a6 a5 a4 v ss pin configurations 54 pin tsop - type ii for x8 pin descriptions: 16mx8 a0-a11 row address input a0-a9 column address input ba0, ba1 bank select address dq0 to dq7 data i/o clk system clock input...
Description 4M X 32 SYNCHRONOUS DRAM, 5.4 ns, PBGA90

File Size 764.69K  /  26 Page

View it Online

Download Datasheet

For configurations. Found Datasheets File :: 34517    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of configurations.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.95188212394714