Part Number Hot Search : 
4148W LN21R SE336 BAT85 3890E FX0359 FESF16HT FESF16HT
Product Description
Full Text Search
  compound Datasheet PDF File

For compound Found Datasheets File :: 12614    Search Time::3.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IMX81 IMX8-7-F

Diodes Inc.
Diodes Incorporated
Part No. IMX81 IMX8-7-F
OCR Text ...molded plastic, "green" molding compound, note 5. ul flammabil ity classification 94v-0 moisture sensitivity: level 1 per j- std-020c terminal connections: see diagram terminals: solderable per mil-std-202, method 208 lead free plati...
Description DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR

File Size 439.49K  /  4 Page

View it Online

Download Datasheet





    AX432FN AX432 AX432AA AX432AM AX432AN AX432BA AX432BM AX432BN AX432CA AX432CM AX432CN AX432DA AX432DM AX432EA AX432EM AX

List of Unclassifed Manufacturers
AVANTICS Microelectronics
ETC[ETC]
Part No. AX432FN AX432 AX432AA AX432AM AX432AN AX432BA AX432BM AX432BN AX432CA AX432CM AX432CN AX432DA AX432DM AX432EA AX432EM AX432EN AX432FA AX432FM AX432DN
OCR Text ...Cu or Pure-Tin (Pb-free) * Mold compound: Epoxy resin family, flammability solid burning class: UL94V-0 F J DIM A B C D E F G H I Min. 4.40 4.05 1.50 2.40 0.36 *1.50 *3.00 1.40 0.35 Max. 4.60 4.25 1.70 2.60 0.51 1.60 0.41 ...
Description Adjustable Shunt Regulator
可调并联稳压

File Size 172.12K  /  7 Page

View it Online

Download Datasheet

    Taiwan Semiconductor
Part No. TS15PL05G
OCR Text ... tv game console smps. molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test ...
Description Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifiers

File Size 218.21K  /  4 Page

View it Online

Download Datasheet

    http://
DIODES[Diodes Incorporated]
Part No. AZ23C6V8W-7-F AZ23C10W AZ23C10W-7-F AZ23C18W AZ23C18W-7-F AZ23C5V6W AZ23C5V6W_1 AZ23C5V6W-7-F AZ23C6V8W
OCR Text ...Molded Plastic, "Green" Molding compound, Note 6. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Lead Free Plating...
Description 200mW DUAL SURFACE MOUNT ZENER DIODE

File Size 64.23K  /  3 Page

View it Online

Download Datasheet

    DIODES[Diodes Incorporated]
Part No. BAS21T_1 BAS21T BAS21T-7-F BAS21T1
OCR Text ...Molded Plastic, "Green" Molding compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over A...
Description SURFACE MOUNT FAST SWITCHING DIODE

File Size 71.34K  /  3 Page

View it Online

Download Datasheet

    Taiwan Semiconductor
Part No. RS1KLS RS1JLS
OCR Text ...ase: sod123he sod123he molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free, rohs compliant terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class ...
Description (RS1JLS - RS1MLS) Surface Mount Fast Recovery Rectifiers

File Size 396.02K  /  3 Page

View it Online

Download Datasheet

    MB95R203A

Fujitsu Component Limited.
Part No. MB95R203A
OCR Text ...(continued) ? timer ? 8/16-bit compound timer ? time-base timer ? watch prescaler ? uart/sio ? offers clock asynchronous (uart) or clock synchronous (sio) serial data transfer ? full duplex double buffer ? i 2 c ? built-in wake-up functi...
Description 8-bit Proprietary Microcontrollers

File Size 379.37K  /  56 Page

View it Online

Download Datasheet

    DIODES[Diodes Incorporated]
Part No. BAS70W_1 BAS70W BAS70W-04 BAS70W-04-7-F BAS70W-05 BAS70W-05-7-F BAS70W-06 BAS70W-06-7-F BAS70W-7-F
OCR Text ...Molded Plastic, "Green" Molding compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over A...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE

File Size 67.35K  /  3 Page

View it Online

Download Datasheet

    IRF[International Rectifier]
Part No. 70MT160PB 100MT160PA 100MT160PB 40MT160PA 40MT160PB 70MT160PA 100MT140PA 100MT140PB MTP3-PHASE 40MT140PA 40MT140PB 70MT140PA 70MT140PB
OCR Text ...oth, flat and greased. Heatsink compound thermal conductivity = 0.42W/mK A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads. 40MT ...
Description 1600V 3 Phase Bridge in a MTP package with flat pins
1600V 3 Phase Bridge in a MTP package with round pins.
THREE PHASE BRIDGE

File Size 120.70K  /  8 Page

View it Online

Download Datasheet

    BGF844

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BGF844
OCR Text ...l behaviour, the use of thermal compound is recommended when mounting the module onto the amplifier external heatsink. The following recommended thermal compounds have a thermal conductivity of >0.5 W/mK: * WPS II (silicone-free) from Auste...
Description GSM800 EDGE power module

File Size 86.55K  /  12 Page

View it Online

Download Datasheet

For compound Found Datasheets File :: 12614    Search Time::3.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of compound

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.49703693389893