Part Number Hot Search : 
10800 B5551 BZ5245 GM2110 M4040 1N4001 MAX2720 74HC54
Product Description
Full Text Search
  compatibility Datasheet PDF File

For compatibility Found Datasheets File :: 22189    Search Time::0.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Tripp Lite. All Rights Reserved
Tripp Lite. All Rights Rese...
Part No. INTERNET550U
OCR Text ... supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 8 5-15r outlet(s) ups output receptacles (surge suppression only) 4 ups outlets, 4 surge-only outlets hot-swap...
Description Internet Office 550VA Ultra-compact Standby 120V
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port

File Size 515.48K  /  4 Page

View it Online

Download Datasheet





    SP5654-KG-MPAD SP5654-KG-MPAS SP5654_KG SP5654KGMPAD SP5654KGMPAS SP5654

Zarlink Semiconductor Inc
Part No. SP5654-KG-MPAD SP5654-KG-MPAS SP5654_KG SP5654KGMPAD SP5654KGMPAS SP5654
OCR Text ...ee notes on pin and programming compatibility [ Normal ESD handling procedures should be observed. MP16 Fig. 1 Pin connections - top view APPLICATIONS J Satellite TV J High IF Cable Tuning Systems ORDERING INFORMATION SP5654/KG/MPAS...
Description 2.7GHZ 3-WIRE BUS CONTROLLED SYNTHESISER

File Size 240.77K  /  15 Page

View it Online

Download Datasheet

    Intel
Part No. 82091AA
OCR Text ...ndard 1284 Protocols Supported (compatibility Nibble Byte EPP and ECP) Peak Bi-Directional Transfer Rate of 2 MB sec Provides Interface for Low-Cost Engineless Laser Printer 16-Byte FIFO for ECP Interface Backpower Protection Y Floppy...
Description ADVANCED INTEGRATED PERIPHERAL (AIP)

File Size 1,761.87K  /  205 Page

View it Online

Download Datasheet

    Tripp Lite. All Rights Reserved
Tripp Lite. All Rights Rese...
Part No. INTERNET350U
OCR Text ... supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 6 5-15r outlet(s) ups output receptacles (surge suppression only) 3 ups outlets, 3 surge-only outlets hot-swap...
Description Internet Office 350VA Ultra-compact Standby 120V
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port

File Size 491.91K  /  4 Page

View it Online

Download Datasheet

    ATMEGA8515B-16BMC ATMEGA8515 ATMEGA8515L-8PU ATMEGA8515-16AC ATMEGA8515-16AI ATMEGA8515-16AU ATMEGA8515-16JC ATMEGA8515-

ATMEL[ATMEL Corporation]
Part No. ATMEGA8515B-16BMC ATMEGA8515 ATMEGA8515L-8PU ATMEGA8515-16AC ATMEGA8515-16AI ATMEGA8515-16AU ATMEGA8515-16JC ATMEGA8515-16JI ATMEGA8515-16MI ATMEGA8515-16MU ATMEGA8515-16PC ATMEGA8515-16PI ATMEGA8515-16PU ATMEGA8515L ATMEGA8515L-8AC ATMEGA8515L-8AI ATMEGA8515L-8AU ATMEGA8515L-8JC ATMEGA8515L-8JI ATMEGA8515L-8MC ATMEGA8515L-8MI ATMEGA8515L-8MU ATMEGA8515L-8PC ATMEGA8515L-8PI
OCR Text ...this problem, an AT90S4414/8515 compatibility mode can be selected by programming the S8515C Fuse. ATmega8515 is 100% pin compatible with AT90S4414/8515, and can replace the AT90S4414/8515 on current printed circuit boards. However, the loc...
Description 8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash

File Size 1,849.58K  /  254 Page

View it Online

Download Datasheet

    Optrex
Mitsubishi
Part No. AA150XN02
OCR Text ...c(hirose) f unction(isp 6 bit compatibility mode) pin no. symbol 6 bit input 8 bit input function(isp 8 bit compatibility mode) 1 vcc +3.3 v power supply ? 2 vcc +3.3 v power supply ? 3 gnd gnd ? ...
Description TFT LCD Module

File Size 562.49K  /  45 Page

View it Online

Download Datasheet

    Atmel Corp
Part No. ATMEGA128L-8AI
OCR Text ...ble Clock Frequency - ATmega103 compatibility Mode Selected by a Fuse - Global Pull-up Disable I/O and Packages - 53 Programmable I/O Lines - 64-lead TQFP and 64-pad QFN/MLF Operating Voltages - 2.7 - 5.5V for ATmega128L - 4.5 - 5.5V for AT...
Description Microcontroller - Datasheet Reference

File Size 3,190.47K  /  391 Page

View it Online

Download Datasheet

    Philips
Part No. SJA1000 SJA1000T SJA1000_3
OCR Text ...of the CAN controller PCA82C200 compatibility Differences between BasicCAN and PeliCAN mode BasicCAN mode BasicCAN address layout Reset values Control Register (CR) Command Register (CMR) Status Register (SR) Interrupt Register (IR) Transmi...
Description Stand-alone CAN controller
From old datasheet system

File Size 239.74K  /  68 Page

View it Online

Download Datasheet

    TEMIC
Part No. TSC87251G2D-24IB
OCR Text ...Features q Pin and Software compatibility with Standard 80C51 Products and 80C51Fx/Rx/Rx+ Plug-In Replacement of Intel's 8xC251Sx C251 core: Intel's MCS(R)251 D-step Compliance * 40-byte register file * Registers accessible as Bytes, Wo...
Description 8/16-bit Microcontroller with Serial Communication Interfaces

File Size 622.95K  /  64 Page

View it Online

Download Datasheet

For compatibility Found Datasheets File :: 22189    Search Time::0.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of compatibility

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.41085505485535