Part Number Hot Search : 
4DFT1G 3KP78CA 30KPA66C VRE310BS 0G1TC10 TLMK3200 IN4937G V250LT2P
Product Description
Full Text Search
  common-drain Datasheet PDF File

For common-drain Found Datasheets File :: 14143    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SD620 2SK620

PANASONIC[Panasonic Semiconductor]
Part No. 2SD620 2SK620
OCR Text ...r admittance Input capacitance (Common Source) Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Turn-on time ...Drain current ID (mA) VGS=6.0V 80 5.5V 5.0V 60 160 40 120 4.5V 30 80 40 4...
Description Silicon N-Channel MOS FET

File Size 35.23K  /  2 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ... inverting oscillator amplifier common timing reference Each Register Comparator Module is associated with a pin of Port 1 or Port 4 and is capable of performing input capture output compare and pulse width modulation functions The PCAs are...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...citance5 Ax, Bx Capacitance5 Wx Common-mode Leakage Current7 DIGITAL INPUTS & OUTPUTS Input Logic High Input Logic Low Output Logic High Out...Drain Output requires external pull-up resistor. Commands 9 and 10 activate the SDO output. See Inst...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA
OCR Text ...a problem in most systems since common devices are not functional in this range. If it is desired for the FM1233A reset to be functional bel...Drain, active LOW Open-Drain, active LOW Open-Drain, active LOW Package Type 3-Pin, SOT23 3-Pin,...
Description 2.72V, Active Low Bi-Directional Precision Reset Generator Circuit
3.08V, Active Low Bi-Directional Precision Reset Generator Circuit
2.88V, Active Low Bi-Directional Precision Reset Generator Circuit
3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
3-Pin レC Supervisor Circuit
3-Pin uC Supervisor Circuit
3-Pin μC Supervisor Circuit

File Size 60.03K  /  7 Page

View it Online

Download Datasheet

    GTLP6C816 GTLP6C816MTC

FAIRCHILD[Fairchild Semiconductor]
Part No. GTLP6C816 GTLP6C816MTC
OCR Text ...tPLH tPHL tOSHL, tOSLH (Note 7) Common Edge Skew GTLPIN OAn Transition Time, OB Outputs (20% to 80%) Transition Time, OB outputs (20% to 80%) Transition Time, OA outputs (10% to 90%) Transition Time, OA outputs (10% to 90%) OEA OAn 0.5 0.5 ...
Description GTLP-to-TTL 1:6 Clock Driver

File Size 44.77K  /  7 Page

View it Online

Download Datasheet

    ICM7211 ICM7211ALM44 ICM7211ALPL ICM7211AMLM44 ICM7211AMLPL ICM7211LPL ICM7211MLPL ICM7212 ICM7212AMLPL FN3158

Maxim Integrated Products
INTERSIL[Intersil Corporation]
Part No. ICM7211 ICM7211ALM44 ICM7211ALPL ICM7211AMLM44 ICM7211AMLPL ICM7211LPL ICM7211MLPL ICM7212 ICM7212AMLPL FN3158
OCR Text ...Drive Direct Drive Direct Drive Common Anode TEMP. RANGE (oC) -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 -40 to 85 PACKAGE ...drain, N-Channel transistor. The drain current of these transistors can be controlled by varying the...
Description 4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
From old datasheet system

File Size 82.51K  /  12 Page

View it Online

Download Datasheet

    K9F5608U0M- K9F5608U0M-YCB0 K9F5608U0M-YIB0

Samsung Electronics Inc
SAMSUNG[Samsung semiconductor]
Part No. K9F5608U0M- K9F5608U0M-YCB0 K9F5608U0M-YIB0
OCR Text ... and VSS pins of each device to common power supply outputs. Do not leave VCC or VSS disconnected. 2 K9F5608U0M-YCB0,K9F5608U0M-YIB0 ...drain output and does not float to high-z condition when the chip is deselected or when outputs are ...
Description From old datasheet system
EEPROM,NAND FLASH,33MX8,CMOS,TSSOP,48PIN,PLASTIC
32M x 8 Bit NAND Flash Memory

File Size 350.10K  /  26 Page

View it Online

Download Datasheet

For common-drain Found Datasheets File :: 14143    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of common-drain

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5406270027161