Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
  CMN050 Datasheet PDF File

For CMN050 Found Datasheets File :: 1+       Page :: | <1> |   

    MAX6501CMP MAX6504 MAX6501CMP010 MAX6501UKP085-T MAX6501UKP095-T MAX6501UKP125-T MAX6501 MAX6501CMN000-T MAX6501CMN005 M

MAXIM[Maxim Integrated Products]
Maixm
Maxim Integrated Products, Inc.
MAXIM INTEGRATED PRODUCTS INC
MAXIM - Dallas Semiconductor
Maxim Integrated Produc...
Part No. MAX6501CMP MAX6504 MAX6501CMP010 MAX6501UKP085-T MAX6501UKP095-T MAX6501UKP125-T MAX6501 MAX6501CMN000-T MAX6501CMN005 MAX6501CMN005-T MAX6501CMN010 MAX6501CMN010-T MAX6501CMN015 MAX6501CMN015-T MAX6501CMN020 MAX6501CMN020-T MAX6501CMN025 MAX6501CMN025-T MAX6501CMN030 MAX6501CMN030-T MAX6501CMN035 MAX6501CMN035-T MAX6501CMN040 MAX6501CMN040-T MAX6501CMN045 MAX6501CMN045-T MAX6501CMN050 MAX6501CMN050-T MAX6501CMN055 MAX6501CMN055-T MAX6501CMP000 MAX6501CMP000-T MAX6501CMP005 MAX6501CMP005-T MAX6501UKP075-T MAX6501CMN000 MAX6504UKP125-T MAX6501CMP010-T MAX6501CMP015 MAX6501CMP015-T MAX6501CMP020 MAX6501CMP020-T MAX6501CMP025 MAX6501CMP025-T MAX6501CMP030 MAX6501CMP030-T MAX6501CMP035 MAX6501CMP035-T MAX6501CMP040 MAX6501CMP040-T MAX6501CMP045 MAX6501CMP045-T MAX6501CMP050 MAX6501CMP050-T MAX6501CMP055 MAX6501CMP055-T MAX6501CMP060 MAX6501CMP060-T MAX6501CMP065 MAX6501CMP065-T MAX6501CMP070 MAX6501CMP070-T MAX6501CMP075 MAX6501CMP075-T MAX6501CMP080 MAX6501CMP080-T MAX6501CMP085 MAX6501CMP085-T MAX6501CMP090 MAX6501CMP090-T MAX6501CMP095 MAX6501CMP095-T MAX6501CMP100 MAX6501CMP100-T MAX6501CMP105 MAX6501CMP105-T MAX6501CMP110 MAX6501CMP110-T MAX6501CMP115 MAX6501CMP115-T MAX6501CMP120
Description Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 95.
Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage push-pull. Standard temperature threshold(C) 75.
Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 75.
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
Fixed Negative Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape &amp; Reel
Low-Cost / 2.7V to 5.5V / Micropower Temperature Switches in SOT23 and TO-220
Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-91
Fixed Negative Voltage Regulator; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:16-26
TV 2C 2#16 SKT PLUG
4A Bridge Rectifier
Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:16-23
Fixed Negative Voltage Regulator; Package: TO-220; No of Pins: 3; Container: Rail
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V.5V,功耗温度开关,SOT23封装和TO - 220
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V.5V,功耗温度开关,SOT23封装TO - 220
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 低成本,2.7V5.5V,功耗温度开关,SOT23封装和TO - 220
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 SPECIALTY ANALOG CIRCUIT, PSFM7
TV 13C 13#22D SKT PLUG 低成本,2.7V.5V,功耗温度开关,SOT23封装TO - 220
Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 SPECIALTY ANALOG CIRCUIT, PDSO5
SUCTION LIFTER 320MMSUCTION LIFTER 320MM; Length:320mm; Load, max:80kg; Size:320; Weight:550g
SCREWDRIVER, STEPLESSSCREWDRIVER, STEPLESS; Length:220mm; Length, Handle:120mm; Length, blade:100mm
SCRAPER, PAINTERS 2"SCRAPER, PAINTERS 2"; Length:50mm; Material:Spring Steel
Cutter, Side
Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage open-drain. Standard temperature threshold(C) 65.
Low-cost, 2.7V to 5.5V micropower temperature switch. Output stage push-pull. Standard temperature threshold(C) 65.

File Size 395.20K  /  8 Page

View it Online

Download Datasheet

For CMN050 Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: CM0006CF
Maker: PROMISE
Pack: QFP
Stock: 726
Unit price for :
    50: $4.71
  100: $4.47
1000: $4.24

Email: oulindz@gmail.com

Contact us

 
Price & Availability of CMN050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.4509379863739