Part Number Hot Search : 
1216402 CPC5604 4840S N101C MPC8247 CYM1471 CPB1621 5GAT15
Product Description
Full Text Search
  ciency Datasheet PDF File

For ciency Found Datasheets File :: 1049    Search Time::10.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Murata Power Solutions
Part No. MEV3S1212SC
OCR Text ...) 1 ripple & noise (max) 1 ef? ciency (min.) ef? ciency (typ.) isolation capacitance mttf 2 v v ma ma % mvp-p % % pf khrs mev3s0505sc 5 5 600 700 6.8 8 39 50 81.5 83 28 6029 mev3s0509sc 5 9 333 680 5.5 7 24 35 85.3 87 43 5163 mev3s0512sc ...
Description 3kVDC Isolated 3W Single Output DC/DC Converters

File Size 153.25K  /  5 Page

View it Online

Download Datasheet





    FVG72-156Z

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. FVG72-156Z
OCR Text ... pa test against wind) high e ciency level up to14.95% 3.2 mm solar-grade tempered prismatic glass strict and continuous quality controls during all the production phases up to shipment custom-made modules even in ?all black? versio...
Description Silicon-wafer Polycrystalline photovoltaic module with power peak from 275 W to 290 W

File Size 607.46K  /  2 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
Part No. LTC3418EUHFPBF
OCR Text ...res applications n high ef? ciency: up to 95% n 8a output current n 2.25v to 5.5v input voltage range n low r ds(on) internal switch: 35m n tracking input to provide easy supply sequencing n programmable frequency: 300khz to ...
Description 8A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 38; Temperature Range: -40&deg;C to 125&deg;C 17 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PQCC38

File Size 347.89K  /  20 Page

View it Online

Download Datasheet

    Murata
Part No. MVAD040-24 MVAD040-48
OCR Text ...standard footprint ? ? high ef? ciency up to 89% ? ? universal ac input ? ? low pro? le - 1u package ? ? convection-cooled operation up to 40w ? ? complies with 5000m altitude ? ? rohs compliant ? ? ul class i and ii approved ? ? less than ...
Description AC-DC Power Supply Converter

File Size 277.24K  /  5 Page

View it Online

Download Datasheet

    NXP
Part No. TEF6624
OCR Text ...th high integration and high ef?ciency for radio rev. 01.05 9 june 2009 objective data sheet free datasheet http://www.datasheetlist.com/ draft draft draft dr draft draft draft draf draft draft draft draft draft d draft draft draft draf...
Description Tuner

File Size 1,032.28K  /  64 Page

View it Online

Download Datasheet

    P89C669BBD P89C669FA

NXP Semiconductors
Part No. P89C669BBD P89C669FA
OCR Text ...o greatly improve c language ef?ciency for code size below 64 kbytes. the p89c669 device contains a non-volatile flash program memory that is both parallel programmable and serial in-system and in-application programmable. in-system program...
Description 80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM

File Size 181.43K  /  33 Page

View it Online

Download Datasheet

    NPH25S2403EIC NPH25S2405IC NPH25S2415EIC NPH25S2405EIC NPH25S2412EIC

Murata Manufacturing Co., Ltd.
Murata Manufacturing Co., L...
Part No. NPH25S2403EIC NPH25S2405IC NPH25S2415EIC NPH25S2405EIC NPH25S2412EIC
OCR Text ...tput current current limit ef?ciency mttf 2 recommended alternative v v a a (min.) a (max.) % khrs nph25s2403eic 24 3.4 7.3 7.5 11.0 81 334 uei30-033-q48n-c nph25s2403ic 24 3.4 7.3 7.5 11.0 81 334 uei30-033-q48n-c nph25s2405eic 24 5.1 5....
Description Isolated 25W Single Output DC/DC Converters

File Size 167.72K  /  8 Page

View it Online

Download Datasheet

    Renesas Electronics, Corp.
Linear Technology, Corp.
LINEAR TECHNOLOGY CORP
Part No. LT1085ITPBF LT1085CMPBF LT1084CTPBF LT1084ITTRPBF LT1083CKTR LT1083CPTR
OCR Text ....5a, 5a and 3a with higher ef? ciency than currently available devices. all internal circuitry is designed to operate down to 1v input-to-output differential and the dropout voltage is fully speci? ed as a function of load current. dr...
Description 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40&deg;C to 85&deg;C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: DD PAK; No of Pins: 3; Temperature Range: 0&deg;C to 70&deg;C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0&deg;C to 70&deg;C 1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3
1.2 V-15 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2

File Size 194.52K  /  18 Page

View it Online

Download Datasheet

For ciency Found Datasheets File :: 1049    Search Time::10.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ciency

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0567030906677