Part Number Hot Search : 
IP568X VCH162 MLD5120 T1637 HIN240CN STB1277 MC1536 LM137A
Product Description
Full Text Search
  care Datasheet PDF File

For care Found Datasheets File :: 33607    Search Time::4.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    A1201SR

PARA LIGHT ELECTRONICS CO., LTD.
Part No. A1201SR
OCR Text ...ec. ? during soldering, take care not to press the tip of iron against the pin. (to prevent heat from being transferred directly to the pin.) 1) when soldering the pin of display in a jig that the package is fixed with a panel (see...
Description 1.2 INCH SINGLE DIGIT DISPLAY

File Size 201.44K  /  11 Page

View it Online

Download Datasheet





    NSPL515DS14

NICHIA CORPORATION
Part No. NSPL515DS14
OCR Text ...xposed copper alloy base metal. care must be taken to handle the leds, as it may contain sharp parts such as lead, and can cause injury. ???`? lead standoff 1 0.3 0.3 5.6 anode cathode 1.5 max 1 (2) 28.61 8.3 7.3 1.1 (2.5) 5 5.3 12.10.5 0...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 216.39K  /  16 Page

View it Online

Download Datasheet

    NSPL510DS14

NICHIA CORPORATION
Part No. NSPL510DS14
OCR Text ...xposed copper alloy base metal. care must be taken to handle the leds, as it may contain sharp parts such as lead, and can cause injury. ? item ?| resin materials `??`| lead frame materials | weight description ?? ( ?w ) epoxy resin(part...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 210.88K  /  16 Page

View it Online

Download Datasheet

    NSPL500DS14

NICHIA CORPORATION
Part No. NSPL500DS14
OCR Text ...xposed copper alloy base metal. care must be taken to handle the leds, as it may contain sharp parts such as lead, and can cause injury. 5.6 (2.5) 1.5 max 12.40.5 8.6 7.6 5 5.3 1 (2) anode cathode 1.1 28.91 0.50.05 ? item ?| resin materi...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 223.32K  /  16 Page

View it Online

Download Datasheet

    93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-S

MICROCHIP[Microchip Technology]
Part No. 93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-SN 93C46B-ST 93C46
OCR Text ...). CLK and DI then become don't care inputs waiting for a new START condition to be detected. Note: CS must go low between consecutive instructions. 2.3 Data In (DI) Data In (DI) is used to clock in a START bit, opcode, address, an...
Description 256 Bit/1K 5.0V CMOS Serial EEPROM
1K 5.0V Microwire Serial EEPROM

File Size 91.28K  /  12 Page

View it Online

Download Datasheet

    AT45DB011D-MH-SL955 AT45DB011D-MH-SL954

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. AT45DB011D-MH-SL955 AT45DB011D-MH-SL954
OCR Text ...ddress sequence) and four don?t care bytes. the first nine bits (pa8 - pa0) of the 18-bit address sequence specify which page of the main memory array to read, and the last nine bits (ba8 - ba0) of the 18-bit address sequence specify the st...
Description 1-megabit 2.7-volt Minimum DataFlash

File Size 1,376.91K  /  51 Page

View it Online

Download Datasheet

    M50LPW012 9003 M50LPW012K1T M50LPW012K

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. M50LPW012 9003 M50LPW012K1T M50LPW012K
OCR Text ...or erasing the memory by taking care of all of the special operations that are required to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set required to ...
Description 2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY LOW PIN COUNT FLASH MEMORY
2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY LOW PIN COUNT FLASH MEMORY
From old datasheet system
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory

File Size 237.06K  /  35 Page

View it Online

Download Datasheet

    Fujitsu
Part No. MB88346L E413511
OCR Text ...1 0 1 0 1 0 1 0 1 0 1 0 1 Don't care AO1 selection AO2 selection AO3 selection AO4 selection AO5 selection AO6 selection AO7 selection AO8 selection AO9 selection AO10 selection AO11 selection AO12 selection Don't care Don't care Don't care...
Description D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
From old datasheet system

File Size 138.95K  /  18 Page

View it Online

Download Datasheet

    MX29LV081B MX29LV081BTC-70 MX29LV081BTC-90 MX29LV081BTI-70 MX29LV065B MX29LV065BXBI-90G MX29LV081BTI-90 MX29LV065BTC-12

MCNIX[Macronix International]
ETC[ETC]
Part No. MX29LV081B MX29LV081BTC-70 MX29LV081BTC-90 MX29LV081BTI-70 MX29LV065B MX29LV065BXBI-90G MX29LV081BTI-90 MX29LV065BTC-12 MX29LV065BTC-12G MX29LV065BTC-90 MX29LV065BTC-90G MX29LV065BTI-12 MX29LV065BTI-12G MX29LV065BTI-90 MX29LV065BTI-90G MX29LV065BXBC-12 MX29LV065BXBC-12G MX29LV065BXBC-90 MX29LV065BXBC-90G MX29LV065BXBI-12 MX29LV065BXBI-12G MX29LV065BXBI-90
OCR Text ..., as shown in table3, are don't care. Once all necessary bits have been set as required, the programming equipment may read the corresponding identifier code on Q7~Q0. TABLE 2. MX29LV081B AUTO SELECT MODE OPERATION A19 A12 Description R...
Description 64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY

File Size 331.05K  /  51 Page

View it Online

Download Datasheet

    NLAST4051D NLAST4051DR2 NLAST4051DT NLAST4051DTR2 NLAST4051QSR NLAST4051 NLAST4051QS NLAST4051-D

ONSEMI[ON Semiconductor]
Part No. NLAST4051D NLAST4051DR2 NLAST4051DT NLAST4051DTR2 NLAST4051QSR NLAST4051 NLAST4051QS NLAST4051-D
OCR Text ...bit C 1 0 0 0 0 0 0 0 0 X don't care 0 0 0 0 1 1 1 1 Address B X don't care 0 0 1 1 0 0 1 1 A X don't care 0 1 0 1 0 1 0 1 All switches open COM-NO0 COM-NO1 COM-NO2 COM-NO3 COM-NO4 COM-NO5 COM-NO6 COM-NO7 ON SWITCHES* *NO and COM pins ar...
Description Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off

File Size 126.18K  /  16 Page

View it Online

Download Datasheet

For care Found Datasheets File :: 33607    Search Time::4.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of care

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.9674639701843