Part Number Hot Search : 
GSF10A20 GSF10A20 AN1135 VN3205N8 TA0970A SD165 SMS2RDH1 7427122
Product Description
Full Text Search
  C1CH5 Datasheet PDF File

For C1CH5 Found Datasheets File :: 2+       Page :: | <1> |   

    C202C102G5R5CA C056G102B5G5CM C522G102B1CJ5CM C056G102B1G5CP C192K102K5BX5CM C202C102D1G5CA C062G102F2G5CR C062G102D1G5C

Venkel, Ltd.
Kemet Corporation
Part No. C202C102G5R5CA C056G102B5G5CM C522G102B1CJ5CM C056G102B1G5CP C192K102K5BX5CM C202C102D1G5CA C062G102F2G5CR C062G102D1G5CR C066G102D1G5CR C066G102F2CX5CP C062C102J5G5CA C062C102J5R5CA C066T102K2X5CM C066T102K2X5CP C066T102K2X5CR C066T102K2X5CS C062K102M5X5CP C062K102M5X5CR C062K102M5X5CS C062G102J5G5CP C062G102J5G5CR C066K102K5X5CS C066G102F1CX5CP C066G102F1G5CR C066G102D5CK5CM C066G102D5CK5CP C066G102K5CK5CA C066G102K5CK5CM C066G102K5CK5CP C066G102K1G5CM C066G102K1G5CP C066G102K1G5CR C066G102F5CK5CP C062G102J2CK5CM C062G102J2CK5CP C062G102J2CX5CA C062G102J2CX5CM C062G102J2CX5CP C062G102K2CX5CP C062G102G2G5CR C062G102B2G5CR C066G102C2CX5CM C066G102C2CX5CP C066T102K5BX5CR C066T102K5BX5CS C066G102B2G5CM C066G102B2G5CP C066G102B2G5CR C066G102K5G5CR C066G102D2CX5CP C062G102F1G5CR C062K102K1BX5CS C066T102M5BX5CP C062G102C5G5CR C052C102J5G5CA C052C102J5R5CA C062K102M2X5CS C062G102D2CX5CM C062K102K2BX5CS C062G102C2G5CR C062G102J2G5CR C222G102C2CX5CA C222G102C2CX5CP C052G102D2CK5CP C052G102D2G5CM C052G102D2CJ5CA C062C102M5R5CA C052G102D2G5CP C052G102D2G5CR C062G102K2G5CM C062K102M1X5CM C066K102M2X5CS C062K102K1X5CP C062K102K1X5CM C062G102K2G5CP C066T102M5X5CR C062K102M1X5CR C066T102M5X5CS C
Description IC-CMOS QUAD BILATERAL SW RoHS Compliant: Yes
; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
18-Bit Universal Bus Transceivers with 3-State Outputs 56-SSOP -40 to 85
CAP 470PF 100V 0.2 NP0(C0G) RAD-.10IN .150X.210 CONF BULK
Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 12.5x20 mm; Packaging: Bulk
TERMINAL BLOCK 5MM 11POS PCB
CONNECTOR ACCESSORY 连接器附
1 U 23"-19" CONVERSION BRSCA-AB2301A 背面军事SPECIFCATIONS
Replaced by DCP01B : Miniature 24V Input, 1W Isolated Unregulated DC/DC Converters 7-PDIP 背面军事SPECIFCATIONS
MB 19C 19#20 PIN RECP 背面军事SPECIFCATIONS
Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 背面军事SPECIFCATIONS
16-Bit Registered Transceivers with 3-State Outputs 56-TSSOP -40 to 85 背面军事SPECIFCATIONS
PT 5C 5#16 PIN PLUG 背面军事SPECIFCATIONS
4-U 23"-19" CONVERSION BR 背面军事SPECIFCATIONS
2U 23"-19" CONVERSION BR 背面军事SPECIFCATIONS
122 x 32 pixel format, Compact LCD size 背面军事SPECIFCATIONS
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:100V; Continuous Drain Current, Id:9.2A; On-Resistance, Rds(on):0.27ohm; Package/Case:3-TO-220 背面军事SPECIFCATIONS
128 x 128 pixel format, LED Backlight available 背面军事SPECIFCATIONS
16-Bit Bus Transceivers with 3-State Outputs 48-TSSOP -40 to 85 背面军事SPECIFCATIONS
MB 15C 14#20 1#16 PIN RECP 背面军事SPECIFCATIONS
MB 15C 14#20 1#16 SKT RECP 背面军事SPECIFCATIONS
Octal Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SSOP/QSOP -40 to 85 背面军事SPECIFCATIONS
Octal Transparent D-Type Latches with 3-State Outputs 20-SOIC -40 to 85 背面军事SPECIFCATIONS
16-Bit Transparent D-Type Latches with 3-State Outputs 48-TSSOP -40 to 85 背面军事SPECIFCATIONS
16-Bit Transparent D-Type Latches with 3-State Outputs 48-SSOP -40 to 85 背面军事SPECIFCATIONS
PT 19C 19#20 PIN PLUG 背面军事SPECIFCATIONS
PT 19C 19#20 SKT PLUG 背面军事SPECIFCATIONS
STRAIN RELIEF BAR SCA-CMB-500 背面军事SPECIFCATIONS
Miniature, 1W Isolated Unregulated DC/DC Converters 7-SOP 背面军事SPECIFCATIONS
Octal Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -40 to 85 背面军事SPECIFCATIONS
CB 7C 7#8 PIN RECP WALL 背面军事SPECIFCATIONS
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀
MB 8C 8#20 PIN RECP 背面军事SPECIFCATIONS
MILITARY SPECIFCATIONS ON BACK 背面军事SPECIFCATIONS
For "AAA" "AA" "C" "D" "N" Cells Available in Solder Lug or PCB Mounting ConfigurationsBattery Size
CRYSTAL 12.0 MHZ SERIES
Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5
T-NPN SI AF PO PD 100 W
T-NPN-SI AF POWER AMP
16-Bit Buffers/Drivers with 3-State Outputs 48-TSSOP -40 to 85
128 x 64 pixel format, LED or EL Backlight available
CAP 1000PF 50V 0.1 X7R RAD-.10IN .150X.230 CONF CRIMP-LEAD T&R
CAP 1000PF 100V 0.02 NP0(C0G) RAD-.20IN .150X.230 CONF T&R
PT 5C 5#16 SKT PLUG (Special)
Bipolar Transistor; Transistor Polarity:N Channel; Power Dissipation:0.625W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):25; Collector Current:0.5A; Package/Case:TO-92; Power (Ptot):0.625W
CIRCUIT BREAKER ROCKER 15A SP BK
TERMINAL BLOCK 5MM 9POS PCB
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:900V; Continuous Drain Current, Id:8A; On-Resistance, Rds(on):1.6ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-3P; Drain-Source Breakdown Voltage:900V
Power Supply IC; Package/Case:3-TO-220; Leakage Current:500uA; Mounting Type:Through Hole; Number of Channels:1
Bipolar Transistor; Collector Emitter Voltage, Vceo:750V; Transistor Polarity:N Channel; Power Dissipation:100W; C-E Breakdown Voltage:1500V; Collector Current:8A; Package/Case:TO-3; Current Rating:8A; Voltage Rating:1500V
MOSFET; Transistor Polarity:N Channel; Continuous Drain Current, Id:2.5A; On-Resistance, Rds(on):3ohm; Package/Case:3-TO-220; Drain Source On Resistance @ 10V:3ohm; Drain-Source Breakdown Voltage:500V; Mounting Type:Through Hole
Voltage Ranges; 1kVDC, 2kVD & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low Noise; No External Capacitor needed
   MILITARY SPECIFCATIONS ON BACK

File Size 536.84K  /  40 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    KEMET[Kemet Corporation]
Part No. C317 C412 C315 C410 C340320C102D2U5CA C340320C102D5R5CA C340320C102G1U5CA C192T C322 C124 C340320C102D1G5CA C340320C102D1R5CA C340320C102D1U5CA C340320C102D2G5CA C340320C102D2R5CA C340320C102D5G5CA C340320C102D5U5CA C340320C102F1G5CA C340320C102F1R5CA C340320C102F1U5CA C340320C102F2G5CA C340320C102F2R5CA C340320C102F2U5CA C340320C102F5G5CA C340320C102F5R5CA C340320C102F5U5CA C340320C102G1G5CA C340320C102G1R5CA C340320C102G2G5CA C340320C102G2R5CA C340320C102G2U5CA C340320C102G5G5CA C340320C102G5R5CA C340320C102G5U5CA C340320C102J1G5CA C340320C102J1R5CA C340320C102J1U5CA C430 C114G102F1CJ5CM C052 C052C102D1G5CA C052C102D1R5CA C052C102D2G5CA C052C102D2R5CA C052C102D5G5CA C052C102D5R5CA C052C102F1G5CA C052C102F1R5CA C052C102F2G5CA C052C102F2R5CA C052C102F5G5CA C052C102F5R5CA C052C102G1G5CA C052C102G1R5CA C052C102G2G5CA C052C102G2R5CA C052C102G5G5CA C052C102G5R5CA C052C102H1G5CA C052C102H1R5CA C052C102H2G5CA C052C102H2R5CA C052C102H5G5CA C052C102H5R5CA C052C102J1G5CA C052C102J1R5CA C052C102J2G5CA C052C102J2R5CA C052C102J5G5CA C052C102J5R5CA C052C102K1G5CA C052C102K1R5CA C052C102K2G5CA C052C102K2R5CA C052C102K5G5CA C052C102K5R5CA C052C102M1G5CA C052C102M1R5CA C052C102M2G5CA C052C102M2R5C
Description MILITARY SPECIFCATIONS ON BACK

File Size 528.84K  /  40 Page

View it Online

Download Datasheet

For C1CH5 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: C1008
Maker: NEC
Pack: CAN3
Stock: 294
Unit price for :
    50: $6.65
  100: $6.31
1000: $5.98

Email: oulindz@gmail.com

Contact us

 
Price & Availability of C1CH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7036480903625