Part Number Hot Search : 
A1015 UF801 HMM5135B HMM5135B 1N5251 2SA1285A LLSRK200 MP2307DN
Product Description
Full Text Search
  buses Datasheet PDF File

For buses Found Datasheets File :: 7238    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TE Connectivity, Ltd.
Part No. TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MASC TSC21020F-20MBSC TSC21020F-20SBSL3 TSC21020F-20SBSL2 TSC21020F-20MBSL1 TSC21020F-20SBSL1 TSC21020F-20SASB TSC21020F-20SB-E TSC21020F-20SASC TSC21020F-20SB/883 TSC21020F-20SBP833 TSC21020F-20MBSB TSC21020F-20SBSC TSC21020F-20MASL2 TSC21020F-20SAP833 TSC21020F-20MAP833 TSC21020F-20MASL1
OCR Text ... computation units and the data buses, and for storing intermediate results. This 10-port (16-register) register file, combined with the TSC21020F's Harvard architecture, allows 2 Rev. E - Oct. 05, 1998 TSC21020F unconstrained data ...
Description IC CYCLONE III FPGA 16K 484FBGA
IC CYCLONE III FPGA 16K 164 MBGA
IC CYCLONE III FPGA 25K 256 FBGA
IC CYCLONE III FPGA 55K 484FBGA
IC CYCLONE III FPGA 40K 484 UBGA
IC CYCLONE III FPGA 25K 324 FBGA
IC CYCLONE III FPGA 40K 484UBGA
IC CYCLONE III FPGA 40K 324 FBGA
IC CYCLONE III FPGA 40K 780 FBGA
IC CYCLONE III FPGA 40K 484FBGA
IC CYCLONE III FPGA 40K 780FBGA
FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128;
IC CYCLONE III FPGA 25K 144 EQFP
IC CYCLONE III FPGA 16K 256 UBGA
FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195;
IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷
IC CYCLONE III FPGA 16K 240PQFP

File Size 488.36K  /  37 Page

View it Online

Download Datasheet





    Intel
Part No. 82434LX 82434NX
OCR Text ...erarchy and bridges between the buses The 82430LX PCIset consists of the 82434LX PCMC and 82433LX LBX components plus either a PCI ISA bridge or a PCI EISA bridge The 82430NX PCIset consists of the 82434NX PCMC and 82433NX LBX components pl...
Description PCI CACHE AND MEMORY CONTROLLER (PCMC)

File Size 2,633.55K  /  192 Page

View it Online

Download Datasheet

    MSC7119 MSC7119VF1200 MSC7119VM1200

Freescale Semiconductor, Inc
Part No. MSC7119 MSC7119VF1200 MSC7119VM1200
OCR Text ...-out monitors on AHB-Lite slave buses; includes bus error detection and programmable time-out monitors on AHB-Lite master buses; and has address out-of-range detection on each crossbar switch buses. * Event port collects and counts importan...
Description Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC

File Size 718.59K  /  56 Page

View it Online

Download Datasheet

    MAXIM INTEGRATED PRODUCTS INC
Part No. MAX7358EUG
OCR Text ...combination of 8 extended i 2 c buses. they enable a master on the main bus to isolate and communicate with devices or groups of devices that may otherwise have slave address conflicts. any extended bus can be connected or disconnected by c...
Description 1-to-8 I&#178;C Bus Switches/Multiplexers with Bus Lock-up Detection, Isolation, and Notification; Package: TSSOP, 24 pin ; Temperature Range: -40&#176;C to 85&#176;C

File Size 204.99K  /  22 Page

View it Online

Download Datasheet

    MSM9225B MSM9225BGA-2K

http://
OKI electronic componets
Part No. MSM9225B MSM9225BGA-2K
OCR Text ...s bus pins (when using separate buses). If used with a multiplexed bus or if used in the serial mode, fix these pins at "H" or "L" levels. Multiplexed bus: Address/data pins (AD7-0) Separate buses: Data pins (D7-0) If used in the serial mod...
Description CAN (Controller Area Network) Controller

File Size 104.90K  /  16 Page

View it Online

Download Datasheet

    HY5R256HCXXX HY5R256HC745

Hynix Semiconductor
Part No. HY5R256HCXXX HY5R256HC745
OCR Text ... the separate control and data buses with independent row and column control yield over 95% bus efficiency. the direct rdram's 32 banks support up to four simultaneous transactions. system oriented features for mobile, graphics and lar...
Description RDRAM

File Size 2,710.80K  /  64 Page

View it Online

Download Datasheet

For buses Found Datasheets File :: 7238    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of buses

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68623900413513