Part Number Hot Search : 
7MBR1 DTA114T MA2SV02 SP483ECN KBP02 023221 NID60 BK2T6
Product Description
Full Text Search
  broad Datasheet PDF File

For broad Found Datasheets File :: 5817    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CB55000 8590

ST Microelectronics
STMicroelectronics
Part No. CB55000 8590
OCR Text ... power applications supported s broad I/O functionality including: - Low Voltage CMOS. - Low Voltage TTL, PECL, HSTL, SSTL, LVDS, PCI. s AGP 2X and 4X, USB to support 2.5 V and 3.3 V I/O interface according to EIA/JESD 8A specification. s D...
Description HCMOS7 STANDARD CELLS
From old datasheet system
HCMOS7 STANDARD CELLS

File Size 2,532.22K  /  15 Page

View it Online

Download Datasheet





    ADV601LC-VIDEOPIPE

Analog Devices
Part No. ADV601LC-VIDEOPIPE
OCR Text ... implementations suitable for a broad range of applications. The ADV601LC is 100% bitstream compatible with the ADV601. The ADV601LC is a video encoder/decoder optimized for realtime compression and decompression of interlaced digital video...
Description Ultra Low Cost Video Codec

File Size 538.60K  /  45 Page

View it Online

Download Datasheet

    CB45000 CB45000SERIES 5813 CB45000-SERIES

意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
SGS Thomson Microelectronics
Part No. CB45000 CB45000SERIES 5813 CB45000-SERIES
OCR Text ...f 160 ps (typ) with fanout = 2. broad I/O functionality including Low Voltage CMOS, Low Voltage TTL and LVDS. Driving capability to ISA, EISA, PCI, MCA, and SCSI interface levels High drive I/O; capability of sinking up to 24 mA with slew r...
Description From old datasheet system
HCMOS6 STANDARD CELLS

File Size 264.34K  /  16 Page

View it Online

Download Datasheet

    80C02 80C08C 80C01 80C010 80C011 80C012 80C07B

List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
ETC[ETC]
Tektronix
Part No. 80C02 80C08C 80C01 80C010 80C011 80C012 80C07B
OCR Text ...e, High Optical Sensitivity and broad Wavelength Conformance Testing for 10GbE LAN, WAN, and FEC, 10G Fibre Channel, and 10 Gb/s Telecom Standard and FEC Rates - 80C11 30 GHz Optical Bandwidth Conformance Testing and Characterization for 10...
Description OPTICAL SAMPLING MODULES

File Size 179.03K  /  12 Page

View it Online

Download Datasheet

    MM1089

Mitsumi Electronics, Corp.
Mitsumi Electric
Part No. MM1089
OCR Text ...uges 3. Instrumentation amps 4. broad input range 5. Two internal channels 80dB min., 100dB typ. Except 10M 3~ 100 -0.3V~VCC+0.3V Package SOP-18A (MM1089XF) Applications 1 Detection of battery charge/discharge current (for notebook ...
Description Sensor Amplifier

File Size 213.25K  /  9 Page

View it Online

Download Datasheet

    SA1A-TN1 SA1A-TN2 SA1A-TP1 SA1A-TP2 SA1B-TP2 PS5R-A12 PS5R-A24 SA1A-DN1 SA1A-DN2 SA1A-DP1 SA1A-DP2 SA1B-DN1 SA1B-DN2 SA1

List of Unclassifed Manufacturers
ETC[ETC]
Part No. SA1A-TN1 SA1A-TN2 SA1A-TP1 SA1A-TP2 SA1B-TP2 PS5R-A12 PS5R-A24 SA1A-DN1 SA1A-DN2 SA1A-DP1 SA1A-DP2 SA1B-DN1 SA1B-DN2 SA1B-DP1 SA1B-DP2 SA1B-TN1 SA1B-TN2 SA1B-TP1
OCR Text ... * Ideal for installations with broad or narrow clearances * Available with through-beam between the projector and receiver, which features a sensing range of 6'-6-3/4" (2m) * Sensing by diffuse-reflected light available, with a sensitivity...
Description High-Speed, Slim Style Photoelectric Sensors

File Size 118.69K  /  5 Page

View it Online

Download Datasheet

    Giga
Part No. GD20482
OCR Text ...pen Heat Sink High Power 1.5 mm broad Area Laser Diode GD20482 Preliminary General Description The GD20482 high power Fabry-Perot laser diode is designed as a source with a high brightness mounted on an open heat sink (un-encapsulat...
Description Open Heat Sink High Power Laser Diode

File Size 559.24K  /  5 Page

View it Online

Download Datasheet

    Giga
Part No. GD20483
OCR Text ...pen Heat Sink High Power 1.5 mm broad Area Laser Diode GD20483 Preliminary General Description The GD20483 high power Fabry-Perot laser diode is designed as a source with a high brightness mounted on an open heat sink (un-encapsulat...
Description Open Heat Sink High Power Laser Diode

File Size 549.58K  /  5 Page

View it Online

Download Datasheet

    CB65000

ST Microelectronics
STMicroelectronics
Part No. CB65000
OCR Text ...with JESD 8-A specification). s broad I/O functionality including: s Low Voltage CMOS. s Low Voltage TTL,HSTL, SSTL. s AGP 2X and 4X, USB, PCI, LVDS I/O interfaces are also available. s Drive capability up to 8 mA per buffer with slew rate ...
Description HCMOS8D 0.18MICRON STANDARD CELLS FAMILY
HCMOS8D 0.18MICRON STANDARD CELLS FAMILY

File Size 564.68K  /  12 Page

View it Online

Download Datasheet

    ISB35000SERIES ISB35666 ISB35000 ISB35832 ISB35083 ISB35130 ISB35166 ISB35208 ISB35279 ISB35389 ISB35484

STMicroelectronics N.V.
意法半导
STMICROELECTRONICS[STMicroelectronics]
SGS Thomson Microelectronics
ST Microelectronics
Part No. ISB35000SERIES ISB35666 ISB35000 ISB35832 ISB35083 ISB35130 ISB35166 ISB35208 ISB35279 ISB35389 ISB35484
OCR Text ...0.210 ns (typ) with fanout = 2. broad I/O functionality including LVCMOS, LVTTL, GTL, PECL, and LVDS. High drive I/O; capability of sinking up to 48 mA with slew rate control, current spike suppression and impedance matching. Metallised gen...
Description HCMOS STRUCTURED ARRAY HCMOS结构化阵

File Size 344.08K  /  15 Page

View it Online

Download Datasheet

For broad Found Datasheets File :: 5817    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of broad

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.0773360729218