Part Number Hot Search : 
SMRG0 63000 MAX5480 KBL02G IRFU320B MAD24003 P1840SB1 S5498
Product Description
Full Text Search
  biasing Datasheet PDF File

For biasing Found Datasheets File :: 7188    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VMMK-3413-BLKG VMMK-3413-TR1G

AVAGO TECHNOLOGIES LIMITED
Part No. VMMK-3413-BLKG VMMK-3413-TR1G
OCR Text ...etector requires only 1.5 v dc biasing with small current drawn of 0.16 ma. wlp0402, 1 mm x 0.5 mm x 0.25 mm attention: observe precautions for handling electrostatic sensitive devices. esd machine model = 70 v esd human body model = 350...
Description 25 - 45 GHz Directional Detector in SMT Package

File Size 590.36K  /  8 Page

View it Online

Download Datasheet





    MIMIX[Mimix Broadband]
Part No. XB1002
OCR Text ...Apr-05 B1002 App Note [1] biasing - As shown in the bonding diagram, this device can be operated with all four stages in parallel, and can be biased for low noise performance or high power performance. Low noise bias is nominally Vd=3...
Description 36.0-43.0 GHz GaAs MMIC Buffer Amplifier

File Size 409.40K  /  6 Page

View it Online

Download Datasheet

    HMC268LM1

Hittite Microwave Corporation
Part No. HMC268LM1
OCR Text ...IFIERS 1 - 31 See HMC268LM1 biasing Note Page 1 - 58 Outline 1. MATERIAL: A) PACKAGE BODY & LID: PLASTIC. B) PIN CONTACT : COPPER, 0.5 OUNCE. 2. PLATING : ELECTROLYTIC GOLD (20 TO 50 MICROINCHES TYPICAL) OVER ELECTROLYTIC NICKEL (...
Description SMT LOW NOISE AMPLIFIER MMIC 20 - 32 GHz

File Size 168.77K  /  8 Page

View it Online

Download Datasheet

    MIMIX[Mimix Broadband]
Part No. XP1003
OCR Text ...May-05 P1003 App Note [1] biasing - It is recommended to separately bias the upper and lower amplifiers at Vd(1,2)=4.5V Id(1+2)=220mA, and App Note [2] On-board Detector - The output signal of the power amplifier is coupled via a 1...
Description 27.0-35.0 GHz GaAs MMIC Power Amplifier

File Size 1,595.15K  /  6 Page

View it Online

Download Datasheet

    MIMIX[Mimix Broadband]
Part No. XP1005
OCR Text ...5 - Rev 05-May-05 App Note [1] biasing - It is recommended to separately bias each amplifier stage Vd1 through Vd4 at Vd(1,2,3,4)=4.5V with Id1=35mA, Id2=65mA, P1005 Id3=130mA and Id4=270mA. Separate biasing is recommended if the amp...
Description 35.0-43.0 GHz GaAs MMIC Power Amplifier

File Size 423.57K  /  7 Page

View it Online

Download Datasheet

    XR1005-QD-0N00 XR1005-QD-0N0T XR1005-QD-EV1 XR1005-QD

MIMIX[Mimix Broadband]
Part No. XR1005-QD-0N00 XR1005-QD-0N0T XR1005-QD-EV1 XR1005-QD
OCR Text ...-06 R1005-QD App Note [1] biasing - The device is operated by separately biasing Vd1 and Vd2 with Vd1=4.0V, Id1=130mA and Vd2=4.0V, Id2=116mA. It is also recommended to use active biasing to keep the currents constant as the RF power ...
Description 19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm

File Size 532.11K  /  7 Page

View it Online

Download Datasheet

    MAX5025 MAX5025EUT-T MAX5026 MAX5026EUT-T MAX5027 MAX5027EUT-T MAX5028 MAX5028EUT-T

MAXIM INTEGRATED PRODUCTS INC
MAXIM[Maxim Integrated Products]
Part No. MAX5025 MAX5025EUT-T MAX5026 MAX5026EUT-T MAX5027 MAX5027EUT-T MAX5028 MAX5028EUT-T
OCR Text ...ges required for varactor diode biasing in TV tuners, set-top boxes, and PCI cable modems. The MAX5025- MAX5028 operate from as low as 3V and switch at 500kHz. The constant-frequency, current-mode PWM architecture provides for low output no...
Description " 500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters"
500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters
500kHz / 36V Output / SOT23 / PWM Step-Up DC-DC Converters

File Size 255.53K  /  13 Page

View it Online

Download Datasheet

    30SPA0557

Mimix Broadband, Inc.
Part No. 30SPA0557
OCR Text ...05 30SPA0557 App Note [1] biasing - It is recommended to separately bias each amplifier stage Vd1 through Vd3 at Vd(1,2,3)=5.0V with Id1=125mA, Id2=315mA, For Parallel Stage Bias (Recommended for general applications) -- The same a...
Description 27.0-32.0 GHz GaAs MMIC Power Amplifier 27000 MHz - 32000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER

File Size 399.60K  /  5 Page

View it Online

Download Datasheet

For biasing Found Datasheets File :: 7188    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of biasing

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8375191688538