Part Number Hot Search : 
IRF9510 AAT2820 6045WT CY2V995 LR645 T74LS T74LS 6045WT
Product Description
Full Text Search
  bga-48 Datasheet PDF File

For bga-48 Found Datasheets File :: 3371    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LND056-48

Linear Dimensions Semiconductor
Part No. LND056-48
OCR Text ...6 mm, 169 bump, 0.4mm pitch bga features the lnd 056 - 48 is a complete high voltage driver subsystem capable of driving up to 96 muxed output channels from 48 inputs. each channel is a high precision, u...
Description 180V, 96 Channel MEMs Driver with DC/DC & Energy Savings Subsystem

File Size 335.66K  /  2 Page

View it Online

Download Datasheet





    Integrated Silicon Solution Inc
Part No. IS62LV12816ALL-10B IS62LV12816ALL-55B IS62LV12816ALL-55BI IS62LV12816ALL-70BI IS62LV12816ALL-10BI IS62LV12816ALL-10T IS62LV12816ALL-10TI IS62LV12816ALL-55T IS62LV12816ALL-55TI IS62LV12816ALL-70T IS62LV12816ALL-70TI
OCR Text ... tsop (type ii) and 48-pin mini bga (6mm x 8mm) description the issi is62lv12816all is a high-speed, 2,097,152-bit static ram organized as 131,072 words by 16 bits. it is fabricated using issi 's high-performance cmos technology. this hi...
Description 128K X 16 STANDARD SRAM, 70 ns, PDSO44
128K x 16 CMOS static RAM
128K X 16 STANDARD SRAM, 55 ns, PDSO44

File Size 84.65K  /  10 Page

View it Online

Download Datasheet

    INTEGRATED SILICON SOLUTION INC
Part No. IS42SM32400E-75EBLI
OCR Text ...s: ? x8 / x16 Ctsop ii (54), bga (54) [x16 only] x32 C tsop ii (86), bga (90) temperature range: ? commercial (0c to +70c) indust...48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 v ss dq7 v ss q nc dq6 v dd q nc dq5...
Description 4M X 32 SYNCHRONOUS DRAM, 5.4 ns, PBGA90

File Size 764.69K  /  26 Page

View it Online

Download Datasheet

    Micron
Part No. JS28F064M29EWHA JS28F064M29EWBA JS28F064M29EWLA RC28F128M29EWXX PZ28F064M29EWTA PZ28F064M29EWLX JR28F032M29EWBA
OCR Text ...s: 25ns C r andom access: 60ns (bga); 70ns ( t sop) ? b uffer pr ogr am: 256-wor d ma x pr ogr am buffer ? p r ogr am time C 0.56s per b yte...48-pin t sop (64mb , 32mb) C 64-ball fbga (128mb , 64mb) C 48-ball bga (64mb , 32mb) ? g r een pack...
Description Parallel NOR Flash Embedded Memory

File Size 974.50K  /  87 Page

View it Online

Download Datasheet

    AM29DL164D

AMD
Part No. AM29DL164D
OCR Text ...ll very thin profile fine-pitch bga ? 48-ball fine-pitch bga ? 64-ball fortified bga ? 48-pin tsop top or bottom boot block manufactured on 0.23 m process technology ? compatible with am29dl16xc devices compatible with jedec standards ?...
Description (AM29DL16xD) 16 Megabit (2 M X 8-Bit/1 M X 16-Bit) Boot Sector

File Size 933.43K  /  58 Page

View it Online

Download Datasheet

    fairchild
Part No. 512-NDPXXXXX 512-NDS352AP
OCR Text bga-12 bga-6 to-252 to-251 to-263 sc70-6 ssot-6 so-8 438 (800) 346-6873 mouser stock no. single p-channel ? 512 - nds9435a so-8 -30 50 10 5....48 10 4.5 1.6 .60 .48 .36 .29 512 - ndp6020p to-220 -20 50 25 24 60 1.48 1.27 1.06 .888 ? 512 - fdb6...
Description Low Power MOSFET

File Size 177.96K  /  1 Page

View it Online

Download Datasheet

    GSI
Part No. GS88118B GS88132B GS88136B
OCR Text ...3 v i/o 100-pin tqfp & 165-bump bga commercial temp industrial temp rev: 1.05 11/2005 1/39 ? 2002, gsi technology specifications cited are...48 49 50 gs88118b 100-pin tqfp pinout (package t) 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 ...
Description (GS88118B - GS88136B) Sync Burst SRAMs

File Size 809.84K  /  39 Page

View it Online

Download Datasheet

    PROMOS TECHNOLOGIES INC
Part No. V54C3128164VCLK75HPC V54C3128804VCLK75EPC V54C3128164VCLK75IPC V54C3128164VCLK75PC V54C3128404VCLK75 V54C3128404VCLK75PC
OCR Text bga package 8m x 16, 16m x 8, 32m x 4 v54c3128(16/80/40)4vc rev. 1.3 november 2008 567pc710 system frequency (f ck ) 200 mhz 166 mhz 143 mh...48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 4 v54c3128(16/80/40)4vc rev. 1.3 ...
Description 8M X 16 SYNCHRONOUS DRAM, PBGA54
16M X 8 SYNCHRONOUS DRAM, PBGA54
32M X 4 SYNCHRONOUS DRAM, PBGA54

File Size 646.13K  /  56 Page

View it Online

Download Datasheet

    UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150

NEC[NEC]
Part No. UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150 UPD30500S2-180 UPD30500S2-200
OCR Text ...c PGA (48 x 48) 272-pin plastic BGA (C/D advanced type) (29 x 29) 272-pin plastic BGA (C/D advanced type) (29 x 29) 272-pin plastic BGA (C/D advanced type) (29 x 29) 272-pin plastic BGA (C/D advanced type) (29 x 29) 272-pin plastic BGA (C/D...
Description VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR

File Size 203.14K  /  36 Page

View it Online

Download Datasheet

    Conexant
Part No. GW3887A GW3887AIK-TK GW3887AIKZ-TK
OCR Text ...87a is housed in a thin plastic bga package suitable for usb 2.0 wireless lan small form factor circuit card applications. features ? firmw...48, & 54mbps ? modulation: ofdm with bpsk, qpsk, 16qam, 64qam; dbpsk; dqpsk and cck ? convolution...
Description Wireless LAN Integrated Medium Access Controller

File Size 192.58K  /  12 Page

View it Online

Download Datasheet

For bga-48 Found Datasheets File :: 3371    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bga-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.4492290019989