Part Number Hot Search : 
20N60C3D KA3843A UT2312 EL2020C RODUCTS 17000 SR860 03203
Product Description
Full Text Search
  bga-385 Datasheet PDF File

For bga-385 Found Datasheets File :: 73    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

    EPM3512A

Altera Corporation
Part No. EPM3512A
OCR Text ... 158, 174, 200 256-Pin FineLine BGA D9 E8 E9 D8 D4 J6 J11 D13 A8, C9, G9, K8, P9 A3, B10, C2, D14, E14, F6, G10, H8, J9, K7, L11, M3, M14, P...385 386 387 388 389 390 391 392 393 394 395 396 397 398 399 400 401 402 403 404 405 406 407 408 409 ...
Description EPM3512A Dedicated Pin-Outs
EPM3512A Dedicated Pin-Outs

File Size 40.61K  /  12 Page

View it Online

Download Datasheet





    Cypress Semiconductor Corp
CYPRESS[Cypress Semiconductor]
Part No. CY7C057V-15AC CY7C057 CY7C057V-15AI CY7C057V CY7C057V-20AC CY7C057V-12AC CY7C057V-15BBC CY7C057V-15BBI CY7C056V-12BBC CY7C056V-15BBC CY7C056V-20BBC CY7C057V-20BBC CY7C056V CY7C056V-12AC CY7C056V-15AC CY7C056V-20AC CY7C057V-12BBC
OCR Text ... (20 x 20 x 1.4 mm) -- 172-Ball BGA (1.0-mm pitch) (15 x 15 x.51 mm) Logic Block Diagram R/WL B0-B3 CE0L CE1L OEL 9 R/WR Left Port C...385 -10 240 265 50 65 175 190 0.01 0.01 155 170 -15 Max. Min. Typ. -20 Max. 0.4 2.0 0.8 10 360 385 7...
Description 3.3V 16K/32K x 36 FLEx36(TM) Asynchronous Dual-Port Static RAM
SRAM,32KX36,CMOS,QFP,144PIN,PLASTIC
From old datasheet system
3.3V 16K/32K X 36 FLEX36 ASYNCHRONOUS DUAL-PORT STATIC RAM

File Size 458.46K  /  23 Page

View it Online

Download Datasheet

    Cypress
Part No. CY7C057V 7C057V
OCR Text ... (20 x 20 x 1.4 mm) -- 172-Ball BGA (1.0 mm pitch) (15 x 15 x .51 mm) Logic Block Diagram R/WL B0-B3 CE0L CE1L OEL 9 R/WR Left Port ...385 -10 240 265 50 65 175 190 0.01 0.01 155 170 2.4 0.4 2.0 0.8 10 360 385 70 95 230 255 1 1 200 215...
Description 3.3V 16K/32K x 36FLEx36?Asynchronous Dual-Port Static RAM
From old datasheet system

File Size 278.19K  /  22 Page

View it Online

Download Datasheet

    XILINX
Part No. XC2C32A
OCR Text ...P with 33 user I/O - 56-ball CP BGA with 33 user I/O - Pb-free available for all packages Advanced system features - Fastest in system progr...385 - Notes: 1. 16-bit up/down, resettable binary counter (one counter per function block). 2 ...
Description The CoolRunner-II 32-macrocell device

File Size 101.46K  /  13 Page

View it Online

Download Datasheet

    XILINX
Part No. XC2C32
OCR Text ...P with 33 user I/O - 56-ball CP BGA with 33 user I/O Advanced system features - Fastest in system programming * 1.8V ISP using IEEE 1532 (JT...385 14.09 - Notes: 1. 16-bit up/down, resettable binary counter (one counter per function block)....
Description The CoolRunner-II 32-macrocell device

File Size 97.22K  /  13 Page

View it Online

Download Datasheet

    CY7C056V-10AC CY7C056V-10BAC CY7C056V-20AC CY7C056V CY7C056V-12AC CY7C056V-12BAC CY7C056V-15AC CY7C056V-15AI CY7C056V-15

CYPRESS[Cypress Semiconductor]
Part No. CY7C056V-10AC CY7C056V-10BAC CY7C056V-20AC CY7C056V CY7C056V-12AC CY7C056V-12BAC CY7C056V-15AC CY7C056V-15AI CY7C056V-15BAC CY7C056V-15BAI CY7C056V-20BAC CY7C057V-15BAC CY7C057V-20BAI CY7C057V-15BAI
OCR Text ... (20 x 20 x 1.4 mm) -- 172-Ball BGA (1.0 mm pitch) (15 x 15 x .51 mm) Logic Block Diagram R/WL B0-B3 CE0L CE1L OEL 9 R/WR Left Port ...385 2.4 0.4 2.0 -10 240 265 50 65 2.4 V V V V A 360 385 70 95 230 255 1 1 200 215 340...
Description 32K X 36 DUAL-PORT STATIC RAM
3.3V 16K/32K x 36 FLEx36⑩ Asynchronous Dual-Port Static RAM
3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM

File Size 279.11K  /  22 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. MSM51257CLL
OCR Text ... TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales pers...
Description 32,768-Word ?8-Bit CMOS STATIC RAM(32k瀛??浣????AM)
32,768-Word x 8-Bit CMOS STATIC RAM
From old datasheet system
32,768-Word ×8-Bit CMOS STATIC RAM(32k字位静态RAM)

File Size 174.27K  /  12 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. MSM51257CLP
OCR Text ... TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales pers...
Description 32,768-Word ?8-Bit CMOS STATIC RAM(32k瀛??浣????AM)
From old datasheet system
32,768-Word x 8-Bit CMOS STATIC RAM

File Size 174.07K  /  12 Page

View it Online

Download Datasheet

    OKI
Part No. MSM51257CL
OCR Text ... TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales pers...
Description 32,768-Word x 8-Bit CMOS STATIC RAM
From old datasheet system

File Size 174.21K  /  12 Page

View it Online

Download Datasheet

For bga-385 Found Datasheets File :: 73    Search Time::1.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bga-385

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.92101287841797