Part Number Hot Search : 
25LV10 LC89972M LN476YPX BSP52T3 MCZ33 2N4221 29W320 TFS70H47
Product Description
Full Text Search
  BD46261G Datasheet PDF File

For BD46261G Found Datasheets File :: 3+       Page :: | <1> |   

    ROHM[Rohm]
Part No. BD46XXXG BD46231G BD46232G BD46235G BD46241G BD46242G BD46245G BD46251G BD46252G BD46255G BD46261G BD46262G BD46265G BD46271G BD46272G BD46275G BD46281G BD46282G BD46285G BD46291G BD46292G BD46295G BD46301G BD46302G BD46305G BD46311G BD46312G BD46315G BD46321G BD46322G BD46325G BD46331G BD46332G BD46335G BD46341G BD46342G BD46345G BD46351G BD46352G BD46355G BD46361G BD46362G BD46365G BD46371G BD46372G BD46375G BD46381G BD46382G BD46385G BD46391G BD46392G BD46395G BD46401G BD46402G BD46405G BD46411G BD46412G BD46415G BD46421G BD46422G BD46425G BD46431G BD46432G BD46435G BD46441G BD46442G BD46445G BD46451G BD46452G BD46455G BD46461G BD46462G BD46465G BD46471G BD46472G BD46475G BD46481G BD46482G BD46485G BD46XX1G BD46XX2G BD46XX5G
Description Voltage Detector IC built in Delay Circuit

File Size 213.12K  /  6 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    BD45XXXG BD46462G BD45425 BD45XX1G BD45XX5G BD45415 BD45385 BD45391G BD45375G BD45381G BD45382G BD45342G BD46232G BD4536

Rohm Co., Ltd.
Rohm CO.,LTD.
Part No. BD45XXXG BD46462G BD45425 BD45XX1G BD45XX5G BD45415 BD45385 BD45391G BD45375G BD45381G BD45382G BD45342G BD46232G BD45362G BD45252G BD45242G BD46392G BD45235 BD45245 BD46261G BD46315G BD45282G BD45415G BD46431G BD45XXXGSERIES BD46XXXGSERIES BD45331G BD45231G BD45232G BD45235G BD45241G BD45305G BD46231G BD46235G BD46241G BD46245G BD46251G BD46252G BD46255G BD46262G BD46265G BD46271G BD46272G BD46275G BD45435G BD46281G BD46282G BD46285G BD46291G BD46292G BD46295G BD45272G BD46472G BD45372G BD45472G BD46372G BD46441G BD46391G BD46365G BD45401G BD45402G BD45405G BD45411G BD45412G BD45421G BD45422G BD45425G BD45431G BD45432G BD45441G BD45442G BD45445G BD45451G BD45452G BD45455G BD45292G BD45395G BD45392G BD46455G BD46432G BD46351G BD46355G BD46352G BD45265G BD45462G BD46435G BD46415G BD45385G BD45355G BD46331G BD45302G BD45305 BD45352G
Description    VOLTAGE DETECTOR IC
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA
Voltage detectors
Hook & Loop Cable Fastener; Roll Length:18yard; Color:Black; Body Material:Polypropylene hook/nylon loop; External Width:0.375" RoHS Compliant: Yes 电压检测器IC
VOLTAGE DETECTOR IC 电压检测器IC
CONN MINI D PLUG 50POS R/A GOLD 电压检测器IC
D-Subminiature Connector; Gender:Female; No. of Contacts:26; Contact Termination:IDC; D Sub Shell Size:DB26; Body Material:Steel; Contact Plating:Nickel; Mounting Type:PC Board; Pitch Spacing:0.05" RoHS Compliant: Yes 电压检测器IC
Hook & Loop Cable Fastener; Roll Length:18yard; Color:Yellow; Body Material:Polypropylene hook/nylon loop; Boxed:Yes; External Width:0.5" RoHS Compliant: Yes 电压检测器IC
3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 22-18 AWG, STUD SIZE: 3/16 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 5 电压检测器IC
SPLICE TERMINAL INSULATED INLINE 22-18AWG 50PK 电压检测器IC
180 OHM,5%,1/4/W,1210
3M FULLY INSULATED NYLON FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50
3M VINYL INSULATED FEMALE TERMINAL, WIRE SIZE: 16-14 AWG, STUD SIZE: 1/4 , FEATURES: PROVIDES A VARIETY OF UNIQUE DESIGN FEATURES WHICH ASSURE CONSISTENTLY EFFECTIVE AND RELIABLE PERFORMANCE, AND EASY INSTALLATION, QUANTITY: 50 PER B
Correct MPN is 100-016-001 which is obsolete. RoHS replacement is 100-016-051
CON 10120-52B2VC 3M 1
HOLDER, NO.1, 6X25MM; Diameter, external:25mm; Impact rate, max:6BPM; Length:6mm RoHS Compliant: NA
BAG, SHIELDED, 300X400MM, PK100; Length / Height, external:400mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 250X350MM, PK100; Length / Height, external:350mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 250X300MM, PK100; Length / Height, external:300mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
BAG, SHIELDED, 400X450MM, PK100; Length / Height, external:450mm; Resistivity, surface inner:100ohm/sq; Resistivity, surface outer:1000000Mohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, MIL-STD-1686, and RoHS Compliant: Yes
shield is positioned between two layers of plastic; Length/Height, External:450mm RoHS Compliant: Yes
shield is positioned between two layers of plastic; Length/Height, External:100mm RoHS Compliant: Yes
26-D SMT CON 10226-2210VE MDR26
(BD45xxxG / BD46xxxG) VOLTAGE DETECTOR IC

File Size 457.62K  /  4 Page

View it Online

Download Datasheet

    BD46295G BD46231G BD45411G BD45291G BD45292G BD45295 BD45295G BD45315 BD45315G BD45375G BD46392G BD45281G BD45282G BD452

ROHM[Rohm]
Part No. BD46295G BD46231G BD45411G BD45291G BD45292G BD45295 BD45295G BD45315 BD45315G BD45375G BD46392G BD45281G BD45282G BD45285 BD45285G BD45381G BD45382G BD45385G BD45385 BD45331G BD45332G BD45335 BD45335G BD45305G BD46305G BD45471G BD46471G BD45232G BD46232G BD45412G BD46412G BD46455G BD46472G BD46462G BD45272G BD45345G BD45275G BD46312G BD46235G BD46241G BD46261G BD46265G BD45301G BD45302G BD45305 BD45311G BD45312G BD45321G BD45322G BD45325 BD45325G BD45341G BD46242G BD46245G BD46251G BD46252G BD46255G BD46262G BD46271G BD46272G BD46275G BD46322G BD46XXXG BD45231G BD45235 BD45235G BD45241G BD45242G BD45245 BD45245G BD45251G BD45252G BD45255 BD45255G BD45261G BD45262G BD45265 BD45265G BD45271G BD45275 BD45342G BD45345 BD45351G BD45352G BD45355 BD45355G BD45361G BD45362G BD45365 BD45365G BD45371G BD45372G BD45375 BD45391G BD45392G BD45395 BD45395G BD45401G BD45402G BD45405 BD45405G BD45415 BD45415G BD45421G BD45422G BD45425 BD45425G BD45431G BD45432G BD45435 BD45435G BD45441G BD45442G BD45445 BD45445G BD45451G BD45452G BD45455 BD45455G BD45461G BD45462G BD45465 BD45465G BD45472G BD45475 BD45475G BD45481G BD45482G BD45485 BD45485G BD45XX1G BD45XX2G BD45XX5G BD45XXXG BD46281G BD46282G BD
Description VOLTAGE DETECTOR IC

File Size 443.27K  /  4 Page

View it Online

Download Datasheet

For BD46261G Found Datasheets File :: 3+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: BD46261G-TR
Maker: Rohm Semiconductor
Pack: ETC
Stock: Reserved
Unit price for :
    50: $0.00
  100: $0.00
1000: $0.00

Email: oulindz@gmail.com

Contact us

 
Price & Availability of BD46261G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53070497512817