Part Number Hot Search : 
BU1850 AEE02F24 3VK7M BD741 2N167A 10012 XF4018 128Y1
Product Description
Full Text Search
  BC527-6 Datasheet PDF File

For BC527-6 Found Datasheets File :: 4+       Page :: | <1> |   

    Ultra CEMI
Part No. BC527
Description Tranzystor krzemowy maej mocy, maej czstotliwoci

File Size 365.40K  /  5 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    MICRO-ELECTRONICS[Micro Electronics]
Part No. BC528 BC527
Description PNP SILICON AF MEDIUM POWER TRANSISTORS

File Size 129.83K  /  2 Page

View it Online

Download Datasheet

   
Part No. BC556B BC527-16
Description 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92

File Size 38.75K  /  1 Page

View it Online

Download Datasheet

    EM Microelectronic
Bourns, Inc.
SEMIKRON
Samsung Semiconductor Co., Ltd.
California Eastern Laboratories, Inc.
Part No. BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 BC728-10 BC728-25 BC169B BC160-25 BC728-40 2N3901 BC527-10 BC537-6 BC318A 2N3212 BC738-40 BC738-25 BC738-16 PN3962 2N5219 BC212KA BC527-16 BC527-6 BC141-25 CS9014 BC537-25 BC537-10 BC317A BC183LA BFY39-3 BFY39-1 BFY39-2 PN1613 PN1893 2N2868 BC486A BC182KA BC183KA BC213KA BCX75-16 2N3304 BC319B BC486B BCY78-10
Description TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92
TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92
Stratix II GX FPGA 130K FPGA-1508
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92
TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92
IC MAX 7000 CPLD 64 44-TQFP
IC FLEX 10KA FPGA
Cyclone II FPGA 50K FBGA-484
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92
2GB DDR2 SDRAM VLP DIMM
MAX 7000 CPLD 128 MC 100-TQFP
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92
TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18
Cyclone FPGA 6K PQFP-240
CYCLONE III FPGA 119K 484FBGA
MAX 7000 CPLD 64 MC 100-TQFP
MAX 3000A CPLD 32 MC 44-TQFP
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
TRANSISTOR | BJT | NPN | 1A I(C) | TO-105
Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C
IC MAX 7000 CPLD 128 144-TQFP
MAX II CPLD 1270 LE 144-TQFP
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No
Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes
TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8
TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2
TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2
MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2
TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18

File Size 1,457.60K  /  36 Page

View it Online

Download Datasheet

For BC527-6 Found Datasheets File :: 4+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: BC516
Maker: PHILIPS
Pack: TO-92
Stock: Reserved
Unit price for :
    50: $0.08
  100: $0.07
1000: $0.07

Email: oulindz@gmail.com

Contact us

 
Price & Availability of BC527-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.39235091209412