Part Number Hot Search : 
MB15C 74HC36 RL107F 0102M PA1162 22F1X UZ8850 CS822D1
Product Description
Full Text Search
  bbd Datasheet PDF File

For bbd Found Datasheets File :: 42    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    Samtec, Inc.
SAMTEC INC
Part No. BBS-107-T-A BBL-112-T-F BBS-123-G-A BBS-110-G-C BBS-102-G-B BHS-101-G-B BBL-123-G-F bbd-103-G-C bbd-101-G-A
OCR Text bbd, bdl series (3.89mm) .153" sl bbl bbs?116?g?c bdl?120?t?f bbs?120?t?b bbs?108?t?a www.samtec.com mates with: ss, sd, hss, sl, sdl, ess, esd type strip plating option lead style no. pins per row bbs bhs (2,54) .100 x no. of positions ...
Description INTERCONNECT STRIPS 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
INTERCONNECT STRIPS 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
INTERCONNECT STRIPS 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
INTERCONNECT STRIPS 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 1,026.39K  /  1 Page

View it Online

Download Datasheet





    SHANGHAI BELLING
Part No. BL3208A
OCR Text ...200233 bl3208a/b 2048-stage bbd description the bl3208a/b is a 2048-stage low voltage operation, and low noise bbd variable delay line in audio frequency range. the device operates on +5v to +10v supply and provides a signal delay...
Description 024-stage low voltage operation and low noise bbd variable delay line

File Size 43.92K  /  2 Page

View it Online

Download Datasheet

    BA1701 A5801041

ROHM[Rohm]
Part No. BA1701 A5801041
OCR Text ...illator that can directly drive bbd. 3) Built-in motor controller is synchronized with the audio compression ratio. 4) Built-in voltage regulator. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) ...
Description From old datasheet system
VSC system processor IC

File Size 132.96K  /  9 Page

View it Online

Download Datasheet

    PANASONIC[Panasonic Semiconductor]
Part No. MN3308
OCR Text bbd for Audio Signals s Overview The MN3308 is a 2048-stage ultra low voltage operation bbd variable delay line in audio frequency range. The device operates on +3 V supply and provides a signal delay up to 102.4 ms and is suitable for us...
Description From old datasheet system
2048-Stage Ultra Low Voltage Operation bbd for Audio Signals

File Size 53.99K  /  5 Page

View it Online

Download Datasheet

    SHANGHAI BELLING
Part No. BL3102
OCR Text ...river for low voltage operation bbd description the bl3102 is a low output impedance , cmos 2-phase clock generator/driver circuit for low voltage operaton bbd. it also includes a v gg voltage generator. this device can provide can p...
Description COMS Clock Generator/Driver

File Size 46.72K  /  1 Page

View it Online

Download Datasheet

    Samtec
Part No. BDL-125-G-E BDL-1XX-G-A
OCR Text bbd, bdl series (3.89mm) .153" sl bbl bbs?116?g?c bdl?120?t?f bbs?120?t?b bbs?108?t?a www.samtec.com mates with: ss, sd, hss, sl, sdl, ess, esd type strip plating option lead style no. pins per row bbs bhs (2,54) .100 x no. of positions ...
Description MACHINED BOARD STACKING STRIPS

File Size 1,051.83K  /  1 Page

View it Online

Download Datasheet

    上海贝岭股份有限公司
涓?捣璐?箔?′唤??????
Part No. BL3102
OCR Text ...river for low voltage operation bbd description the bl3102 is a low output impedance , cmos 2-phase clock generator/driver circuit for low voltage operaton bbd. it also includes a v gg voltage generator. this device can provide can p...
Description COMS Clock Generator/Driver For Low Voltage Operation bbd

File Size 19.74K  /  1 Page

View it Online

Download Datasheet

    PANASONIC[Panasonic Semiconductor]
Part No. MN3307
OCR Text bbd for Audio Signals s Overview The MN3307 is a 1024-stage ultra low voltage operation bbd variable delay line in audio frequency range. The device operates on +3 V supply and provides a signal delay up to 51.2 ms and is suitable for use...
Description 1024-Stage Ultra Low Voltage Operation bbd for Audio Signals

File Size 57.41K  /  5 Page

View it Online

Download Datasheet

    BL3208

SHANGHAI BELLING CO., L...
SHANGHAI BELLING CO., LTD.
Part No. BL3208
OCR Text bbd Description The BL3208A/B is a 2048-stage low voltage operation, and low noise bbd variable delay line in audio frequency range. The device operates on +5V to +10V supply and provides a signal delay up to 102.4ms.The BL3208 contains ...
Description 2048-stage low voltage operation, and low noise bbd variable delay line in audio

File Size 18.10K  /  2 Page

View it Online

Download Datasheet

For bbd Found Datasheets File :: 42    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bbd

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4583299160004