Part Number Hot Search : 
1ZC16 SKM111AR 39861 NTE2935 HFA11 25PE40 0M25V CCN1002
Product Description
Full Text Search
  axial-leaded Datasheet PDF File

For axial-leaded Found Datasheets File :: 1293    Search Time::2.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF36 IRF-36

VISAY[Vishay Siliconix]
Part No. IRF36 IRF-36
OCR Text Axial Leaded FEATURES * High performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000H. * Axial lead type, small lightweight design. * Special magnetic core structure contributes t...
Description Inductors Epoxy Conformal Coated, Axial Leaded

File Size 113.79K  /  1 Page

View it Online

Download Datasheet





    P6KE200A P6KE47A P6KE51A P6KE30A P6KE56A P6KE33A P6KE75A P6KE8.2A P6KE22A P6KE120A P6KE12A P6KE110A P6KE11A P6KE100A P6K

Motorola Mobility Holdings, Inc.
Motorola, Inc.
Motorola Inc
MOTOROLA[Motorola Inc]
MOTOROLA[Motorola, Inc]
ON Semiconductor
Part No. P6KE200A P6KE47A P6KE51A P6KE30A P6KE56A P6KE33A P6KE75A P6KE8.2A P6KE22A P6KE120A P6KE12A P6KE110A P6KE11A P6KE100A P6KE10A P6KE150A P6KE15A P6KE130A P6KE13A P6KE43A P6KE62A P6KE91A P6KE68A P6KE6.8A P6KE180A P6KE160A P6KE170A P6KE39A P6KE36A P6KE16A ON2770 P6KE7.5A P6KE18A P6KE20A P6KE24A P6KE27A P6KE82A P6KE9.1A P6KE68-200-D
OCR Text ...ctive, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/ consumer appl...
Description ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
Octal Buffers and Line Drivers with 3-State Outputs 20-SOIC -40 to 85
Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85
3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85
Single Output LDO, 200mA, Fixed(1.8V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85
Octal Line Driver/MOS Driver with 3-State Outputs 20-SSOP/QSOP -40 to 85
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125
1.5 GHz to 2.5 GHz Quadrature Modulator 16-VQFN -40 to 85
Low-Noise Fast-Transient-Response 1.5-A LDO Regulator 5-DDPAK/TO-263 -40 to 125
2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
From old datasheet system
Zener Transient Voltage Suppressors Undirectional and Bidirectional

File Size 81.70K  /  7 Page

View it Online

Download Datasheet

    MIC2142 MIC2142BM5

MICREL[Micrel Semiconductor]
Part No. MIC2142 MIC2142BM5
OCR Text ...ype surface mount surface mount axial leaded axial leaded Application Information Predesigned circuit information is at the end of this section. Component Selection Resistive Divider (Adjustable Version) The external resistive divider s...
Description Micropower Boost Converter

File Size 134.75K  /  17 Page

View it Online

Download Datasheet

    BY9200 BY9206 BY9208

Philips Semiconductors
Part No. BY9200 BY9206 BY9208
OCR Text ...tically sealed plastic package; axial leaded; 2 leads BY9200 series SOD118A (1) k a b D L G L DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 6.7 6.3 L min. 31 0 2.5 scale 5 mm Note 1....
Description Ultra fast high-voltage soft-recovery controlled avalanche rectifier

File Size 81.70K  /  12 Page

View it Online

Download Datasheet

    BY9300 BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318

Philips Semiconductors
Part No. BY9300 BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318
OCR Text ...tically sealed plastic package; axial leaded; 2 leads BY9300 series SOD118A (1) k a b D L G L DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 6.7 6.3 L min. 31 0 2.5 scale 5 mm Note 1....
Description Fast high-voltage soft-recovery controlled avalanche rectifiers

File Size 73.21K  /  12 Page

View it Online

Download Datasheet

    BY9400 BY9410 BY9412 BY9414 BY9416

Philips Semiconductors
Part No. BY9400 BY9410 BY9412 BY9414 BY9416
OCR Text ...tically sealed plastic package; axial leaded; 2 leads BY9400 series SOD107B (1) k a b D L G L DIMENSIONS (mm are the original dimensions) UNIT mm b 0.6 D 3.1 2.9 G 10.5 9.5 L min. 29 0 2.5 scale 5 mm Note 1...
Description Fast high-voltage soft-recovery controlled avalanche rectifiers

File Size 54.02K  /  8 Page

View it Online

Download Datasheet

    BYD143

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BYD143
OCR Text ...kage; ImplotecTM(1) technology; axial leaded; 2 leads BYD143 SOD81 G1 (2) k a b D L G L DIMENSIONS (mm are the original dimensions) UNIT mm b max. 0.81 D max. 2.15 G max. 3.8 G1 max. 5 L min. 28 0 1 scale 2 m...
Description Ultra fast low-loss rectifier

File Size 65.07K  /  8 Page

View it Online

Download Datasheet

    BYD163

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BYD163
OCR Text ...kage; ImplotecTM(1) technology; axial leaded; 2 leads SOD81 G1 (2) k a b D L G L DIMENSIONS (mm are the original dimensions) UNIT mm b max. 0.81 D max. 2.15 G max. 3.8 G1 max. 5 L min. 28 0 1 scale 2 mm Notes 1....
Description Ultra fast low-loss rectifier

File Size 65.27K  /  8 Page

View it Online

Download Datasheet

    BYD32 BYD32D BYD32G BYD32J BYD32SERIES

http://
PHILIPS[Philips Semiconductors]
NXP Semiconductors N.V.
Part No. BYD32 BYD32D BYD32G BYD32J BYD32SERIES
OCR Text ...metically sealed glass package; axial leaded; 2 leads BYD32 series SOD120 (1) b D L G1 L DIMENSIONS (mm are the original dimensions) UNIT mm b 0.6 D max. 2.15 G1 max. 3.0 L min. 28 0 2 scale 4 mm Note 1. The ma...
Description Fast soft-recovery controlled avalanche rectifiers(快速软恢复控制的雪崩整流器) 0.76 A, 200 V, SILICON, SIGNAL DIODE

File Size 51.62K  /  8 Page

View it Online

Download Datasheet

    BYD52 BYD52D BYD52G BYD52J BYD52SERIES

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. BYD52 BYD52D BYD52G BYD52J BYD52SERIES
OCR Text ...metically sealed glass package; axial leaded; 2 leads BYD52 series SOD120 (1) b D L G1 L DIMENSIONS (mm are the original dimensions) UNIT mm b 0.6 D max. 2.15 G1 max. 3.0 L min. 28 0 2 scale 4 mm Note 1. The ma...
Description 0.5 A max constant current LED driver
Fast soft-recovery controlled avalanche rectifiers

File Size 51.70K  /  8 Page

View it Online

Download Datasheet

For axial-leaded Found Datasheets File :: 1293    Search Time::2.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of axial-leaded

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.6065628528595