Part Number Hot Search : 
SPN7402 GBP5W ATMEGA3 D6553 A180Z MC34017A SMAJ58A D6553
Product Description
Full Text Search
  automated Datasheet PDF File

For automated Found Datasheets File :: 6687    Search Time::3.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    0524840710 52484-0710

Molex Electronics Ltd.
Part No. 0524840710 52484-0710
OCR Text ... (Small Type) for Mi IITM Fully-automated IDT 0578008000 Machine (XELOMPLUS) Electrical Current - Maximum per Contact Voltage - Maximum 1.5A 125V Material Info Reference - Drawing Numbers Product Specification Sales Drawing ...
Description 2.0 W/B CONN. IDT REC. HSG ASSY

File Size 117.56K  /  3 Page

View it Online

Download Datasheet





    OXMPCI952-LQ-A OXMPCI952-VBAG OXMPCI952 OXMPCI952-LQAG

Oxford Semiconductor
Part No. OXMPCI952-LQ-A OXMPCI952-VBAG OXMPCI952 OXMPCI952-LQAG
OCR Text ...ock prescaler, from 1 to 31.875 automated in-band flow control using programmable Xon/Xoff in both directions automated out-of-band flow control using CTS#/RTS# and/or DSR#/DTR# * * * * * * * * * * * * * Integrated High Performance Dual ...
Description Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.

File Size 655.53K  /  108 Page

View it Online

Download Datasheet

    AS29F200 AS29F200B-120SC AS29F200T-90TI AS29F200B-120SI AS29F200B-120TC AS29F200B-120TI AS29F200B-55SC AS29F200B-55SI AS

ALSC[Alliance Semiconductor Corporation]
Part No. AS29F200 AS29F200B-120SC AS29F200T-90TI AS29F200B-120SI AS29F200B-120TC AS29F200B-120TI AS29F200B-55SC AS29F200B-55SI AS29F200B-55TC AS29F200B-55TI AS29F200B-70SC AS29F200B-70SI AS29F200B-70TC AS29F200B-70TI AS29F200B-90SC AS29F200B-90SI AS29F200B-90TC AS29F200B-90TI AS29F200T-120SC AS29F200T-120SI AS29F200T-120TC AS29F200T-120TI AS29F200T-55SC AS29F200T-55SI AS29F200T-55TC AS29F200T-55TI AS29F200T-70SC AS29F200T-70SI AS29F200T-70TC AS29F200T-70TI AS29F200T-90SC AS29F200T-90SI AS29F200T-90TC
OCR Text ...90/120 ns address access time * automated on-chip programming algorithm - Automatically programs/verifies data at specified address * automated on-chip erase algorith - Automatically preprograms/erases chip or specified sectors * 10,000 wri...
Description 5V 256K X 8/128K X 8 CMOS FLASH EEPROM

File Size 187.51K  /  20 Page

View it Online

Download Datasheet

    AS29F040 AS29F040-120LC AS29F040-150LC AS29F040-150T AS29F040-150TC AS29F040-55LC AS29F040-55TC AS29F040-55TI AS29F040-7

ALSC[Alliance Semiconductor Corporation]
Part No. AS29F040 AS29F040-120LC AS29F040-150LC AS29F040-150T AS29F040-150TC AS29F040-55LC AS29F040-55TC AS29F040-55TI AS29F040-70TC AS29F040-90LC AS29F040-90TI AS29F040-120LI AS29F040-120TC AS29F040-120TI AS29F040-150LI AS29F040-55LI AS29F040-70LC AS29F040-70LI AS29F040-70TI AS29F040-90LI AS29F040-90TC AS29F04D
OCR Text ...20/150 ns address access time * automated on-chip programming algorithm - Automatically programs/verifies data at specified address * automated on-chip erase algorithm - Automatically preprograms/erases chip or specified sectors * 10,000 wr...
Description 5V 512K x 8 CMOS flash EEPROM, access time 70ns
5V 512K x 8 CMOS flash EEPROM, access time 55ns
5V 512K x 8 CMOS flash EEPROM, access time 90ns

File Size 180.09K  /  18 Page

View it Online

Download Datasheet

    FREESCALE[Freescale Semiconductor, Inc]
Part No. MC13201
OCR Text ...ion, air-conditioning (HVAC) -- automated meter reading (AMR) * Industrial Control -- Asset tracking and monitoring -- Homeland security -- Process management -- Environmental monitoring and control -- HVAC -- automated meter reading * Heal...
Description 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard

File Size 231.37K  /  26 Page

View it Online

Download Datasheet

    OX16PCI952-TQAG OX16PCI952-TQC60-A OX16PCI95205 OX16PCI952

OXFORD[Oxford Semiconductor]
Part No. OX16PCI952-TQAG OX16PCI952-TQC60-A OX16PCI95205 OX16PCI952
OCR Text ...nterface * * * * * * * * * * * automated out-of-band flow control using CTS#/RTS# and/or DSR#/DTR# Arbitrary trigger levels for receiver and transmitter FIFO interrupts and automatic in-band and out-ofband flow control Infra-red (IrDA) rec...
Description Integrated High Performance Dual UARTs, Parallel Port and 5.0v PCI interface

File Size 522.94K  /  77 Page

View it Online

Download Datasheet

    Linear Technology Corporation
Part No. LTC6102
OCR Text ... of these voltage levels during automated testing. Note 4: Limits are fully tested. Limit is determined by high speed automated test capability. Note 5: IB specification is limited by practical automated test resolution. Please refer to the...
Description Zero Drift High Side Current Sense Amplifier

File Size 231.64K  /  20 Page

View it Online

Download Datasheet

    OXFORD[Oxford Semiconductor]
Part No. OXCF950 OXCF950-TQ-B OXCF950-TB-B
OCR Text ...f bad data in the receiver FIFO automated in-band flow control using programmable Xon/Xoff characters Transmitter and receiver can be disabled Low power CMOS 3.3V operation, 5V tolerant I/O Extended temperature range -40C to +105C Software ...
Description Single full-duplex asynchronous channel 128-byte deep transmitter / receiver FIFO

File Size 788.53K  /  66 Page

View it Online

Download Datasheet

    OX16PCI954 OX16PCI954-TQC60-A

OXFORD[Oxford Semiconductor]
ETC
Part No. OX16PCI954 OX16PCI954-TQC60-A
OCR Text ...lock prescaler from 1 to 31.875 automated in-band flow control using programmable Xon/Xoff in both directions automated out-of-band flow control using CTS#/RTS# and/or DSR#/DTR# * * * * * * * * * * OX16PCI954 Integrated Quad UART and PCI...
Description Integrated Quad UART and PCI interface

File Size 652.57K  /  72 Page

View it Online

Download Datasheet

    MC13213 MC13211 MC13211R2 MC13212 MC13212R2 MC13213R2 MC1321X

Freescale Semiconductor, Inc
Part No. MC13213 MC13211 MC13211R2 MC13212 MC13212R2 MC13213R2 MC1321X
OCR Text ...ion, air-conditioning (HVAC) -- automated meter reading (AMR) * Industrial Control -- Asset tracking and monitoring -- Homeland security -- Process management -- Environmental monitoring and control -- HVAC -- automated meter reading * Heal...
Description ZigBee- Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard plus Microcontroller
ZigBee⑩- Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE㈢ 802.15.4 Standard plus Microcontroller

File Size 599.08K  /  70 Page

View it Online

Download Datasheet

For automated Found Datasheets File :: 6687    Search Time::3.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of automated

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.47356295585632