Part Number Hot Search : 
SC5028 RKV650KL ES6218A 1SS184 BCX5116 MAXQ7667 FD400R1B BLF647PS
Product Description
Full Text Search
  auto-mdi mdix Datasheet PDF File

For auto-mdi mdix Found Datasheets File :: 393    Search Time::7.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM1100

Broadcom Corporation.
ETC
Part No. BCM1100
OCR Text ...ernet MACs and PHYs * Provides Auto MDI/mdix enabling the use of straight or crossover cables in either port * 1.8/2.5/3.3V Operation * 1.8W Low Power 0.18u Process Technology * 256 PBGA Package HARDWARE PLATFORMS * Wideband Audio C...
Description VOICE OVER IP ETHERNET CPE ENGINE

File Size 38.67K  /  2 Page

View it Online

Download Datasheet





    BCM1115

Electronic Theatre Controls, Inc.
ETC
Broadcom Corporation.
Part No. BCM1115
OCR Text ...er Ethernet standard * Provides auto-mdi/mdix, enabling the use of straight or crossover cables in either port * Enables support of emerging wideband vocoding standards * 0.18 process technology, 1.8/3.3 V * 0.95W peak, 0.3-0.8W standby...
Description SINGLE PORT ENTERPRISE IP PHONE CHIP

File Size 166.83K  /  2 Page

View it Online

Download Datasheet

    BCM5318

Broadcom Corporation.
ETC
Part No. BCM5318
OCR Text ...for corporate users. On-chip HP auto-mdi/mdix feature automatically detects and corrects for crossover cables and allows direct switch-to-switch connection. 24-Port Unmanaged 10/100 Switch BROADCOM PROPRIETARY & CONFIDENTIAL BCM531...
Description RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory
8 PORT 10/100 SWITCH WITH ON CHIP PACKET

File Size 392.32K  /  2 Page

View it Online

Download Datasheet

    BCM5388

ETC[ETC]
Part No. BCM5388
OCR Text ...overall system cost. On-chip HP auto-mdi/mdix on all tranceivers automatically detects and corrects for crossover cables and allows direct switch-to-switch connection. Lowest possible system cost through minimized number of components Highe...
Description 8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY

File Size 217.77K  /  2 Page

View it Online

Download Datasheet

    BCM5402

Electronic Theatre Controls, Inc.
ETC
Broadcom
Part No. BCM5402
OCR Text ...ith the IEEE 802.3 standard for auto-negotiation of speed. Additionally, several Plug and Play enhancements are added to make the device even more userfriendly. A link quality indicator LED gives installers an instant visual indication if t...
Description DUAL PORT 10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER
Dual Port 10/100/1000BASE-T Gigabit Copper Transceiver

File Size 129.67K  /  2 Page

View it Online

Download Datasheet

    BCM5421

ETC
Part No. BCM5421
OCR Text ...ith the IEEE 802.3 standard for auto-negotiation of speed, but additionally supports Ethernet@WireSpeedTM. Ethernet@WireSpeedTM allows the BCM5421 to force auto-negotiation to automatically establish link at speeds that the channel can reli...
Description 10/100/1000 BASE-T GIGABIT COPPER TRANSCEIVER

File Size 161.52K  /  2 Page

View it Online

Download Datasheet

    KS8721BL KS8721SL

MICREL[Micrel Semiconductor]
Micrel Semiconductor,Inc.
Part No. KS8721BL KS8721SL
OCR Text ...lex operation, using an on-chip auto-negotiation algorithm. Combined with Auto MDI/mdix for automatic correction and detection of crossover and straight-through cables, the KS8721BL/SL provides an easy-to-use, high performance solution for ...
Description    3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER

File Size 44.91K  /  2 Page

View it Online

Download Datasheet

    IC Plus Corp 
Part No. IP113A
OCR Text ...Kb RAM for data buffer Supports auto MDI-mdix function Supports link fault pass through function Supports far end fault function LED display for link/activity, full/half, 10/100 Built in a watchdog timer to monitor internal switch error Sup...
Description LAN Transceiver - Datasheet Reference

File Size 885.71K  /  22 Page

View it Online

Download Datasheet

    Broadcom 
Part No. BCM5338M
OCR Text ...TIAL BCM5338M OVERVIEW Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix Auto MDI/mdix MII/Reversed MII Interface Inter-Chip Expansion CPU Interface 10/100 PHY MAC MAC MAC MAC M...
Description Controller Miscellaneous

File Size 135.49K  /  2 Page

View it Online

Download Datasheet

For auto-mdi mdix Found Datasheets File :: 393    Search Time::7.016ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of auto-mdi mdix

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.83830785751343