Part Number Hot Search : 
AMP01AX HC237 72310 HFA1105 C0942A 1H221 SMAJ12CA 51989Q
Product Description
Full Text Search
  atmsonet Datasheet PDF File

For atmsonet Found Datasheets File :: 1789    Search Time::0.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Lineage Power
Part No. ATM
OCR Text atm ph y sical la y er core features n atm header error correction (hec) byte genera- tion/checking n hec-based cell delineation n cell ...sonet) optional external fifo optional control/status interface line byte data and clock utopia micr...
Description Physical Layer Core(异步传输模式物理层内

File Size 106.30K  /  2 Page

View it Online

Download Datasheet





    Lineage Power
Part No. TSWC01622
OCR Text atm clock synthesizer and protection switch features n fully-integrated clock synthesis n clock or sync protection switching n fast, autonom...sonet/sdh/atm output clock frequencies: 622.08 mhz 155.52 mhz 77.76 mhz 51.84 mhz 44.736 mhz 38.88 ...
Description SONET/SDH/PDH/ATM Clock Synthesizer and Protection Switch(SONET/SDH/PDH/ATM 时钟合成器和保护开

File Size 136.54K  /  2 Page

View it Online

Download Datasheet

    TE Connectivity, Ltd.
Part No. V23826-H18-C363-D3 V23826-H18-C63-D3 V23826-H18-C63-C3 V23826-H18-C363-C3
OCR Text atm/sdh/sonet 1x9 transceiver features ? compliant with atm, sonet oc-3, sdh stm-1 and sonet oc-12, sdh stm-4  meets mezzanine standard height of 9.8 mm  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas ...
Description Telecommunication IC 通信集成电路

File Size 287.72K  /  7 Page

View it Online

Download Datasheet

    Infineon
Part No. V23806-A84-C42XX
OCR Text atm/sdh/sonet long haul 1x9 transceiver features ? compliant with atm, sonet oc-3, sdh stm-1  compact integrated transceiver unit with ? mqw laser diode transmitter ? ingaas pin photodiode receiver ? duplex sc receptacle  iec class 1 l...
Description SM 155 Mbd ATM/SDH/SONET Transceiver

File Size 118.04K  /  5 Page

View it Online

Download Datasheet

    UPD98402A UPD98402AGM UPD98402AGM-KED

NEC[NEC]
Part No. UPD98402A UPD98402AGM UPD98402AGM-KED
OCR Text ATM SONET FRAMER The PD98402A is one of the ATM-LAN LSIs and incorporates the TC sublayer function in the SONET/SDHbased physical layer of the ATM protocol. The main functions of the PD98402A include a transmit function for mapping ATM c...
Description LOCAL ATM SONET FRAMER

File Size 174.07K  /  26 Page

View it Online

Download Datasheet

    UPD98404 UPD98404GJ-KEU

NEC[NEC]
Part No. UPD98404 UPD98404GJ-KEU
OCR Text ATM SONET FRAMER DESCRIPTION The PD98404 NEASCOT-P30TM is an LSI for ATM applications, which can be used in ATM adapter boards for connecting PCs or workstations to an ATM network and can also be used in ATM hubs and ATM switches. This ...
Description ADVANCED ATM SONET FRAMER

File Size 193.82K  /  36 Page

View it Online

Download Datasheet

    Applied Micro Circuits Corp.
Applied Micro Circuits, Corp.
Part No. S3035
OCR Text atm oc-3/12 transceiver w/cdr july 25, 2000 / revision e bicmos lvpecl clock generator ? device specification sonet/sdh/atm oc-12 transmitter and receiver s3035 features ? complies with bellcore and itu-t specifications ? on-chip high-freq...
Description SONET/SDH/ATM OC-3/12 Transceiver W/CDR(频率可选,带片上高频锁相环的SONET/SDH收发器(完全集成OC-3/12接口器件 的SONET / SDH / ATMOC-3/12收发的CDR(频率可选,带片上高频锁相环的的SONET / SDH收发器(完全集成OC-3/12接口器件))

File Size 156.29K  /  22 Page

View it Online

Download Datasheet

    UPD98411 UPD98411GN-MMU

NEC[NEC]
Part No. UPD98411 UPD98411GN-MMU
OCR Text ATM QUAD SONET FRAMER The PD98411 NEASCOT-P40 is one of ATM-LAN LSIs and provides the functions of the TC sublayer of the SONET/SDH-base physical layer of the ATM protocol specified by the ATM Forum. Its main functions include a transmis...
Description ATM QUAD SONET FRAMER

File Size 709.29K  /  36 Page

View it Online

Download Datasheet

    PM5312

PMC-Sierra, Inc.
PMC[PMC-Sierra, Inc]
PMC-Sierra Inc
Part No. PM5312
OCR Text ...M-1 byte-serial mode, or STS-12/ATM-4 byte-serial mode. * Compatible with PM5355 S/UNI-622 physical layer interface, PM5344 SPTX SONET/SDH Path Terminating Transceiver, and with commercially available 622 Mbit/s serial-to-parallel conversio...
Description SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
SONET/SDH Transport Overhead Terminating Transceiver

File Size 38.42K  /  2 Page

View it Online

Download Datasheet

    Applied Micro Circuits Corp.
Part No. S3025
OCR Text atm clock recovery unit bicmos pecl clock generator device specification sonet/sdh/atm clock recovery unit s3025 ? features ? complies with ansi, bellcore, and itu-t specifications for jitter tolerance, jitter transfer and jitter generation...
Description SONET/SDH/ATM Clock Recovery Unit(带片上高频锁相环的SONET/SDH/ATM时钟恢复单元)

File Size 96.83K  /  9 Page

View it Online

Download Datasheet

For atmsonet Found Datasheets File :: 1789    Search Time::0.813ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of atmsonet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1000621318817