Part Number Hot Search : 
FM31272 M74ALS1 CSMC550 C9S12 00035 ML4835CP MMSZ4679 STPM1108
Product Description
Full Text Search
  at-200 Datasheet PDF File

For at-200 Found Datasheets File :: 217589    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Mean Well Enterprises Co., ...
Part No. MSP-200-15 MSP-200-3.3 MSP-200-5 MSP-200-36 MSP-200-48 MSP-200-7.5 MSP-200-12 MSP-200-24
OCR Text ...ac 2500ms, 50ms/115vac at full load 16ms/230vac 16ms/115vac at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf>0....200-spec 2014-02-12 5v standby 5vsb : 5v@0.3a ; tolerance 5%, ripple : 50mvp-p(max.) function 0.7...
Description 200W Single Output Medical Type

File Size 159.75K  /  4 Page

View it Online

Download Datasheet





    PSUP-200-15C PSUP-200-15T PSUP-200-12C PSUP-200-24C PSUP-200-48T PSUP-200-24T PSUP200

Wall Industries,Inc.
Part No. PSUP-200-15C PSUP-200-15T PSUP-200-12C PSUP-200-24C PSUP-200-48T PSUP-200-24T PSUP200
OCR Text ...ble setup, rise time < 800ms at full load, < 40ms at full load hold-up time (typical) > 16ms @ 115vac and full load, >32ms @ 230...200-12c 90 ~ 264 vac (127 ~ 370 vdc) 12 vdc 16.7 a 120mvp-p 200.4 w 87% psup-200-15c 90...
Description AC/DC Switching Power Supplies

File Size 318.73K  /  7 Page

View it Online

Download Datasheet

    Total Power Internation...
TOTAL-POWER[Total Power International]
Part No. SP-200 SP-200-7.5 SP-200-12 SP-200-13.5 SP-200-15 SP-200-24 SP-200-27 SP-200-3.3 SP-200-48 SP-200-5
OCR Text ... test Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty SP-200 series SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT SP-200-3.3 3.3V 40A 0 ~ 40A 132W SP-200-5 5V 40A 0 ~ 40A 200W SP...
Description 200W Single Output with PFC Function

File Size 363.17K  /  2 Page

View it Online

Download Datasheet

    BLA1011S-200 BLA1011-200 BLA1011-200.112 LA1011-200

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. BLA1011S-200 BLA1011-200 BLA1011-200.112 LA1011-200
OCR Text ...or for transmitter applications at frequencies from 1030 MHz to 1090 MHz. Table 1: Typical performance RF performance at Th = 25 C in a com...200 250 250 Gp (dB) 15 14 14 D (%) 50 50 50 tr (ns) 35 35 35 tf (ns) 6 6 6 1.2 Features s Typica...
Description Avionics LDMOS transistor BLA1011S-200<SOT502B (SOT502B)|<<http://www.nxp.com/packages/SOT502B.html<1<Always Pb-free,;
200 W LDMOS avionics power transistor for transmitter applications at frequencies from 1030 MHz to 1090 MHz.

File Size 65.85K  /  13 Page

View it Online

Download Datasheet

    BYV32E-200 BYV32E-100 BYV32EB BYV32EB-150 BYV32E-150 BYV32EB-200 BYV32E

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. BYV32E-200 BYV32E-100 BYV32EB BYV32EB-150 BYV32E-150 BYV32EB-200 BYV32E
OCR Text ... characteristics are per diode at Tj = 25 C unless otherwise stated SYMBOL VF IR Qs trr1 trr2 Vfr PARAMETER Forward voltage Reverse current...200 Philips Semiconductors Product specification Rectifier diodes ultrafast, rugged BYV3...
Description Rectifier diodes ultrafast, rugged 20 A, 200 V, SILICON, RECTIFIER DIODE
Rectifier diodes ultrafast/ rugged

File Size 52.40K  /  7 Page

View it Online

Download Datasheet

    SST29VE512-200-4C-EH SST29VE512-200-4C-NH SST29VE512-200-4C-PH SST29VE512-200-4C-UH SST29VE512 SST29VE512-250-4C-U2 SST2

SST
Silicon Storage Technology, Inc
Part No. SST29VE512-200-4C-EH SST29VE512-200-4C-NH SST29VE512-200-4C-PH SST29VE512-200-4C-UH SST29VE512 SST29VE512-250-4C-U2 SST29EE512 SST29EE512-90-4C-U2 SST29EF010-250-4I-NH SST29EF010-70-4C-EH SST29EF010-70-4C-NH SST29EF010-70-4C-PH SST29EF010-70-4C-WH SST29EF010-70-4I-EH SST29EF010-70-4I-NH SST29EF010-70-4I-PH SST29EF010-70-4I-WH SST29EF010-90-4C-EH SST29EF010-90-4C-NH SST29EF010-90-4C-PH SST29EF010-90-4C-WH SST29EF010-90-4I-EH SST29EF010-90-4I-NH SST29EF010-90-4I-PH SST29EF010-90-4I-WH SST29LE512 SST29LE512-200-4C-U2 SST29LF010-250-4I-NH SST29VF010-250-4I-NH
OCR Text ...cycles. Data retention is rated at greater than 100 years. The SST29EE/LE/VE512 are suited for applications that require convenient and econ...200 s (TBLCO) from the last byte-load cycle, i.e., no subsequent WE# or CE# high-to-low transition a...
Description 512 Kbit (64K x8) Page-Mode EEPROM

File Size 309.76K  /  26 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. BLF7G15LS-200
OCR Text at frequencies from 1450 mhz to 1550 mhz. [1] test signal: 3gpp; test model 1; 64 dpch; par = 7.5 db at 0.01 % probability on ccdf per ca...200 power ldmos transistor rev. 3 ? 22 july 2011 product data sheet table 1. typical performance typ...
Description Power LDMOS transistor

File Size 95.74K  /  11 Page

View it Online

Download Datasheet

    BUK455-200 BUK455-200A BUK455-B200B BUK455-200B BUK455

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. BUK455-200 BUK455-200A BUK455-B200B BUK455-200B BUK455
OCR Text ...velopes. 3. Epoxy meets UL94 V0 at 1/8". August 1996 6 Rev 1.100 Philips Semiconductors Product Specification PowerMOS transistor BUK455-200A/B DEFINITIONS Data sheet status Objective specification Product specifica...
Description PowerMOS transistor

File Size 69.53K  /  7 Page

View it Online

Download Datasheet

For at-200 Found Datasheets File :: 217589    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of at-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.96087408065796