Part Number Hot Search : 
BR24E6TB C550B OSO5M 00F1T 15N60C MV8813 MB3829 4232AUA
Product Description
Full Text Search
  apparent Datasheet PDF File

For apparent Found Datasheets File :: 883    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Advanced Ceramic X
Part No. CP1005 CP1005-19C0897
OCR Text ...procedure solderability 1. no apparent damage 2. more than 95% of the terminal electrode shall be covered with new solder 1. preheat: 120 ? 5 o c 2. solder: 245 ? 5 o c for 5 ? 1 sec soldering strength (termination adhesion) ...
Description Multilayer Chip Couplers

File Size 122.11K  /  7 Page

View it Online

Download Datasheet





    AD[Analog Devices]
Part No. EVAL-ADE7763EB ADE7763 ADE7763ARS ADE7763ARSRL
OCR Text apparent Energy Metering IC ADE7763 FEATURES High accuracy; supports IEC 61036/60687, IEC62053-21, and IEC62053-22 On-chip digital integrator enables direct interface-to-current sensors with di/dt output A PGA in the current channel allow...
Description Single-Phase Active and apparent Energy Metering IC

File Size 1,039.37K  /  56 Page

View it Online

Download Datasheet

    SPT-90AV51HXA1 SPT-90

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. SPT-90AV51HXA1 SPT-90
OCR Text ...power (@ 25C 5C, R.H. 60%) apparent power (@ 25C 5C, R.H. 60%) Additional errors Humidity Input frequency Magnetic field Ripple Sampling rate Display (programming unit) Programming software Output Specifications Analogue ou...
Description Energy Management Modular Smart Power Transducer

File Size 219.99K  /  10 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
Part No. STPM01FTR STPM01
OCR Text apparent energies and RMS values Ripple free active energy pulsed output Live and neutral monitoring for tamper detection Easy and fast digital calibration in only one point over the whole current range OTP for calibration and configuration...
Description Programmable single phase energy metering IC

File Size 723.80K  /  56 Page

View it Online

Download Datasheet

    ADE8052-DWDL1 ADE8052-EMUL1 ADE8052-PRG1 EVAL-ADE7569F16EBZ EVAL-ADE7169F16EBZ ADE7569ACPZF16 ADE7169ACPZF16 ADE7569ACPZ

Analog Devices
Part No. ADE8052-DWDL1 ADE8052-EMUL1 ADE8052-PRG1 EVAL-ADE7569F16EBZ EVAL-ADE7169F16EBZ ADE7569ACPZF16 ADE7169ACPZF16 ADE7569ACPZF16-RL ADE7169ACPZF16-RL ADE7566ACPZF16 ADE7566ACPZF16-RL ADE7566ACPZF8 ADE7566ACPZF8-RL ADE7166ACPZF8 ADE7166ACPZF8-RL ADE8052Z-EMUL1 ADE7566ASTZF8-RL ADE7166ASTZF8-RL ADE8052Z-DWDL1 ADE8052Z-PRG1 ADE7166 ADE7166ACPZF16 ADE7166ACPZF16-RL ADE7166ASTZF16 ADE7566 ADE7566ASTZF16 ADE7566ASTZF16-RL ADE7566ASTZF8 ADE7569
OCR Text ...ive (Watt), reactive (VAR), and apparent energy (VA) measurement Less than 0.1% error on active energy over a dynamic range of 1000 to 1 @ 25C Less than 0.5% error on reactive energy over a dynamic range of 1000 to 1 @ 25C (ADE7569 and ADE7...
Description Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver

File Size 1,689.13K  /  144 Page

View it Online

Download Datasheet

    ADE7753 ADE7753ARS ADE7753ARSRL

AD[Analog Devices]
Part No. ADE7753 ADE7753ARS ADE7753ARSRL
OCR Text apparent Energy Metering IC with di/dt sensor interface Preliminary Technical Data ADE7753* precise phase matching between the current and voltage channels. The integrator can be switched on and off based on the current sensor selected. Th...
Description Active, Reactive, and apparent Energy Metering IC with di/dt Input (Serial-Port Interface)
Active and apparent Energy Metering IC with di/dt sensor interface

File Size 448.71K  /  38 Page

View it Online

Download Datasheet

    ADE7754 ADE7754AR ADE7754ARRL EVAL-ADE7754EB

AD[Analog Devices]
Part No. ADE7754 ADE7754AR ADE7754ARRL EVAL-ADE7754EB
OCR Text ...solutions to measure Active and apparent Energy from the six analog inputs thus enabling the use of the ADE7754 in various Power meter services as 3-phase 4-wire, 3-phase 3-wire but also 4-wire delta. In addition to RMS calculation, Real an...
Description ADE7754
Poly-phase Multi-Function Energy Metering IC with Serial Port

File Size 635.78K  /  44 Page

View it Online

Download Datasheet

    ADE7758 ADE7758ARW ADE7758ARWRL ADE7758ARWZ ADE7758ARWZRL

AD[Analog Devices]
Part No. ADE7758 ADE7758ARW ADE7758ARWRL ADE7758ARWZ ADE7758ARWZRL
OCR Text ...at 25C Supplies active/reactive/apparent energy, voltage rms, current rms, and sampled waveform data Two pulse outputs, one for active power and the other selectable between reactive and apparent power with programmable frequency Digital po...
Description Poly Phase Multifunction Energy Metering IC with Per Phase Information

File Size 1,212.49K  /  68 Page

View it Online

Download Datasheet

    SMC
Part No. VXZ2
OCR Text ...ations model power frequency apparent power va power consumption temp. rise c supply hz inrush holding w (holding) (rated voltage) vxz22 ac 50 60 (53) 18 7.5 60 60 51 (44) 12 6 50 dc - - - 8 60 vxz23 ac 50 80 21 11 65 60 67 17 9.5 60 d...
Description Installation and Maintenance Manual Series

File Size 3,009.67K  /  2 Page

View it Online

Download Datasheet

    AN-1077

International Rectifier
Part No. AN-1077
OCR Text ...d as the ratio of real power to apparent power, where real power is the time integral of the instantaneous power measured over a full period and the apparent power is simply the product of the rms voltage and rms current measured over the e...
Description PFC Converter Design with IR1150 One Cycle Control IC

File Size 442.46K  /  20 Page

View it Online

Download Datasheet

For apparent Found Datasheets File :: 883    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of apparent

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.94668507575989