|
|
|
Allied Components International Allied Components Inter...
|
Part No. |
AMPC20-5R6K-RC AMPC20-561K-RC AMPC20-560K-RC AMPC20-390K-RC AMPC20-153K-RC AMPC20-272K-RC AMPC20-472K-RC AMPC20-152K-RC AMPC20-100K-RC AMPC20-101K-RC AMPC20-102K-RC AMPC20-103K-RC AMPC20-120K-RC AMPC20-121K-RC AMPC20-122K-RC AMPC20-123K-RC AMPC20-150K-RC AMPC20-151K-RC AMPC20-180K-RC AMPC20-181K-RC AMPC20-182K-RC AMPC20-183K-RC AMPC20-220K-RC AMPC20-221K-RC AMPC20-222K-RC AMPC20-270K-RC AMPC20-271K-RC AMPC20-330K-RC AMPC20-331K-RC AMPC20-332K-RC AMPC20-391K-RC AMPC20-392K-RC AMPC20-3R9K-RC AMPC20-470K-RC AMPC20-821K-RC AMPC20-681K-RC AMPC20-820K-RC AMPC20-6R8K-RC AMPC20-8R2K-RC AMPC20-562K-RC AMPC20-680K-RC AMPC20-4R7K-RC AMPC20-822K-RC
|
Description |
1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED, ROHS COMPLIANT Axial Molded Power Chokes
|
File Size |
682.10K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Murata Manufacturing Co Ltd |
Part No. |
GRM022C81C222KE01L
|
Description |
Chip Multilayer Ceramic Capacitors for General Purpose
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Murata Manufacturing Co Ltd |
Part No. |
GRM022C71A222KE19L
|
Description |
Chip Multilayer Ceramic Capacitors for General Purpose
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
SER2915L-222KL
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ferrite-Core, SMD, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
DO3316P-222KLB
|
Description |
General Purpose Inductor, 2.2uH, 10%, Ferrite-Core, 5137,
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
SER2915H-222KL
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ferrite-Core, SMD, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
DO3316P-222KLD
|
Description |
General Purpose Inductor, 2.2uH, 10%, Ferrite-Core, 5137,
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
1008PS-222KLB
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ceramic-ferrite-Core, SMD, 1515, CHIP, 1515, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
1812PS-222KLB
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ceramic-ferrite-Core, SMD, 1812, CHIP, 1812, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
BOURNS INC Bourns Electronic Solut...
|
Part No. |
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-RC 1120-1R8M-RC 1120-331K-RC 1120-471K-RC 1120-152K-RC 1120-121K-RC 1120-122K-RC 1120-120K-RC 1120-102K-RC
|
Description |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
File Size |
422.46K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Coilcraft Inc |
Part No. |
SER2814L-222KL
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ferrite-Core, SMD, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
|
|
Coilcraft Inc |
Part No. |
1008PS-222KLC
|
Description |
General Purpose Inductor, 2.2uH, 10%, 1 Element, Ceramic-ferrite-Core, SMD, 1515, CHIP, 1515, ROHS COMPLIANT
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|