Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
  AMPALHCT29M16-35DCB Datasheet PDF File

For AMPALHCT29M16-35DCB Found Datasheets File :: 15+       Page :: | <1> | 2 |   

    ADVANCED MICRO DEVICES INC
Part No. AMPALHCT29M16-45JC AMPALHCT29M16-35DCB
Description EE PLD, 45 ns, PQCC28
EE PLD, 35 ns, CDIP24

File Size 560.02K  /  18 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Shindengen Electric Manufacturing Co., Ltd.
Part No. AM2167-35PCB AM2167-70/BUA AM2167-70DCB AM2167-70PCB AM2167-45/BUA AM2167-45DCB AM2167-45PCB AM2167-35LCB AM2167-35DCB AM2167-55DCB AM2167-55/BUA
Description x1 SRAM
Power Factor Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
Low Cost Video Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
Power Factor Controller; Package: SO; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C x1的SRAM

File Size 233.20K  /  9 Page

View it Online

Download Datasheet

    3M Company
Part No. AM2168-45/BUA AM2169-70DCB AM2169-40PC AM2169-40LC AM2169-40DC AM2169-50DC AM2169-50PC AM2169-70/BUA AM2169-35DC AM2168-35DCB AM2168-55DC AM2168-45DCB AM2168-35LCB AM2169-50/BRA AM2168-70PC
Description Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C
Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
1.5A Boost DC/DC Converter with Phase-Locked Loop; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C
Low Cost Dual and Quad Video Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C
Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
x4 SRAM x4的SRAM

File Size 231.74K  /  9 Page

View it Online

Download Datasheet

    AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25DCB AM91L50-25LCB AM91L50-35DC AM91L50-35DCB AM91L50-35LC AM91L50-45DC

AMD[Advanced Micro Devices]
Advanced Micro Devices, Inc.
ADVANCED MICRO DEVICES INC
Part No. AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25DCB AM91L50-25LCB AM91L50-35DC AM91L50-35DCB AM91L50-35LC AM91L50-45DC AM91L50-45DCB AM91L50-45LCB AM91L50-20 AM91L50-20DCB AM91L50-25LC AM91L50-25 AM91L50-45 AM91L50-20DC AM91L50-35LCB AM91L50-45LC AM9150-25 AM9150 AM91L50-35 AM9150-45DC AM9150-25DC AM9150-25DCB AM9150-35DC AM9150-35DCB AM9150-45LCB AM9150-20LCB AM9150-25_BKA AM9150-25_BKC AM9150-25_BLA AM9150-25_BLC AM9150-25_BUA AM9150-25_BUC AM9150-25LC AM9150-25LCB AM9150-35 AM9150-35_BKA AM9150-35_BKC AM9150-35_BLA AM9150-35_BLC AM9150-35_BUA AM9150-35_BUC AM9150-35LC AM9150-35LCB AM9150-45 AM9150-45_BKA AM9150-45_BKC AM9150-45_BLA AM9150-45_BLC AM9150-45_BUA AM9150-45_BUC AM9150-45DCB AM9150-45LC AM9150-45/BLA AM9150-25/BLC AM9150-20LC AM9150-20DC AM9150-25/BKC AM9150-35/BUA AM9150-45/BUA AM9150-45/BKA AM9150-45/BLC AM9150-45/BUC AM9150-45/BKC AM9150-35/BUC AM9150-35/BKA AM9150-35/BKC AM9150-35/BLA AM9150-35/BLC AM9150-25/BUC AM9150-25/BUA AM9150-25/BKA AM9150-25/BLA
Description 1024 x 4 High-Speed Static R/W RAM
Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W
External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
External Plug-In Power Supply; Series:FW18; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Input Current:1.50A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes
External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes
External Plug-In Power Supply; Series:FW18; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Input Current:0.75A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes
1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CDIP24
1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CQCC28
1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CDIP24
1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CQCC28
1024x4 High-Speed Static R/W RAM 1024x4高速静电读/写内
1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 25 ns, CDIP24

File Size 570.13K  /  9 Page

View it Online

Download Datasheet

    AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC AM2149-70LC AM2148-55DC AM2148-55LC AM2148-55PC AM2149-55DC AM2149-55P

Advanced Micro Devices, Inc.
Rochester Electronics, LLC
TT electronics Semelab, Ltd.
Glenair, Inc.
Part No. AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC AM2149-70LC AM2148-55DC AM2148-55LC AM2148-55PC AM2149-55DC AM2149-55PC AM21L49-55LC AM2149-55LC AM2148-70/LMC AM2149-35DCB AM2148-45PC AM2149-35LCB AM21L49-35DC AM2148-45DC AM2148-45LC AM2148-70LC AM2148-70DC AM21L48-45LCB AM21L48-45DCB AM2149-45/BUA AM2148-45/BUA AM2148-35LCB AM21L48-55LCB AM21L48-70LCB AM2148-55/BUA AM2149-55/BUA AM2148-70/BUA AM2149-45DC AM2149-45LC AM21L49-45DC
Description 1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C
14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????)
14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C
17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C
1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C
Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C
Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大
Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C x4的SRAM
x4 SRAM x4的SRAM
150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C x4的SRAM
23MHz, 50V/&#181;s, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40&deg;C to 85&deg;C

File Size 233.49K  /  9 Page

View it Online

Download Datasheet

    Bourns, Inc.
Analog Devices, Inc.
Part No. AM27S07-35PC AM27S07-50/B2A AM27S07-50/BEA AM27S07-35DC AM27S07-35DCB AM27S07-35PCB AM27S07-50/BFA AM27S07-20/BEA AM27S07/B2A AM27S07-25PCB
Description x4 SRAM x4的SRAM
x4 SRAM x4SRAM

File Size 194.69K  /  7 Page

View it Online

Download Datasheet

    AM99CL641 AM99CL641-25DC AM99CL641-25DCB AM99CL641-25LC AM99CL641-25LCB AM99CL641-25PC AM99CL641-25PCB AM99CL641-35_BUA

Ironwood Electronics

Advanced Micro Devices
Part No. AM99CL641 AM99CL641-25DC AM99CL641-25DCB AM99CL641-25LC AM99CL641-25LCB AM99CL641-25PC AM99CL641-25PCB AM99CL641-35_BUA AM99CL641-35_BXA AM99CL641-35_BXC AM99CL641-35_LMC AM99CL641-35DC AM99CL641-35DCB AM99CL641-35DE AM99CL641-35LC AM99CL641-35LCB AM99CL641-35LE AM99CL641-35LEB AM99CL641-35PC AM99CL641-35PCB AM99CL641-45_BUA AM99CL641-45_BXA AM99CL641-45_BXC AM99CL641-45_LMC AM99CL641-45DC AM99CL641-45DCB AM99C641-45/BUA AM99CL641-45/BUA AM99C641-45/BXC AM99CL641-45/BXC AM99CL641-70/LMC AM99C641-70/LMC AM99CL641-35/BXA AM99C641-35/BXA AM99C641-35/BXC AM99CL641-35/BXC AM99CL641-45/BXA AM99C641-45/BXA AM99C641-35DE AM99C641-35DC AM99C641-35/LMC AM99CL641-35/LMC AM99C641-70DC AM99C641-70DE AM99C641-45/LMC AM99CL641-45/LMC AM99C641-70/BXC AM99CL641-70/BXC AM99CL641-55/LMC AM99C641-55/BWA AM99C641-45/BWA AM99C641-25LCB AM99C641-45DEB AM99C641-55DEB AM99CL641-55DC AM99CL641-55DE
Description x1 SRAM x1的SRAM
x1SRAM
66,536x1 Static Read/Write Random-Access Memory

File Size 412.29K  /  19 Page

View it Online

Download Datasheet

    P10C68-45 P11C68-35CGDCBS P10C68-35CGDCBS P10C68-35IGDCBS P11C68-35IGDCBS P10C68-45IGDCBS P11C68-45IGDCBS P10C68-IGDCBS

Zarlink Semiconductor I...
Zarlink Semiconductor Inc
Part No. P10C68-45 P11C68-35CGDCBS P10C68-35CGDCBS P10C68-35IGDCBS P11C68-35IGDCBS P10C68-45IGDCBS P11C68-45IGDCBS P10C68-IGDCBS P11C68-IGDCBS P10C68-35IGDPBS P11C68-35IGDPBS P10C68-45IGDPBS P10C68-45CGDCBS P10C68-CGDCBS P11C68-45CGDCBS P11C68-CGDCBS P10C68-IGDPBS P10C68-DCBS P11C68-DCBS P10C68-DPBS P11C68-DPBS P11C68-IGDPBS P10C68-IG P11C68-35CG P11C68-35CGDPBS P10C68-35CGDPBS P10C68-35DCBS P11C68-45CGDPBS P11C68-45DCBS P11C68-45DPBS P11C68-45IG P10C68-CGDPBS P10C68-45DCBS P10C68-45DPBS P10C68-45CGDPBS P11C68-45IGDPBS P11C68-35IG P11C68-35DCBS P11C68-CGDPBS
Description CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM

File Size 152.57K  /  17 Page

View it Online

Download Datasheet

    Zarlink Semiconductor Inc.
Zarlink Semiconductor, Inc.
Part No. P11C68-35 P10C68-35CG P10C68-35IG P10C68-IG P10C68-IGDPBS P11C68-IGDCBS P11C68-IGDPBS P10C68-DPBS P11C68-DPBS P10C68-DCBS P11C68-DCBS P10C68-IGDCBS P10C68-45 P11C68-45IGDCBS P10C68-35IGDPBS P10C68-45IGDCBS P11C68-35IGDPBS P10C68-35IGDCBS P11C68-35IGDCBS P10C68-45IGDPBS P10C68-45CG P10C68-35CGDPBS P10C68-45CGDPBS P10C68-CGDPBS P11C68-45DPBS P11C68-CGDPBS P11C68-35CGDPBS P10C68-35CGDCBS P11C68-45CGDPBS P11C68-35DPBS P10C68-35DPBS P10C68-45DPBS P10C68-45CGDCBS P11C68-35CGDCBS P10C68-45DCBS P10C68-CGDCBS P10C68-35DCBS
Description CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM 的CMOS / SNOS非易失性SRAM的高性能8亩8非易失性静态RAM

File Size 152.21K  /  17 Page

View it Online

Download Datasheet

    EPCOS AG
TOKO, Inc.
Advanced Micro Devices, Inc.
Analog Devices, Inc.
Part No. AM99C164-45/BXC AM99CL164-45/BXC AM99C164-45/BXA AM99CL164-45/BXA AM99CL165-55PC AM99C165-55PCB AM99C165-55LCB AM99CL165-55PCB AM99C165-55/BLA AM99C165-55DC AM99CL165-55LE AM99C165-55DE AM99CL165-55LC AM99CL165-55LCB AM99CL165-55DC AM99CL165-55DE AM99CL165-55/BLA AM99C165-55LE AM99C165-55/BUA AM99C165-55DCB AM99CL165-55DCB AM99CL165-35PC AM99CL165-35PCB AM99C165-45LE AM99C165-70LE AM99CL165-70LE AM99CL165-35LCB AM99CL165-45LE AM99CL165-35DCB AM99C165-70/BLA AM99CL165-70/BLA AM99CL164-70/BXC AM99C164-70/BXC AM99CL165-45/BLA AM99C164-35LCB AM99C164-35DCB AM99CL165-70PC AM99C165-45LC AM99C165-70LC AM99C165-45LCB AM99C165-70PC AM99C165-70PCB AM99C165-35LC AM99C165-35LCB AM99C165-70LCB AM99C164-55LC AM99C164-55DCB AM99C164-55DE AM99C164-35PC AM99C164-35PCB AM99C164-45/BUA AM99C164-45DC AM99C164-45DCB AM99C164-45DE AM99C164-55/BXC AM99C164-55LCB AM99C164-55LE AM99C164-55/BUA AM99C164-55/BXA AM99C164-55PC AM99C164-55PCB AM99C165-45/BLA AM99CL165-45DC AM99C164-70DE AM99CL164-70DE AM99CL164-45LC AM99CL164-35LC AM99CL164-55PCB AM99CL165-45LC
Description x4 SRAM x4的SRAM

File Size 463.62K  /  20 Page

View it Online

Download Datasheet

For AMPALHCT29M16-35DCB Found Datasheets File :: 15+       Page :: | <1> | 2 |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of AMPALHCT29M16-35DCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.38884902000427