|
|
![](images/bg04.gif) |
Advanced Micro Devices, Inc.
|
Part No. |
AM29F010B-90JI AM29F010B-120EC AM29F010B-120EI AM29F010B-55PI
|
Description |
1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32
|
File Size |
586.48K /
34 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Rochester Electronics, LLC
|
Part No. |
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C040-90EC AM27C040-200EC AM27C040-150EC AM27C040-120EI
|
Description |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
File Size |
681.56K /
13 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Advanced Linear Devices, Inc.
|
Part No. |
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120WCC AM29LV017D-90FC AM29LV017D-90EI AM29LV017D-120EI
|
Description |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
File Size |
640.33K /
44 Page |
View
it Online |
Download Datasheet
|
|
![](images/bom2buy.png)
Bom2Buy.com
![](images/findchips_sm.gif)
Price and Availability
|