|
|
|
Rochester Electronics, LLC Amphenol, Corp. Advanced Micro Devices, Inc.
|
Part No. |
AM29F400B-75FC AM29F400B-75SC AM29F400B-75EC AM29F400B-90SC AM29F400T-150SI AM29F400T-150SE AM29F400T-150SC AM29F400T-150SEB AM29F400T-150FI AM29F400T-75EC AM29F400T-120EC AM29F400T-90EC AM29F400T-150EC AM29F400B-90FI AM29F400B-150EEB AM29F400B-120EEB AM29F400B-120SEB AM29F400B-90SEB AM29F400B-150SEB AM29F400T-120EI AM29F400B-150EC AM29F400B-150EI AM29F400B-90FE AM29F400B-90EE AM29F400T-120EE AM29F400T-120EEB AM29F400B-150FI AM29F400T-90EEB AM29F400T-90FE AM29F400T-90FEB AM29F400T-75FC
|
Description |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP064V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ24N with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU120N with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EL with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3710ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFZ46NL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRF1010N with Lead-Free Packaging. 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7466 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2505S with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3911 with Lead Free Packaging 40V Single N-Channel Automotive HEXFET Power MOSFET in a TO-220AB package; Similar to IRF4104 with Lead Free Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR3303 with Lead Free Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRLZ24N with Standard Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7821 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3707ZCL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL8113L with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7484 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3910 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3910 with Lead Free Packaging 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR2908 with Lead Free Packaging
|
File Size |
1,107.28K /
37 Page |
View
it Online |
Download Datasheet |
|
|
|
|
|
Spansion, Inc.
|
Part No. |
AM29F400BT-70EF
|
Description |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:4Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 256K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
File Size |
574.08K /
43 Page |
View
it Online |
Download Datasheet |
|
|
|
Advanced Micro Devices, Inc.
|
Part No. |
AM29F400BT-90FC AM29F400BT-90EIB AM29F400BT-90SE
|
Description |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO44
|
File Size |
234.70K /
37 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|