|
|
|
|
|
Advanced Micro Devices, Inc. http://
|
Part No. |
AM29F200AB-150EEB AM29F200AB-70FC AM29F200AB-90SEB AM29F200AT-90SEB AM29F200AB-55FCB AM29F200AB-55FIB AM29F200AB-55EEB AM29F200AB-55EIB AM29F200AB-55FEB AM29F200AB-120ECB AM29F200AB-120EEB AM29F200AT-55FCB AM29F200AT-55FIB AM29F200AT-70EC AM29F200AT-120SIB
|
Description |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 Dual Retriggerable Monostable Multivibrators 16-SSOP -40 to 85 128K X 16 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存
|
File Size |
243.30K /
39 Page |
View
it Online |
Download Datasheet |
|
|
|
Advanced Micro Devices, Inc.
|
Part No. |
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150SE AM29F400AT-120SE AM29F400AT-120SEB AM29F400AB-120EEB AM29F400AB-150SEB AM29F400AB-120SEB
|
Description |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
File Size |
1,971.24K /
35 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol, Corp.
|
Part No. |
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM29F080-150FI AM29F080-120SEB AM29F080-150FEB AM29F080-120EEB AM29F080-150FIB AM29F080-150EC AM29F080-150EIB AM29F080-150FC
|
Description |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
File Size |
1,017.14K /
34 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|