|
|
|
|
|
Spansion Inc. Spansion, Inc.
|
Part No. |
AM29F017D-90FC AM29F017D-70FC AM29F017D-150FC AM29F017D-120FC AM29F017D-120E4E AM29F017D-150E4E AM29F017D-120E4C AM29F017D-120E4I AM29F017D-150E4C AM29F017D-150E4I AM29F017D-150FI AM29F017D-150FE AM29F017D-90EC AM29F017D-150EC AM29F017D-70E4I AM29F017D-70EI AM29F017D-70FI AM29F017D-70E4C AM29F017D-70F4I AM29F017D-90FI AM29F017D-90EE AM29F017D-90FE AM29F017D-90EI AM29F017D-120EC
|
Description |
LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-263; No of Pins: 3; Qty per Container: 45; Container: Rail CAT 5E PATCH CORD, BLACK 10FT LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-3; No of Pins: 2; Qty per Container: 50; Container: Tray LM140L/LM340L Series 3-Terminal Positive Regulators; Package: TO-39; No of Pins: 3; Qty per Container: 500; Container: Box LM140L/LM340L Series 3-Terminal Positive Regulators; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-263; No of Pins: 3; Qty per Container: 500; Container: Reel 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 16兆位米8位)的CMOS 5.0伏只,统一部门快闪记忆 LM3410/LM3410Q 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation; Package: MINI SOIC EXP PAD; No of Pins: 8; Qty per Container: 1000; Container: Reel 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 LM3410/LM3410Q 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
File Size |
731.96K /
44 Page |
View
it Online |
Download Datasheet |
|
|
|
Amphenol, Corp.
|
Part No. |
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM29F080-150FI AM29F080-120SEB AM29F080-150FEB AM29F080-120EEB AM29F080-150FIB AM29F080-150EC AM29F080-150EIB AM29F080-150FC
|
Description |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
File Size |
1,017.14K /
34 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|