|
|
|
Advanced Micro Devices, Inc. Cinch Connectors
|
Part No. |
AM29F016B-120FC AM29F016B-120FI AM29F016B-75FC AM29F016B-120F4C AM29F016B-120F4I AM29F016B-75FI AM29F016B-150F4I AM29F016B-150FC AM29F016B-120FE AM29F016B-75F4C AM29F016B-120F4E AM29F016B-150FE AM29F016B-150F4EB AM29F016B-150E4C AM29F016B-120E4EB AM29F016B-120EEB AM29F016B-150EEB AM29F016B-150FEB AM29F016B-150SEB AM29F016B-150E4E AM29F016B-150E4EB AM29F016B-75SC AM29F016B-75FIB AM29F016B-75EIB AM29F016B-75EC AM29F016B-75E4I AM29F016B-120EI AM29F016B-90SI AM29F016B-75ECB AM29F016B-90FEB AM29F016B-120EC AM29F016B-90FI AM29F016B-90SEB AM29F016B-90FC AM29F016B-150E4I AM29F016B-120E4I AM29F016B-90EEB AM29F016B-75SIB AM29F016B-120SI AM29F016B-150EC AM29F016B-150SI AM29F016B-150EI
|
Description |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to the IRFZ44VL with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4610 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU48Z with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4410 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410ZPBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Lead-Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3007 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2505 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7832Z with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3007L with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL1104L with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3007 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3103 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46Z with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB41N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU48Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3707ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404L with Standard Packaging PDP Switch 230V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4233PBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF1404L with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU7833 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7833 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRL2505 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7831 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3007L with Lead Free Packaging x8闪存EEPROM
|
File Size |
806.24K /
40 Page |
View
it Online |
Download Datasheet |
|
|
|
|
|
Advanced Micro Devices, Inc.
|
Part No. |
AM29F010B-90JI AM29F010B-120EC AM29F010B-120EI AM29F010B-55PI
|
Description |
1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32
|
File Size |
586.48K /
34 Page |
View
it Online |
Download Datasheet |
|
|
|
Rochester Electronics, LLC
|
Part No. |
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C040-90EC AM27C040-200EC AM27C040-150EC AM27C040-120EI
|
Description |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
File Size |
681.56K /
13 Page |
View
it Online |
Download Datasheet |
|
|
|
Advanced Linear Devices, Inc.
|
Part No. |
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120WCC AM29LV017D-90FC AM29LV017D-90EI AM29LV017D-120EI
|
Description |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
File Size |
640.33K /
44 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|